Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI840X Datasheet(PDF) 31 Page - Silicon Laboratories

Part # SI840X
Description  BIDIRECTIONAL I2C ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI840X Datasheet(HTML) 31 Page - Silicon Laboratories

Back Button SI840X_18 Datasheet HTML 26Page - Silicon Laboratories SI840X_18 Datasheet HTML 27Page - Silicon Laboratories SI840X_18 Datasheet HTML 28Page - Silicon Laboratories SI840X_18 Datasheet HTML 29Page - Silicon Laboratories SI840X_18 Datasheet HTML 30Page - Silicon Laboratories SI840X_18 Datasheet HTML 31Page - Silicon Laboratories SI840X_18 Datasheet HTML 32Page - Silicon Laboratories SI840X_18 Datasheet HTML 33Page - Silicon Laboratories SI840X_18 Datasheet HTML 34Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
Si840x
Rev. 1.6
31
12. Top Marking: 8-Pin Narrow Body SOIC
12.1. 8-Pin Narrow Body SOIC Top Marking
12.2. Top Marking Explanation
Line 1 Marking:
Base Part Number
Ordering Options
(See Ordering Guide for more
information).
Si84 = Isolator I2C Product Series:
XY = Channel Configuration

00 = Bidirectional SCL and SDA channels

01/02 = Bidirectional SDA channel;
Unidirectional SCL channel
S = Speed Grade

A=1.7Mbps
V = Isolation rating

A=1kV; B=2.5kV
Line 2 Marking:
YY = Year
WW = Work week
Assigned by assembly contractor. Corresponds to the
year and work week of the mold date.
R = Product Rev
F=Wafer Fab
First two characters of the manufacturing code from
Assembly.
Line 3 Marking:
Circle = 1.1 mm Diameter
Left-Justified
“e3” Pb-Free Symbol
A = Assembly Site
I = Internal Code
XX = Serial Lot Number
Last four characters of the manufacturing code from
assembly.
Si84XYSV
YYWWRF
AIXX
e3


Similar Part No. - SI840X_18

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI840X SILABS-SI840X Datasheet
1Mb / 34P
   BIDIRECTIONAL I2C ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
logo
Skyworks Solutions Inc.
SI840X SKYWORKS-SI840X Datasheet
1Mb / 34P
   BIDIRECTIONAL I2C ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
Revision 0.1 to Revision 1.0
More results

Similar Description - SI840X_18

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI860X SKYWORKS-SI860X Datasheet
718Kb / 39P
   Bidirectional I2C Isolators with Unidirectional Digital Channels
December 14, 2021
logo
Silicon Laboratories
SI840X SILABS-SI840X Datasheet
1Mb / 34P
   BIDIRECTIONAL I2C ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
logo
Skyworks Solutions Inc.
SI840X SKYWORKS-SI840X Datasheet
1Mb / 34P
   BIDIRECTIONAL I2C ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
Revision 0.1 to Revision 1.0
logo
Silicon Laboratories
SI8605 SILABS-SI8605 Datasheet
813Kb / 40P
   BIDIRECTIONAL IC ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
logo
Texas Instruments
ISO1640 TI-ISO1640 Datasheet
978Kb / 28P
[Old version datasheet]   ISO164x Robust-EMC Bidirectional I2C Digital Isolators
ISO1640-Q1 TI-ISO1640-Q1 Datasheet
1,001Kb / 28P
[Old version datasheet]   ISO164x-Q1 Robust-EMC Bidirectional I2C Digital Isolators
ISO1640-Q1 TI-ISO1640-Q1_V01 Datasheet
1Mb / 29P
[Old version datasheet]   ISO164x-Q1 Robust-EMC Bidirectional I2C Digital Isolators
SLLSFC3 ??OCTOBER 2020
ISO1540 TI1-ISO1540 Datasheet
449Kb / 21P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
ISO1540 TI1-ISO1540_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
ISO1540_1210 TI1-ISO1540_1210 Datasheet
451Kb / 21P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com