Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si8231BB-D-IS1 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # Si8231BB-D-IS1
Description  0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8231BB-D-IS1 Datasheet(HTML) 2 Page - Silicon Laboratories

  Si8231BB-D-IS1 Datasheet HTML 1Page - Silicon Laboratories Si8231BB-D-IS1 Datasheet HTML 2Page - Silicon Laboratories Si8231BB-D-IS1 Datasheet HTML 3Page - Silicon Laboratories Si8231BB-D-IS1 Datasheet HTML 4Page - Silicon Laboratories Si8231BB-D-IS1 Datasheet HTML 5Page - Silicon Laboratories Si8231BB-D-IS1 Datasheet HTML 6Page - Silicon Laboratories Si8231BB-D-IS1 Datasheet HTML 7Page - Silicon Laboratories Si8231BB-D-IS1 Datasheet HTML 8Page - Silicon Laboratories Si8231BB-D-IS1 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 59 page
background image
1. Ordering Guide
Table 1.1. Si823x Ordering Guide 1, 2, 3
Ordering Part
Number (OPN)
Inputs
Configuration
Peak
Current
UVLO
Voltage
Isolation
Rating
Temp Range
Package Type
Legacy
Ordering
Part Number
(OPN)
2.5 kV Only
Wide Body (WB) Package Options
Si8230BB-D-IS
VIA, VIB
High Side/
Low Side
0.5 A
8 V
2.5 kVrms
–40 to +125 °C
SOIC-16
Wide Body
Si8230-A-IS
Si8231BB-D-IS
PWM
High Side/
Low Side
Si8231-A-IS
Si8232BB-D-IS
VIA,VIB
Dual Driver
Si8232-A-IS
Si8234CB-D-IS
PWM
High Side/
Low Side
4.0 A
10 V
N/A
Si8233BB-D-IS
VIA,VIB
High Side/
Low Side
8 V
Si8233-B-IS
Si8234BB-D-IS
PWM
High Side/
Low Side
Si8234-B-IS
Si8235BB-D-IS
VIA,VIB
Dual Driver
Si8235-B-IS
Si8230AB-D-IS
VIA, VIB
High Side/
Low Side
0.5 A
5 V
2.5 kVrms
–40 to +125 °C
SOIC-16
Wide Body
N/A
Si8231AB-D-IS
PWM
N/A
Si8232AB-D-IS
VIA,VIB
Dual Driver
N/A
Si8233AB-D-IS
VIA,VIB
High Side/
Low Side
4.0 A
5 V
N/A
Si8234AB-D-IS
PWM
N/A
Si8235AB-D-IS
VIA,VIB
Dual Driver
N/A
Narrow Body (NB) Package Options
Si8230BB-D-IS1
VIA,VIB
High Side/
Low Side
0.5 A
8 V
2.5 kVrms
–40 to +125 °C
SOIC-16
Narrow Body
N/A
Si8231BB-D-IS1
PWM
High Side/
Low Side
Si8232BB-D-IS1
VIA,VIB
Dual Driver
Si8233BB-D-IS1
VIA,VIB
High Side/
Low Side
4.0 A
8 V
Si8234BB-D-IS1
PWM
High Side/
Low Side
Si8235BB-D-IS1
VIA,VIB
Dual Driver
Si8235BA-D-IS1
VIA,VIB
Dual Driver
1.0 kVrms
Si823x Data Sheet
Ordering Guide
silabs.com | Building a more connected world.
Rev. 2.1.1 | 2


Similar Part No. - Si8231BB-D-IS1

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8231BB-D-IS1 SILABS-SI8231BB-D-IS1 Datasheet
994Kb / 59P
   Amp ISOdrivers
logo
Skyworks Solutions Inc.
SI8231BB-D-IS1 SKYWORKS-SI8231BB-D-IS1 Datasheet
1Mb / 58P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
More results

Similar Description - Si8231BB-D-IS1

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI823X SILABS-SI823X Datasheet
444Kb / 52P
   0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
logo
List of Unclassifed Man...
SI8234AB-C-IS1 ETC2-SI8234AB-C-IS1 Datasheet
637Kb / 57P
   0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
logo
Skyworks Solutions Inc.
SI823X SKYWORKS-SI823X Datasheet
1Mb / 58P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
logo
Silicon Laboratories
SI8233 SILABS-SI8233 Datasheet
907Kb / 57P
   0.5 AND 4.0 AMP ISODRIVERS
SI8220 SILABS-SI8220 Datasheet
205Kb / 28P
   0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
logo
Skyworks Solutions Inc.
SI8220 SKYWORKS-SI8220 Datasheet
1Mb / 31P
   0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
Revision 0.22 to Revision 1.0
SI8239X SKYWORKS-SI8239X Datasheet
1Mb / 43P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
Rev. 1.02
logo
Silicon Laboratories
SI82390AD-IS SILABS-SI82390AD-IS Datasheet
7Mb / 38P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
SI8281 SILABS-SI8281 Datasheet
954Kb / 43P
   4.0 Amp ISODrivers with Integrated DC-DC Converters
SI823X SILABS-SI823X_V01 Datasheet
994Kb / 59P
   Amp ISOdrivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com