Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si8380PS-IU Datasheet(PDF) 4 Page - Silicon Laboratories

Part # Si8380PS-IU
Description  Bipolar Digital Field Inputs for PLCs and Industrial I/O Modules
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8380PS-IU Datasheet(HTML) 4 Page - Silicon Laboratories

  Si8380PS-IU Datasheet HTML 1Page - Silicon Laboratories Si8380PS-IU Datasheet HTML 2Page - Silicon Laboratories Si8380PS-IU Datasheet HTML 3Page - Silicon Laboratories Si8380PS-IU Datasheet HTML 4Page - Silicon Laboratories Si8380PS-IU Datasheet HTML 5Page - Silicon Laboratories Si8380PS-IU Datasheet HTML 6Page - Silicon Laboratories Si8380PS-IU Datasheet HTML 7Page - Silicon Laboratories Si8380PS-IU Datasheet HTML 8Page - Silicon Laboratories Si8380PS-IU Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
2.2.2 SPI Communication Transactions
SPI communication is performed using a four wire control interface. The four Si838x device pins utilized for SPI include:
• SCLK (input) the SPI clock
• NSS (input) active low device select
• MOSI (input) master-out-slave-in
• MISO (output) master-in-slave-out
Additionally, a fifth wire SDI_THRU (output) is provided as an Si838x device pin to facilitate daisy chaining.
An Si838x SPI communication packet is composed of three serial bytes. In this sequence, byte0 is the control byte, and specifies the
operation to be performed as well as the device to be selected in a daisy chain organization. The CID[3:0] field should be set to all
zeros by the SPI master in non-daisy-chained operation. Next, byte1 specifies the address of the internal Si838x SPI register to be
accessed. The final byte in the packet consists of either the data to be written to the addressed Si838x SPI register (using MOSI), or the
data read from the addressed Si838x SPI register (using MISO). Details of the SPI communication packet are presented in the following
figure for an Si838x SPI write transaction.
NSS
SCLK
MOSI
Control[7:0]
Address[7:0]
Data[7:0]
BRCT
1 - broadcast (write)
0 - only addressed part (write)
Ignored on reads
R/Wb
1 - read
0 - write
CTL[5:4]
Reserved (set to 0,0)
CID[3:0]
Daisy-chained part ID (0) is closest to the master
MOSI. Accomplished by decrementing the CID as
it passes through to the next Si838x device in the
daisy chain on SDI_THRU
Control Byte
7
6
5
4
3
2
1
0
BRCT R/Wb
0
0
CID[0] CID[1] CID[2] CID[3]
Address Byte
7
6
5
4
3
2
1
0
A[7]
A[6]
A[5]
A[4]
A[3]
A[2]
A[1]
A[0]
Data Byte
7
6
5
4
3
2
1
0
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
Figure 2.2. SPI Communication Packet Structure, Write Operation and Control Byte Structure
The SPI master will provide the timing of the signals and framing of the communication packets for all Si838x SPI inputs: NSS, SCLK,
and MOSI. Data is communicated from the SPI master to the Si838x using the MOSI signal. The NSS and SCLK signals provide the
necessary control and timing reference allowing the Si838x to discern valid data on the MOSI signal. Data is returned to the SPI master
by the Si838x utilizing the MISO signal only during the final byte of a three byte SPI read communication packet. At all other times, the
MISO signal is tri-stated by the Si838x. Each of the eight bits for these three packets is captured by the Si838x on eight adjacent rising
edges of SCLK. Each frame of eight bits is composed within bounding periods where the device select, NSS, is deasserted. Upon the
reception of the eight bits within a byte transaction, the deassertion of NSS advances the byte counter within the internal Si838x SPI
state machine. Should the transmission of an eight bit packet be corrupted, either with the deassertion of NSS before the eighth rising
edge of SCLK, or with the absence of the deassertion of NSS after the eighth rising edge of SCLK, the internal SPI state machine may
become unsynchronized with the master SPI controller.
To re-establish SPI synchronization with the Si838x, the SPI master may, at any time, deassert the SPI device select signal NSS, and
force a clock cycle on SCLK. When unsynchronized, the rising edge of SCLK when NSS is deasserted (high) re-initializes the internal
SPI state machine. The Si838x will then treat the immediately following eight bit SPI transaction after NSS is once again asserted as
the first byte in a three byte SPI communication packet.
Any preceding communication packet will be abandoned by the Si838x at the point synchronization is lost, and the NSS signal is deas-
serted. This could occur at any point in the three byte sequence of a SPI communication packet. One should note that abandoning a
SPI write operation early, even during the last byte of the three byte SPI communication packet, will leave the destination register un-
changed. However, if the number of SCLK cycles exceeds eight during the last byte of the three byte SPI write packet, the destination
Si838x register may be corrupted. To remedy both of these situations, it is recommended that such a corrupted write operation be re-
peated immediately following resynchronization of the SPI interface.
Si838x Data Sheet
Functional Description
silabs.com | Smart. Connected. Energy-friendly.
Rev. 0.5 | 3


Similar Part No. - Si8380PS-IU

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI8380PS-IU SKYWORKS-SI8380PS-IU Datasheet
1,018Kb / 32P
   Bipolar Digital Field Inputs for PLCs and Industrial I/O Modules
Revision 1.0 April, 2019
More results

Similar Description - Si8380PS-IU

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI838X SKYWORKS-SI838X Datasheet
1,018Kb / 32P
   Bipolar Digital Field Inputs for PLCs and Industrial I/O Modules
Revision 1.0 April, 2019
logo
Lumberg
0980ESL710 LUMBERG-0980ESL710 Datasheet
1Mb / 2P
   LioN-M EtherNet/IP I/O Modules with 16 Digital Inputs and 16 Digital Outputs
2018
logo
List of Unclassifed Man...
USB-7230 ETC2-USB-7230 Datasheet
242Kb / 2P
   Isolated USB Digital I/O Modules
logo
Maxim Integrated Produc...
MAX22000EVKIT MAXIM-MAX22000EVKIT Datasheet
2Mb / 30P
   Includes MAX14914A Industrial Digital I/O
Rev 0; 5/20
logo
Analog Devices
6B50-1 AD-6B50-1 Datasheet
488Kb / 8P
   Isolated, Field Configurable Digital I/O
REV. 0
6B50-1 AD-6B50-1_15 Datasheet
489Kb / 8P
   Isolated, Field Configurable Digital I/O
REV. 0
6B50-2 AD-6B50-2_15 Datasheet
489Kb / 8P
   Isolated, Field Configurable Digital I/O
REV. 0
logo
Crydom Inc.,
PB-8M CRYDOM-PB-8M Datasheet
1Mb / 3P
   I/O Modules
PB4H CRYDOM-PB4H Datasheet
354Kb / 3P
   I/O Modules
C4_INPUT CRYDOM-C4_INPUT Datasheet
1Mb / 4P
   I/O Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com