Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si8382PM-IU Datasheet(PDF) 11 Page - Silicon Laboratories

Part # Si8382PM-IU
Description  Bipolar Digital Field Inputs for PLCs and Industrial I/O Modules
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8382PM-IU Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button Si8382PM-IU Datasheet HTML 7Page - Silicon Laboratories Si8382PM-IU Datasheet HTML 8Page - Silicon Laboratories Si8382PM-IU Datasheet HTML 9Page - Silicon Laboratories Si8382PM-IU Datasheet HTML 10Page - Silicon Laboratories Si8382PM-IU Datasheet HTML 11Page - Silicon Laboratories Si8382PM-IU Datasheet HTML 12Page - Silicon Laboratories Si8382PM-IU Datasheet HTML 13Page - Silicon Laboratories Si8382PM-IU Datasheet HTML 14Page - Silicon Laboratories Si8382PM-IU Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
3. Device Operation
Table 3.1. Truth Table Summary
VDD
Input, Ax/AHx
Output, Bx/BHx
P1
ON
High
P
OFF
Low
UP2
X
Low
1. P = powered (> UVLO).
2. UP = Unpowered (< UVLO).
3.1 Device Start-up
During start-up, Output Bx/BHx are held low until the VDD is above the UVLO threshold for a time period of at least tSTART. Following
this, the output is high when the current flowing from anode to cathode is > IF(ON). Device startup, normal operation, and shutdown
behavior is shown in the figure below.
UVLO+
UVLO-
IF(ON)
IF
VDD
Output:
Bx, BHx
tSTART
tPHL
tPLH
tPHL
IHYS
VDDHYS
tSTART
Figure 3.1. Device Start-up
3.2 Undervoltage Lockout
Undervoltage Lockout (UVLO) is provided to prevent erroneous operation during device startup and shutdown or when VDD is below its
specified operating circuits range. For example, the output side unconditionally enters UVLO when VDD falls below VDDUV– and exits
UVLO when VDD rises above VDDUV+.
3.3 Layout Recommendations
To ensure safety in the end user application, high voltage circuits (i.e., circuits with >30 VAC) must be physically separated from the
safety extra-low voltage circuits (SELV is a circuit with <30 VAC) by a certain distance (creepage/clearance). If a component, such as a
digital isolator, straddles this isolation barrier, it must meet those creepage/clearance requirements and also provide a sufficiently large
high-voltage breakdown protection rating (commonly referred to as working voltage protection). Table 4.4 Insulation and Safety-Related
Specifications1 on page 15 and Table 4.6 VDE 0884-10 Insulation Characteristics1 on page 16 detail the creepage/clearance and
working voltage capabilities of the Si838x. These tables also detail the component standards (UL1577, VDE 0884, CSA 5A), which are
readily accepted by certification bodies to provide proof for end-system specifications requirements. Refer to the end-system specifica-
tion (60950-1, etc.) requirements before starting any design that uses a digital isolator.
Si838x Data Sheet
Device Operation
silabs.com | Smart. Connected. Energy-friendly.
Rev. 0.5 | 10


Similar Part No. - Si8382PM-IU

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI8382PM-IU SKYWORKS-SI8382PM-IU Datasheet
1,018Kb / 32P
   Bipolar Digital Field Inputs for PLCs and Industrial I/O Modules
Revision 1.0 April, 2019
More results

Similar Description - Si8382PM-IU

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI838X SKYWORKS-SI838X Datasheet
1,018Kb / 32P
   Bipolar Digital Field Inputs for PLCs and Industrial I/O Modules
Revision 1.0 April, 2019
logo
Lumberg
0980ESL710 LUMBERG-0980ESL710 Datasheet
1Mb / 2P
   LioN-M EtherNet/IP I/O Modules with 16 Digital Inputs and 16 Digital Outputs
2018
logo
List of Unclassifed Man...
USB-7230 ETC2-USB-7230 Datasheet
242Kb / 2P
   Isolated USB Digital I/O Modules
logo
Maxim Integrated Produc...
MAX22000EVKIT MAXIM-MAX22000EVKIT Datasheet
2Mb / 30P
   Includes MAX14914A Industrial Digital I/O
Rev 0; 5/20
logo
Analog Devices
6B50-1 AD-6B50-1 Datasheet
488Kb / 8P
   Isolated, Field Configurable Digital I/O
REV. 0
6B50-1 AD-6B50-1_15 Datasheet
489Kb / 8P
   Isolated, Field Configurable Digital I/O
REV. 0
6B50-2 AD-6B50-2_15 Datasheet
489Kb / 8P
   Isolated, Field Configurable Digital I/O
REV. 0
logo
Crydom Inc.,
PB-8M CRYDOM-PB-8M Datasheet
1Mb / 3P
   I/O Modules
PB4H CRYDOM-PB4H Datasheet
354Kb / 3P
   I/O Modules
C4_INPUT CRYDOM-C4_INPUT Datasheet
1Mb / 4P
   I/O Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com