Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si8384PF-IU Datasheet(PDF) 6 Page - Silicon Laboratories

Part # Si8384PF-IU
Description  Bipolar Digital Field Inputs for PLCs and Industrial I/O Modules
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8384PF-IU Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button Si8384PF-IU Datasheet HTML 2Page - Silicon Laboratories Si8384PF-IU Datasheet HTML 3Page - Silicon Laboratories Si8384PF-IU Datasheet HTML 4Page - Silicon Laboratories Si8384PF-IU Datasheet HTML 5Page - Silicon Laboratories Si8384PF-IU Datasheet HTML 6Page - Silicon Laboratories Si8384PF-IU Datasheet HTML 7Page - Silicon Laboratories Si8384PF-IU Datasheet HTML 8Page - Silicon Laboratories Si8384PF-IU Datasheet HTML 9Page - Silicon Laboratories Si8384PF-IU Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
2.2.5 SPI Daisy Chain Organization
The Si838x provides the capability to easily interconnect multiple Si838x devices on a common SPI interface administered by a single
SPI master requiring no additional control signals. To accomplish this, the Si838x includes the additional SPI device output pin
SDI_THRU
. Connecting together multiple Si838x devices in this manner utilizes the SDI_THRU pin of one Si838x device to feed the MOSI
pin of the next Si838x device in the daisy-chain. All bits composing a SPI communication packet are passed directly through by the
Si838x from the MOSI input to the SDI_THRU output unchanged, except for the CID[3:0] field of the control byte.
The least significant four bits of the control byte in a SPI communication packet, CID[3:0], are dedicated to addressing one of up to
sixteen Si838x devices thus connected, with 0000 indicating the device whose MOSI pin is fed directly by the SPI master, 0001 the
following Si838x device, etc. As this bit field is passed through the Si838x, it is decremented by one. This four bit field is placed in the
control word by the SPI master in reverse order, allowing the carry of the decrement to ripple into the next bit in the CID field as the bits
of the control word proceed: CID[0] is placed at bit 3 and CID[3] placed at bit 0 of the control word. When a given Si838x device in the
daisy chain is presented with the CID[3:0] code of 0000, it is activated as the one to be addressed. All remaining operations between
the SPI master and the Si838x activated in this manner proceed as previously discussed for the case of the single Si838x slave. The
organization of an Si838x system daisy-chained in this manner is depicted in the figure below.
Si838x[0]
Si838x[1]
Si838x[2]
Si838x[3]
Si838x[4]
Si838x[15]
SPI_master
Figure 2.5. SPI Daisy Chain Organization
From the preceding figure, and referring to Figure 2.2 SPI Communication Packet Structure, Write Operation and Control Byte Structure
on page 3, in order to read from Si838x[1], the control word would be:
Control[7:0] = 0100_1000.
Similarly, in order to write to Si838x[12], the control word would be:
Control[7:0] = 0000_0011.
Finally, if it were desired to update an internal SPI register of all daisy-chained Si838x devices, the control word would be:
Control[7:0] = 1000_0000.
If the broadcast bit is zero during a write operation, only the Si838x device being addressed using the CID[3:0] field of the control word
in a daisy-chain organization will be updated. If the broadcast bit is one during a write operation, the CID[3:0] field is ignored, and all
Si838x devices connected in a daisy-chain will be updated. For non-daisy-chain operation, the CID[3:0] field should always be all ze-
ros.
Note that there is a finite combinational delay associated with passing the MOSI input pin of a given Si838x to the SDI_THRU output pin.
As a result, the maximum possible SCLK frequency will be reduced based on the number of Si838x devices connected in a daisy-chain
organization.
Si838x Data Sheet
Functional Description
silabs.com | Smart. Connected. Energy-friendly.
Rev. 0.5 | 5


Similar Part No. - Si8384PF-IU

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI8384PF-IU SKYWORKS-SI8384PF-IU Datasheet
1,018Kb / 32P
   Bipolar Digital Field Inputs for PLCs and Industrial I/O Modules
Revision 1.0 April, 2019
More results

Similar Description - Si8384PF-IU

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI838X SKYWORKS-SI838X Datasheet
1,018Kb / 32P
   Bipolar Digital Field Inputs for PLCs and Industrial I/O Modules
Revision 1.0 April, 2019
logo
Lumberg
0980ESL710 LUMBERG-0980ESL710 Datasheet
1Mb / 2P
   LioN-M EtherNet/IP I/O Modules with 16 Digital Inputs and 16 Digital Outputs
2018
logo
List of Unclassifed Man...
USB-7230 ETC2-USB-7230 Datasheet
242Kb / 2P
   Isolated USB Digital I/O Modules
logo
Maxim Integrated Produc...
MAX22000EVKIT MAXIM-MAX22000EVKIT Datasheet
2Mb / 30P
   Includes MAX14914A Industrial Digital I/O
Rev 0; 5/20
logo
Analog Devices
6B50-1 AD-6B50-1 Datasheet
488Kb / 8P
   Isolated, Field Configurable Digital I/O
REV. 0
6B50-1 AD-6B50-1_15 Datasheet
489Kb / 8P
   Isolated, Field Configurable Digital I/O
REV. 0
6B50-2 AD-6B50-2_15 Datasheet
489Kb / 8P
   Isolated, Field Configurable Digital I/O
REV. 0
logo
Crydom Inc.,
PB-8M CRYDOM-PB-8M Datasheet
1Mb / 3P
   I/O Modules
PB4H CRYDOM-PB4H Datasheet
354Kb / 3P
   I/O Modules
C4_INPUT CRYDOM-C4_INPUT Datasheet
1Mb / 4P
   I/O Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com