Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si8401AA-B-IS Datasheet(PDF) 8 Page - Silicon Laboratories

Part # Si8401AA-B-IS
Description  BIDIRECTIONAL I2C ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8401AA-B-IS Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button Si8401AA-B-IS Datasheet HTML 4Page - Silicon Laboratories Si8401AA-B-IS Datasheet HTML 5Page - Silicon Laboratories Si8401AA-B-IS Datasheet HTML 6Page - Silicon Laboratories Si8401AA-B-IS Datasheet HTML 7Page - Silicon Laboratories Si8401AA-B-IS Datasheet HTML 8Page - Silicon Laboratories Si8401AA-B-IS Datasheet HTML 9Page - Silicon Laboratories Si8401AA-B-IS Datasheet HTML 10Page - Silicon Laboratories Si8401AA-B-IS Datasheet HTML 11Page - Silicon Laboratories Si8401AA-B-IS Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Si840x
8
Rev. 1.6
Figure 1. Propagation Delay Timing (Non-I2C Channels)
1.1. Test Circuits
Figure 2 depicts the timing test diagram.
Figure 2. Simplified Timing Test Diagram
Table 5. Electrical Characteristics for All I2C and Non-I2C Channels
3.0 V < VDD < 5.5 V. TA = –40 to +125 °C. Typical specs at 25 °C
Parameter
Symbol
Test Condition
Min
Typ Max
Unit
VDD Undervoltage Threshold
VDDUV+
AVDD, BVDD rising
2.15
2.3
2.5
V
VDD Negative-going Lockout
Hysteresis
VDDH–
AVDD, BVDD falling
45
75
95
mV
Common Mode Transient
Immunity
CMTI
VI =VDD or 0 V
25
kV/µs
Shut Down Time from UVLO
tSD
—3.0
µs
Start-up Time*
tSTART
—15
40
µs
*Note: Start-up time is the time period from the application of power to valid data at the output.
Typical
Input
tPLH
tPHL
Typical
Output
tr
tf
90%
10%
90%
10%
1.4 V
1.4 V
AVDD
NC
BVDD
NC
NC
NC
ADOUT
BDIN
ASDA
BSDA
ASCL
BSCL
ADIN
BDOUT
AGND
BGND
Si840x
C1
C1
C3
R1
R1
R2
R2
C3
C2
C2


Similar Part No. - Si8401AA-B-IS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si8401AA-B-IS SILABS-Si8401AA-B-IS Datasheet
581Kb / 34P
   BIDIRECTIONAL I2C ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
logo
Skyworks Solutions Inc.
SI8401AA-B-IS SKYWORKS-SI8401AA-B-IS Datasheet
1Mb / 34P
   BIDIRECTIONAL I2C ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
Revision 0.1 to Revision 1.0
More results

Similar Description - Si8401AA-B-IS

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI860X SKYWORKS-SI860X Datasheet
718Kb / 39P
   Bidirectional I2C Isolators with Unidirectional Digital Channels
December 14, 2021
logo
Silicon Laboratories
SI840X SILABS-SI840X_18 Datasheet
581Kb / 34P
   BIDIRECTIONAL I2C ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
logo
Skyworks Solutions Inc.
SI840X SKYWORKS-SI840X Datasheet
1Mb / 34P
   BIDIRECTIONAL I2C ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
Revision 0.1 to Revision 1.0
logo
Silicon Laboratories
SI8605 SILABS-SI8605 Datasheet
813Kb / 40P
   BIDIRECTIONAL IC ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
logo
Texas Instruments
ISO1640 TI-ISO1640 Datasheet
978Kb / 28P
[Old version datasheet]   ISO164x Robust-EMC Bidirectional I2C Digital Isolators
ISO1640-Q1 TI-ISO1640-Q1 Datasheet
1,001Kb / 28P
[Old version datasheet]   ISO164x-Q1 Robust-EMC Bidirectional I2C Digital Isolators
ISO1640-Q1 TI-ISO1640-Q1_V01 Datasheet
1Mb / 29P
[Old version datasheet]   ISO164x-Q1 Robust-EMC Bidirectional I2C Digital Isolators
SLLSFC3 ??OCTOBER 2020
ISO1540 TI1-ISO1540 Datasheet
449Kb / 21P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
ISO1540 TI1-ISO1540_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
ISO1540_1210 TI1-ISO1540_1210 Datasheet
451Kb / 21P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com