Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si8401AA-B-IS Datasheet(PDF) 4 Page - Silicon Laboratories

Part # Si8401AA-B-IS
Description  BIDIRECTIONAL I2C ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8401AA-B-IS Datasheet(HTML) 4 Page - Silicon Laboratories

  Si8401AA-B-IS Datasheet HTML 1Page - Silicon Laboratories Si8401AA-B-IS Datasheet HTML 2Page - Silicon Laboratories Si8401AA-B-IS Datasheet HTML 3Page - Silicon Laboratories Si8401AA-B-IS Datasheet HTML 4Page - Silicon Laboratories Si8401AA-B-IS Datasheet HTML 5Page - Silicon Laboratories Si8401AA-B-IS Datasheet HTML 6Page - Silicon Laboratories Si8401AA-B-IS Datasheet HTML 7Page - Silicon Laboratories Si8401AA-B-IS Datasheet HTML 8Page - Silicon Laboratories Si8401AA-B-IS Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Si840x
4
Rev. 1.6
1. Electrical Specifications
Table 1. Absolute Maximum Ratings1
Parameter
Symbol
Min
Typ
Max
Unit
Storage Temperature2
TSTG
–65
150
°C
Ambient Temperature Under Bias
TA
–40
125
°C
Supply Voltage (Revision A)3
VDD
–0.5
5.75
V
Supply Voltage (Revision B)3
VDD
–0.5
6.0
V
Input Voltage
VI
–0.5
VDD + 0.5
V
Output Voltage
VO
–0.5
VDD + 0.5
V
Output Current Drive (non-I2C channels)
IO
——
±10
mA
Side A output current drive (I2C channels)
IO
——
±15
mA
Side B output current drive (I2C channels)
IO
——
±75
mA
Lead Solder Temperature (10 s)
260
°C
Maximum Isolation Voltage (1 s)
3600
VRMS
Notes:
1. Permanent device damage may occur if the absolute maximum ratings are exceeded. Functional operation should be
restricted to conditions as specified in the operational sections of this data sheet.
2. VDE certifies storage temperature from –40 to 150 °C.
3. See "7.Ordering Guide" on page 25 for more information.
Table 2. Si840x Power Characteristics*
3.0 V < VDD < 5.5 V. TA = –40 to +125 °C. Typical specs at 25 °C (See Figures 2 and 16 for test diagrams.)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Si8400/01/02 Supply Current
AVDD current
BVDD current
Idda
Iddb
All channels = 0 dc
4.2
3.9
6.3
5.9
mA
mA
AVDD current
BVDD current
Idda
Iddb
All channels = 1 dc
2.3
1.9
3.5
2.9
mA
mA
AVDD current
BVDD current
Idda
Iddb
All channels = 1.7 MHz
3.2
2.9
4.8
4.4
mA
mA
Si8405 Supply Current
AVDD current
BVDD current
Idda
Iddb
All non-I2C channels = 0
All I2C channels = 1
3.2
2.9
4.8
4.4
mA
mA
AVDD current
BVDD current
Idda
Iddb
All non-I2C channels = 1
All I2C channels = 0
6.2
6.0
9.3
9.0
mA
mA
AVDD current
BVDD current
Idda
Iddb
All non-I2C channels = 5 MHz
All I2C channels = 1.7 MHz
4.7
4.5
7.1
6.8
mA
mA
*Note: All voltages are relative to respective ground.


Similar Part No. - Si8401AA-B-IS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si8401AA-B-IS SILABS-Si8401AA-B-IS Datasheet
581Kb / 34P
   BIDIRECTIONAL I2C ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
logo
Skyworks Solutions Inc.
SI8401AA-B-IS SKYWORKS-SI8401AA-B-IS Datasheet
1Mb / 34P
   BIDIRECTIONAL I2C ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
Revision 0.1 to Revision 1.0
More results

Similar Description - Si8401AA-B-IS

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI860X SKYWORKS-SI860X Datasheet
718Kb / 39P
   Bidirectional I2C Isolators with Unidirectional Digital Channels
December 14, 2021
logo
Silicon Laboratories
SI840X SILABS-SI840X_18 Datasheet
581Kb / 34P
   BIDIRECTIONAL I2C ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
logo
Skyworks Solutions Inc.
SI840X SKYWORKS-SI840X Datasheet
1Mb / 34P
   BIDIRECTIONAL I2C ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
Revision 0.1 to Revision 1.0
logo
Silicon Laboratories
SI8605 SILABS-SI8605 Datasheet
813Kb / 40P
   BIDIRECTIONAL IC ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
logo
Texas Instruments
ISO1640 TI-ISO1640 Datasheet
978Kb / 28P
[Old version datasheet]   ISO164x Robust-EMC Bidirectional I2C Digital Isolators
ISO1640-Q1 TI-ISO1640-Q1 Datasheet
1,001Kb / 28P
[Old version datasheet]   ISO164x-Q1 Robust-EMC Bidirectional I2C Digital Isolators
ISO1640-Q1 TI-ISO1640-Q1_V01 Datasheet
1Mb / 29P
[Old version datasheet]   ISO164x-Q1 Robust-EMC Bidirectional I2C Digital Isolators
SLLSFC3 ??OCTOBER 2020
ISO1540 TI1-ISO1540 Datasheet
449Kb / 21P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
ISO1540 TI1-ISO1540_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
ISO1540_1210 TI1-ISO1540_1210 Datasheet
451Kb / 21P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com