Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si8400AA-B-IS Datasheet(PDF) 5 Page - Silicon Laboratories

Part # Si8400AA-B-IS
Description  BIDIRECTIONAL I2C ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8400AA-B-IS Datasheet(HTML) 5 Page - Silicon Laboratories

  Si8400AA-B-IS Datasheet HTML 1Page - Silicon Laboratories Si8400AA-B-IS Datasheet HTML 2Page - Silicon Laboratories Si8400AA-B-IS Datasheet HTML 3Page - Silicon Laboratories Si8400AA-B-IS Datasheet HTML 4Page - Silicon Laboratories Si8400AA-B-IS Datasheet HTML 5Page - Silicon Laboratories Si8400AA-B-IS Datasheet HTML 6Page - Silicon Laboratories Si8400AA-B-IS Datasheet HTML 7Page - Silicon Laboratories Si8400AA-B-IS Datasheet HTML 8Page - Silicon Laboratories Si8400AA-B-IS Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
Si840x
Rev. 1.6
5
Table 3. Si8400/01/02/05 Electrical Characteristics for Bidirectional I2C Channels1
3.0 V < VDD < 5.5 V. TA = –40 to +125 °C. Typical specs at 25 °C unless otherwise noted.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Logic Levels Side A
Logic Input Threshold2
Logic Low Output Voltages3
Input/Output Logic Low Level
Difference4
I2CVT (Side A)
I2CVOL (Side A)
I2CV (Side A)
ISDAA = ISCLA = 3.0 mA
ISDAA = ISCLA = 0.5 mA
450
650
550
50
780
910
825
mV
mV
mV
mV
Logic Levels Side B
Logic Low Input Voltage
Logic High Input Voltage
Logic Low Output Voltage
I2CVIL (Side B)
I2CVIH (Side B)
I2CVOL (Side B)
ISCLB = 35 mA
2.0
0.8
400
V
V
mV
SCL and SDA Logic High
Leakage
Isdaa, Isdab
Iscla, Isclb
SDAA, SCLA = VSSA
SDAB, SCLB = VSSB
—2.0
10
µA
Pin capacitance SDAA, SCLA,
SDAB, SDBB
CA
CB
10
10
pF
pF
Notes:
1. All voltages are relative to respective ground.
2. VIL < 0.450 V, VIH > 0.780 V.
3. Logic low output voltages are 910 mV max from –10 to 125 °C at 3.0 mA.
Logic low output voltages are 955 mV max from –40 to 125 °C at 3.0 mA.
Logic low output voltages are 825 mV max from –10 to 125 °C at 0.5 mA.
Logic low output voltages are 875 mV max from –40 to 125 °C at 0.5 mA.
See “AN375: Design Considerations for Isolating an I2C Bus or SMBus” for additional information.
4. I2CV (Side A) = I2CVOL (Side A) – I2CVT (Side A). To ensure no latch-up on a given bus, I2CV (Side A) is the
minimum difference between the output logic low level of the driving device and the input logic threshold.
5. Side A measured at 0.6 V.


Similar Part No. - Si8400AA-B-IS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si8400AA-B-IS SILABS-Si8400AA-B-IS Datasheet
581Kb / 34P
   BIDIRECTIONAL I2C ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
logo
Skyworks Solutions Inc.
SI8400AA-B-IS SKYWORKS-SI8400AA-B-IS Datasheet
1Mb / 34P
   BIDIRECTIONAL I2C ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
Revision 0.1 to Revision 1.0
More results

Similar Description - Si8400AA-B-IS

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI860X SKYWORKS-SI860X Datasheet
718Kb / 39P
   Bidirectional I2C Isolators with Unidirectional Digital Channels
December 14, 2021
logo
Silicon Laboratories
SI840X SILABS-SI840X_18 Datasheet
581Kb / 34P
   BIDIRECTIONAL I2C ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
logo
Skyworks Solutions Inc.
SI840X SKYWORKS-SI840X Datasheet
1Mb / 34P
   BIDIRECTIONAL I2C ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
Revision 0.1 to Revision 1.0
logo
Silicon Laboratories
SI8605 SILABS-SI8605 Datasheet
813Kb / 40P
   BIDIRECTIONAL IC ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
logo
Texas Instruments
ISO1640 TI-ISO1640 Datasheet
978Kb / 28P
[Old version datasheet]   ISO164x Robust-EMC Bidirectional I2C Digital Isolators
ISO1640-Q1 TI-ISO1640-Q1 Datasheet
1,001Kb / 28P
[Old version datasheet]   ISO164x-Q1 Robust-EMC Bidirectional I2C Digital Isolators
ISO1640-Q1 TI-ISO1640-Q1_V01 Datasheet
1Mb / 29P
[Old version datasheet]   ISO164x-Q1 Robust-EMC Bidirectional I2C Digital Isolators
SLLSFC3 ??OCTOBER 2020
ISO1540 TI1-ISO1540 Datasheet
449Kb / 21P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
ISO1540 TI1-ISO1540_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
ISO1540_1210 TI1-ISO1540_1210 Datasheet
451Kb / 21P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com