Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI838X Datasheet(PDF) 5 Page - Silicon Laboratories

Part # SI838X
Description  Bipolar Digital Field Inputs for PLCs and Industrial I/O Modules
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI838X Datasheet(HTML) 5 Page - Silicon Laboratories

  SI838X Datasheet HTML 1Page - Silicon Laboratories SI838X Datasheet HTML 2Page - Silicon Laboratories SI838X Datasheet HTML 3Page - Silicon Laboratories SI838X Datasheet HTML 4Page - Silicon Laboratories SI838X Datasheet HTML 5Page - Silicon Laboratories SI838X Datasheet HTML 6Page - Silicon Laboratories SI838X Datasheet HTML 7Page - Silicon Laboratories SI838X Datasheet HTML 8Page - Silicon Laboratories SI838X Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
2.2.3 SPI Read Operation
Referring to Figure 2.2 SPI Communication Packet Structure, Write Operation and Control Byte Structure on page 3, in a SPI read op-
eration the control byte will only have bit6 set to a 1 in a single Si838x device organization (no daisy-chaining). For the Si838x, bit7 (the
broadcast bit) is ignored during a read operation since only one device may be read at a time in either a single or daisy chained organi-
zation.
The second byte in the three byte read packet is provided by the SPI master to designate the address of the Si838x internal register to
be queried. If the read address provided does not correspond to a physically available Si838x internal register, all zeroes will be re-
turned as the read value by the Si838x.
The read data is provided during the final byte of the three byte read communication packet to the querying master SPI device utilizing
the Si838x’s MISO output, which remains tristated at all other times.
The SPI read operation timing diagram is illustrated in the figure below.
NSS
SCLK
MOSI
Control[7:0]
Address[7:0]
ReadData[7:0]
MISO
Figure 2.3. SPI Read Operation
2.2.4 SPI Write Operation
Again referring to Figure 2.2 SPI Communication Packet Structure, Write Operation and Control Byte Structure on page 3, in a SPI
write operation the control byte may optionally have bit7 (the broadcast bit) set to a 1. During a SPI write operation, the broadcast bit
forces all daisy-chained Si838x devices to update the designated internal SPI register with the supplied write data, regardless of the
Si838x device being addressed using the CID[3:0] field of the control word.
The second byte in the three byte write packet is provided by the SPI master to designate the address of the Si838x internal register to
be updated. If the write address provided does not correspond to a physically available Si838x internal register, no internal Si838x SPI
register update will occur.
The write data is provided by the SPI master during the final byte of the three byte write communication packet. The Si838x MISO
output remains tri-stated during the entire SPI write operation.
The SPI write operation timing diagram is illustrated in the figure below.
NSS
SCLK
MOSI
Control[7:0]
Address[7:0]
MISO
hiZ
WriteData[7:0]
Figure 2.4. SPI Write Operation
Si838x Data Sheet
Functional Description
silabs.com | Smart. Connected. Energy-friendly.
Rev. 0.5 | 4


Similar Part No. - SI838X

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI838X SKYWORKS-SI838X Datasheet
1,018Kb / 32P
   Bipolar Digital Field Inputs for PLCs and Industrial I/O Modules
Revision 1.0 April, 2019
More results

Similar Description - SI838X

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI838X SKYWORKS-SI838X Datasheet
1,018Kb / 32P
   Bipolar Digital Field Inputs for PLCs and Industrial I/O Modules
Revision 1.0 April, 2019
logo
Lumberg
0980ESL710 LUMBERG-0980ESL710 Datasheet
1Mb / 2P
   LioN-M EtherNet/IP I/O Modules with 16 Digital Inputs and 16 Digital Outputs
2018
logo
List of Unclassifed Man...
USB-7230 ETC2-USB-7230 Datasheet
242Kb / 2P
   Isolated USB Digital I/O Modules
logo
Maxim Integrated Produc...
MAX22000EVKIT MAXIM-MAX22000EVKIT Datasheet
2Mb / 30P
   Includes MAX14914A Industrial Digital I/O
Rev 0; 5/20
logo
Analog Devices
6B50-1 AD-6B50-1 Datasheet
488Kb / 8P
   Isolated, Field Configurable Digital I/O
REV. 0
6B50-1 AD-6B50-1_15 Datasheet
489Kb / 8P
   Isolated, Field Configurable Digital I/O
REV. 0
6B50-2 AD-6B50-2_15 Datasheet
489Kb / 8P
   Isolated, Field Configurable Digital I/O
REV. 0
logo
Crydom Inc.,
PB-8M CRYDOM-PB-8M Datasheet
1Mb / 3P
   I/O Modules
PB4H CRYDOM-PB4H Datasheet
354Kb / 3P
   I/O Modules
C4_INPUT CRYDOM-C4_INPUT Datasheet
1Mb / 4P
   I/O Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com