Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C317C100J2G5TA Datasheet(PDF) 1 Page - Kemet Corporation

Part No. C317C100J2G5TA
Description  GoldMax 300 Comm C0G, Ceramic, 10 pF, 5%, 200 V, C0G, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C317C100J2G5TA Datasheet(HTML) 1 Page - Kemet Corporation

  C317C100J2G5TA Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: C317C100J2G5TA
GoldMax 300 Comm C0G, Ceramic, 10 pF, 5%, 200 V, C0G, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
Dimensions
L
3.81mm MAX
H
5.08mm MAX
T
2.54mm MAX
S
5.08mm +/-0.78mm
LL
7mm MIN
F
0.51mm +0.1/-0.025mm
Packaging Specifications
Packaging: Bulk, Bag
Packaging Quantity: 500
General Information
Supplier: KEMET
Series: GoldMax 300 Comm C0G
Style: Radial
Description: GoldMax, Commercial Standard
RoHS: Yes
Termination: Tin
Failure Rate: N/A
Halogen Free: Yes
Specifications
Capacitance: 10 pF
Capacitance Tolerance: 5%
Voltage DC: 200 VDC
Dielectric Withstanding
Voltage: 500 V
Temperature Range: -55/+125C
Temperature Coefficient: C0G
Dissipation Factor: 0.1% 25C
Aging Rate: 0% Loss/Decade Hour
Insulation Resistance: 100 GOhms
© 2006 - 2018 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 1/31/2018 - 453dd154-ad8b-415c-b210-c4589837d4ff


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn