Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VEJ Datasheet(PDF) 1 Page - Yellow Stone Corp

Part No. VEJ
Description  CHIP TYPE Aluminum Electolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YSTONE [Yellow Stone Corp]
Direct Link  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

VEJ Datasheet(HTML) 1 Page - Yellow Stone Corp

  VEJ Datasheet HTML 1Page - Yellow Stone Corp VEJ Datasheet HTML 2Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
18
NOTE
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
CHIP TYPE Aluminum Electolytic Capacitors
VEJ
Chip Type, 105ºC Use, High CV Capacitors
 4
 ~ 18, 105℃, 2,000 hours assured.
 Designed for surface mounting on high density PC board.
■ SPECIFICATIONS
Item
Performance
6.3 ~ 100V
160 ~ 400V
Category Temperature Range
55℃~+105℃
40℃~+105℃
Capacitance Tolerance
20%
(20℃, 120Hz)
Leakage Current (
A)
Rated voltage
6.3 ~ 100V
160 ~ 450V
Time
after 2 minutes
after 5 minutes
Case size
4 ~ 10
12.5 ~ 18
12.5 ~ 18
Leakage Current
I = 0.01CV or 3
A,
whichever is greater
I = 0.03CV or 4
A,
whichever is greater
I = 0.04CV + 100
A
Where, C = Rated capacitance in
F;V = Rated DC working voltage in V
(20℃)
Dissipation Factor
(Tan
 at 120Hz, 20℃)
Rated Voltage
6.3
10
16
25
35
50
63
100
160 ~ 250 400 ~ 450
4 ~ 10
0.45
0.35
0.28
0.18
0.16
0.14
0.12
0.12
-
-
12.5 ~ 18
0.40
0.38
0.34
0.26
0.22
0.18
0.14
0.10
0.20
0.25
Low Temperature Characteristics
(at 120Hz)
Rated voltage (V)
6.3
10
16
25
35
50
63
100
160 ~ 250
400 ~ 450
D<12.5
4
4
3
2
2
2
2
3
-
-
Z (
25℃)
/ Z (+20℃)
D12.5
5
4
3
2
2
2
2
2
3
6
D<12.5
12
8
6
4
3
3
3
4
-
-
Impedance
Ratio
Z (
55/-40℃)
/ Z (+20℃)
D12.5
10
8
6
4
3
3
3
3
6
10
Endurance (105℃)
(Applied ripple current)
Test time
2000 hours
Capacitance Change
Within
25% of initial value for D6.3mm;
Within
20% of initial value for D8mm
Dissipation Factor
Less than 300% of specified value for
D6.3mm;
Less than 200% of specified value for
D8mm
Leakage Current
Within specified value
* The above Specifications shall be satisfied when the capacitors are restored to 20after the rated voltage applied for 2,000 hours at 105℃.
Shelf life (105℃)
Test time
:1,000 hours; other items are the same as those for the Endurance.
The rated voltage shall be applied to the capacitors before the measurements for 160 ~ 450V (Refer to JIS C5101-4 4.1)
Ripple Current &
Frequency Multipliers
Frequency (Hz)
Cap. (
F)
50
120
1k
10k up
Under 1,000
0.80
1.00
1.25
1.40
1000 < C
 6,800
0.85
1.00
1.15
1.25
■ OUTLINE DRAWING
Unit:mm
D
L
A
B
C
W
P
0.2 Fig. No.
4
5.7
 0.3 4.3
4.3
5.1 0.5 ~ 0.8
1.0
1
5
5.7
 0.3 5.3
5.3
5.9 0.5 ~ 0.8
1.5
1
6.3
5.7
 0.3 6.6
6.6
7.2 0.5 ~ 0.8
2.0
1
6.3
7.7
 0.3 6.6
6.6
7.2 0.5 ~ 0.8
2.0
1
8
6.5
 0.3 8.4
8.4
9.0 0.5 ~ 0.8
2.3
1
8
10
 0.5
8.4
8.4
9.0 0.7 ~ 1.1
3.1
1
10
7.7
 0.3 10.4 10.4 11.0 0.7 ~ 1.3
4.7
1
10
10
 0.5 10.4 10.4 11.0 0.7 ~ 1.3
4.7
1
12.5 13.5
 0.5 13.0 13.0 13.7 1.1 ~ 1.4
4.4
2
12.5 16
 0.5 13.0 13.0 13.7 1.1 ~ 1.4
4.4
2
16 16.5
 0.5 17.0 17.0 18.0 1.1 ~ 1.4
6.4
2
16 21.5
 0.5 17.0 17.0 18.0 1.1 ~ 1.4
6.4
2
18 16.5
 0.5 19.0 19.0 20.0 1.1 ~ 1.4
6.4
2
18 21.5
 0.5 19.0 19.0 20.0 1.1 ~ 1.4
6.4
2
Marking color:Black
D  6.3mm
D = 8 ~ 10 mm
D  12.5 mm


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn