Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DD25F40 Datasheet(PDF) 2 Page - SanRex Corporation

Part # DD25F40
Description  DIODE MODULE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

DD25F40 Datasheet(HTML) 2 Page - SanRex Corporation

  DD25F40 Datasheet HTML 1Page - SanRex Corporation DD25F40 Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SanRex 50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
DD25F/KD25F
Maximum Forward Characteristics
Forward Voltage Drop(V)
10
3
10
2
10
1
Average Forward Current vs.
Power Dissipation
Average Forward Current(A)
30
40
50
60
20
10
10
15
20
25 30
35
40
45
50
Three Phase
Per one element
Single Phase
D.C.
Max.
Average Forward Current vs.
Allowable Case Temperature
Average Forward Current(A)
130
110
120
100
80
90
70
10
15
20 25 30
35
40
45
50
Per one element
Cycle Surge Forward Current Rating
(Non-Repetitive)
Time(Cycles)
800
600
400
200
10
10
1
10
2
Per one element
j=25℃ start
60Hz
50Hz
Transient Thermal Impedance
Time
t(sec)
1.
0.
0.
0.
0.
0.
0.
0.
0.
0.
10
-3
10
-2
10
-1
10
4
10
10
1
10
2
10
3
Per one element
Junction to Case
Id(Aav.)
Output Current
Output Current(A)
20
40
60
40
85
120
B2;Two Pluse Bridge
connection
200
250
100
50
150
Ambient Temperature(℃)
B2
Rth:1.0℃/W
Rth:0.8℃/W
Rth:0.6℃/W
Rth:0.4℃/W
Rth:0.2℃/W
120
125
110
100
90
Id
Output Current
Output Current(A)
B6;Six pulse Bridge
connection
Ambient Temperature(℃)
40
80
20
40
60
120
200
250
100
50
150
Rth:0.8℃/W
Rth:0.6℃/W
Rth:0.4℃/W
Rth:0.2℃/W
Rth:1.0℃/W
B6
110
120
125
100


Similar Part No. - DD25F40

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
DD25F40 SANREX-DD25F40 Datasheet
99Kb / 2P
   DIODE MODULE
More results

Similar Description - DD25F40

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
100NDD NAINA-100NDD Datasheet
137Kb / 2P
   Diode ??Diode Module
160NDD NAINA-160NDD Datasheet
130Kb / 2P
   Diode - Diode Module
logo
SEMPO ELECTRONIC Limite...
SMDD-50 SEMPO-SMDD-50 Datasheet
77Kb / 1P
   DIODE-DIODE MODULE
SMDD-90H SEMPO-SMDD-90H Datasheet
42Kb / 1P
   DIODE-DIODE MODULE
MAA-100 SEMPO-MAA-100 Datasheet
72Kb / 2P
   Diode-Diode Module
SMDD-320I SEMPO-SMDD-320I Datasheet
44Kb / 1P
   Diode-Diode Module
SMDD-160 SEMPO-SMDD-160 Datasheet
45Kb / 1P
   Diode-Diode Module
SMDD-70 SEMPO-SMDD-70 Datasheet
49Kb / 1P
   DIODE-DIODE MODULE
SMDD-50H SEMPO-SMDD-50H Datasheet
42Kb / 1P
   DIODE-DIODE MODULE
SMDD-110H SEMPO-SMDD-110H Datasheet
42Kb / 1P
   DIODE-DIODE MODULE
SMDD-160H SEMPO-SMDD-160H Datasheet
44Kb / 1P
   Diode-Diode Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com