Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62158CV30LL-55BAI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY62158CV30LL-55BAI
Description  1024K x 8 MoBL Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62158CV30LL-55BAI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY62158CV30LL-55BAI Datasheet HTML 1Page - Cypress Semiconductor CY62158CV30LL-55BAI Datasheet HTML 2Page - Cypress Semiconductor CY62158CV30LL-55BAI Datasheet HTML 3Page - Cypress Semiconductor CY62158CV30LL-55BAI Datasheet HTML 4Page - Cypress Semiconductor CY62158CV30LL-55BAI Datasheet HTML 5Page - Cypress Semiconductor CY62158CV30LL-55BAI Datasheet HTML 6Page - Cypress Semiconductor CY62158CV30LL-55BAI Datasheet HTML 7Page - Cypress Semiconductor CY62158CV30LL-55BAI Datasheet HTML 8Page - Cypress Semiconductor CY62158CV30LL-55BAI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CY62158CV25/30/33
MoBL™
Document #: 38-05019 Rev. *C
Page 3 of 12
Electrical Characteristics Over the Operating Range
CY62158CV25-55
CY62158CV25-70
Parameter
Description
Test Conditions
Min.
Typ.[4]
Max.
Min.
Typ.[4]
Max.
Unit
VOH
Output HIGH Voltage
IOH = –0.1 mA
VCC = 2.2V
2.0
2.0
V
VOL
Output LOW Voltage
IOL = 0.1 mA
VCC = 2.2V
0.4
0.4
V
VIH
Input HIGH Voltage
1.8
VCC+
0.3V
1.8
VCC+
0.3V
V
VIL
Input LOW Voltage
–0.3
0.6
–0.3
0.6
V
IIX
Input Leakage Current GND < VI < VCC
–1
+1
–1
+1
µA
IOZ
Output Leakage
Current
GND < VO < VCC, Output Disabled
–1
+1
–1
+1
µA
ICC
VCC Operating Supply
Current
f = fMAX = 1/tRC
VCC = 2.7V
IOUT = 0 mA
CMOS Levels
7
15
5.5
12
mA
f = 1 MHz
1.5
3
1.5
3
ISB1
Automatic CE
Power-Down Current
— CMOS Inputs
CE1 > VCC – 0.2V or CE2 < 0.2V
VIN > VCC – 0.2V or VIN < 0.2V,
f = fmax (Address and Data Only),
f = 0 (OE,WE)
6
25
6
25
µA
ISB2
Automatic CE
Power-Down Current
— CMOS Inputs
CE1 > VCC − 0.2V or CE2 < 0.2V
VIN > VCC − 0.2V or VIN < 0.2V,
f = 0, VCC = 2.7V
CY62158CV30-55
CY62158CV30-70
Parameter
Description
Test Conditions
Min.
Typ.[4]
Max.
Min.
Typ.[4]
Max.
Unit
VOH
Output HIGH Voltage
IOH = –1.0 mA
VCC = 2.7V
2.4
2.4
V
VOL
Output LOW Voltage
IOL = 2.1 mA
VCC = 2.7V
0.4
0.4
V
VIH
Input HIGH Voltage
2.2
VCC+
0.3V
2.2
VCC+
0.3V
V
VIL
Input LOW Voltage
–0.3
0.8
–0.3
0.8
V
IIX
Input Leakage Current GND < VI < VCC
–1
+1
–1
+1
µA
IOZ
Output Leakage
Current
GND < VO < VCC, Output Disabled
–1
+1
–1
+1
µA
ICC
VCC Operating Supply
Current
f = fMAX = 1/tRC
VCC = 3.3V
IOUT = 0 mA
CMOS Levels
7
15
5.5
12
mA
f = 1 MHz
1.5
3
1.5
3
ISB1
Automatic CE
Power-Down Current
— CMOS Inputs
CE1 > VCC – 0.2V or CE2 < 0.2V
VIN > VCC – 0.2V or VIN < 0.2V,
f = fmax (Address and Data Only),
f = 0 (OE, WE)
8
25
8
25
µA
ISB2
Automatic CE
Power-Down Current
— CMOS Inputs
CE1 > VCC − 0.2V or CE2 < 0.2V
VIN > VCC − 0.2V or VIN < 0.2V,
f = 0,VCC = 3.3V


Similar Part No. - CY62158CV30LL-55BAI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62158DV30 CYPRESS-CY62158DV30 Datasheet
411Kb / 11P
   8-Mbit (1024K x 8) MoBL Static RAM
CY62158DV30L CYPRESS-CY62158DV30L Datasheet
411Kb / 11P
   8-Mbit (1024K x 8) MoBL Static RAM
CY62158DV30L-45BVI CYPRESS-CY62158DV30L-45BVI Datasheet
411Kb / 11P
   8-Mbit (1024K x 8) MoBL Static RAM
CY62158DV30L-45ZSXI CYPRESS-CY62158DV30L-45ZSXI Datasheet
411Kb / 11P
   8-Mbit (1024K x 8) MoBL Static RAM
CY62158DV30L-45ZXI CYPRESS-CY62158DV30L-45ZXI Datasheet
411Kb / 11P
   8-Mbit (1024K x 8) MoBL Static RAM
More results

Similar Description - CY62158CV30LL-55BAI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62158DV30 CYPRESS-CY62158DV30 Datasheet
411Kb / 11P
   8-Mbit (1024K x 8) MoBL Static RAM
CY62148V CYPRESS-CY62148V Datasheet
189Kb / 11P
   512K x 8 MoBL Static RAM
CY62148CV25 CYPRESS-CY62148CV25 Datasheet
272Kb / 13P
   512K x 8 MoBL Static RAM
CY62158EV30 CYPRESS-CY62158EV30 Datasheet
998Kb / 11P
   8-Mbit (1024K x 8) Static RAM
CY62158EV30 CYPRESS-CY62158EV30_09 Datasheet
999Kb / 11P
   8-Mbit (1024K x 8) Static RAM
CY62168DV30 CYPRESS-CY62168DV30_09 Datasheet
316Kb / 9P
   16-Mbit (2M x 8) MoBL Static RAM
CY62138EV30 CYPRESS-CY62138EV30_09 Datasheet
493Kb / 9P
   2-Mbit (256K x 8) MoBL Static RAM
CY62157DV30 CYPRESS-CY62157DV30_09 Datasheet
583Kb / 12P
   8-Mbit (512K x 16) MoBL Static RAM
CY62157DV30 CYPRESS-CY62157DV30_10 Datasheet
573Kb / 15P
   8-Mbit (512K x 16) MoBL Static RAM
CY62138EV30 CYPRESS-CY62138EV30_11 Datasheet
437Kb / 12P
   2 Mbit (256K x 8) MoBL Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com