Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RV5 Datasheet(PDF) 1 Page - Yellow Stone Corp

Part No. RV5
Description  CHIP TYPE Aluminum Electolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  YSTONE [Yellow Stone Corp]
Homepage  http://www.ystone.com.tw
Logo 

RV5 Datasheet(HTML) 1 Page - Yellow Stone Corp

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
14
NOTE
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
CHIP TYPE Aluminum Electolytic Capacitors
RV5
Chip Type Large Capacitance Capacitors
 Compatible with surface mounting.
 Supplied with carrier taping.
 Guarantees 2000 hours at 85℃.
■ SPECIFICATIONS
Item
Performance
Category Temperature Range
40℃~+85℃
Capacitance Tolerance
20%
(20℃, 120Hz)
Leakage Current (
A)
Less than 0.01CV or 3 whichever is larger (after 2 minutes) C
:Rated capacitance (
F);V:Rated voltage (V)
(20
℃)
Dissipation Factor
(Tan
 at 120Hz, 20℃)
Rated voltage (V)
6.3
10
16
25
35
50
63
100
tan
 (max.)
0.35
0.32
0.28
0.18
0.14
0.12
0.12
0.12
Low Temperature Characteristics
(at 120Hz)
Rated voltage (V)
6.3
10
16
25
35
50
63
100
Z
25℃/Z+20℃
4
3
2
2
2
2
2
2
Impedance ratio
(max.)
Z
40℃/Z+20℃
10
8
6
4
3
3
3
3
Endurance (85℃)
(Applied ripple current)
Test time
2000 hours (
3: 1000hours)
Capacitance Change
Within
30% of initial value
Dissipation Factor
200% or less of the initial specified value
Leakage Current
The initial specified value or less
Shelf life (85℃)
Test time
:1000 hours; other items are the same as those for the endurance. Voltage application treatment:According to JIS
C5101-1
Coefficient of Frequency
for Rated Ripple Current
Frequency (Hz)
Rated voltage (V)
50
.60
120
1k
10k
.100k
6.3 to 16
0.8
1
1.15
1.25
25 to 35
0.8
1
1.25
1.40
50 to 63
0.8
1
1.35
1.50
100
0.7
1
1.35
1.50
Applicable standards
JIS C5101-1 1998, -18 1999 (IEC 60384-1 1992, -18 1993)
■ OUTLINE DRAWING
Unit:mm
D
L
A
B
C
W
P
Casing symbol
3
5.3
 0.2
3.3
3.3
1.5
0.45 to 0.75
0.8
B55
4
5.3
 0.2
4.3
4.3
2.0
0.5 to 0.8
1.0
D55
5
5.3
 0.2
5.3
5.3
2.3
0.5 to 0.8
1.5
E55
6.3
5.3
 0.2
6.3
6.3
2.7
0.5 to 0.8
2.0
F55
6.3
7.7
 0.3
6.6
6.6
2.7
0.5 to 0.8
2.0
F80
8
6.5
 0.3
8.4
8.4
3.4
0.5 to 0.8
2.3
G68
8
10
 0.5
8.4
8.4
3.0
0.7 to 1.1
3.1
G10
10
10
 0.5
10.4
10.4
3.3
0.7 to 1.1
4.7
H10
Marking color:Black print (
35.3L– 810L)
White print on a brown sleeve (
1010L)


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn