Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62158CV33 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY62158CV33
Description  1024K x 8 MoBL Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62158CV33 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY62158CV33 Datasheet HTML 2Page - Cypress Semiconductor CY62158CV33 Datasheet HTML 3Page - Cypress Semiconductor CY62158CV33 Datasheet HTML 4Page - Cypress Semiconductor CY62158CV33 Datasheet HTML 5Page - Cypress Semiconductor CY62158CV33 Datasheet HTML 6Page - Cypress Semiconductor CY62158CV33 Datasheet HTML 7Page - Cypress Semiconductor CY62158CV33 Datasheet HTML 8Page - Cypress Semiconductor CY62158CV33 Datasheet HTML 9Page - Cypress Semiconductor CY62158CV33 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CY62158CV25/30/33
MoBL™
Document #: 38-05019 Rev. *C
Page 6 of 12
Switching Characteristics Over the Operating Range[7]
Parameter
Description
55 ns
70 ns
Min.
Max.
Min.
Max.
Unit
READ CYCLE
tRC
Read Cycle Time
55
70
ns
tAA
Address to Data Valid
55
70
ns
tOHA
Data Hold from Address Change
10
10
ns
tACE
CE1 LOW and CE2 HIGH to Data Valid
55
70
ns
tDOE
OE LOW to Data Valid
25
35
ns
tLZOE
OE LOW to Low Z[8]
5
5
ns
tHZOE
OE HIGH to High Z[8, 9]
20
25
ns
tLZCE
CE1 LOW and CE2 HIGH to Low Z
[8]
10
10
ns
tHZCE
CE1 HIGH or CE2 LOW to High Z
[8, 9]
20
25
ns
tPU
CE1 LOW and CE2 HIGH to Power-Up
0
0
ns
tPD
CE1 HIGH or CE2 LOW to Power-Down
55
70
ns
WRITE CYCLE[10]
tWC
Write Cycle Time
55
70
ns
tSCE
CE1 LOW and CE2 HIGH to Write End
45
60
ns
tAW
Address Set-Up to Write End
45
60
ns
tHA
Address Hold from Write End
0
0
ns
tSA
Address Set-Up to Write Start
0
0
ns
tPWE
WE Pulse Width
45
50
ns
tSD
Data Set-Up to Write End
25
30
ns
tHD
Data Hold from Write End
0
0
ns
tHZWE
WE LOW to High Z[8, 9]
20
25
ns
tLZWE
WE HIGH to Low Z[8]
5
5
ns
Notes:
7.
Test conditions assume signal transition time of 5 ns or less, timing reference levels of VCC(typ.)/2, input pulse levels of 0 to VCC(typ.), and output loading of
the specified IOL/IOH and 30-pF load capacitance.
8.
At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device.
9.
tHZOE, tHZCE, and tHZWE transitions are measured when the outputs enter a high impedance state.
10. The internal write time of the memory is defined by the overlap of WE, CE1 = VIL, and CE2 = VIH. All signals must be ACTIVE to initiate a write and any of
these signals can terminate a write by going INACTIVE. The data input set-up and hold timing should be referenced to the edge of the signal that terminates
the write.


Similar Part No. - CY62158CV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62158DV30 CYPRESS-CY62158DV30 Datasheet
411Kb / 11P
   8-Mbit (1024K x 8) MoBL Static RAM
CY62158DV30L CYPRESS-CY62158DV30L Datasheet
411Kb / 11P
   8-Mbit (1024K x 8) MoBL Static RAM
CY62158DV30L-45BVI CYPRESS-CY62158DV30L-45BVI Datasheet
411Kb / 11P
   8-Mbit (1024K x 8) MoBL Static RAM
CY62158DV30L-45ZSXI CYPRESS-CY62158DV30L-45ZSXI Datasheet
411Kb / 11P
   8-Mbit (1024K x 8) MoBL Static RAM
CY62158DV30L-45ZXI CYPRESS-CY62158DV30L-45ZXI Datasheet
411Kb / 11P
   8-Mbit (1024K x 8) MoBL Static RAM
More results

Similar Description - CY62158CV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62158DV30 CYPRESS-CY62158DV30 Datasheet
411Kb / 11P
   8-Mbit (1024K x 8) MoBL Static RAM
CY62148V CYPRESS-CY62148V Datasheet
189Kb / 11P
   512K x 8 MoBL Static RAM
CY62148CV25 CYPRESS-CY62148CV25 Datasheet
272Kb / 13P
   512K x 8 MoBL Static RAM
CY62158EV30 CYPRESS-CY62158EV30 Datasheet
998Kb / 11P
   8-Mbit (1024K x 8) Static RAM
CY62158EV30 CYPRESS-CY62158EV30_09 Datasheet
999Kb / 11P
   8-Mbit (1024K x 8) Static RAM
CY62168DV30 CYPRESS-CY62168DV30_09 Datasheet
316Kb / 9P
   16-Mbit (2M x 8) MoBL Static RAM
CY62138EV30 CYPRESS-CY62138EV30_09 Datasheet
493Kb / 9P
   2-Mbit (256K x 8) MoBL Static RAM
CY62157DV30 CYPRESS-CY62157DV30_09 Datasheet
583Kb / 12P
   8-Mbit (512K x 16) MoBL Static RAM
CY62157DV30 CYPRESS-CY62157DV30_10 Datasheet
573Kb / 15P
   8-Mbit (512K x 16) MoBL Static RAM
CY62138EV30 CYPRESS-CY62138EV30_11 Datasheet
437Kb / 12P
   2 Mbit (256K x 8) MoBL Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com