Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62158CV25 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY62158CV25
Description  1024K x 8 MoBL Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62158CV25 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY62158CV25 Datasheet HTML 1Page - Cypress Semiconductor CY62158CV25 Datasheet HTML 2Page - Cypress Semiconductor CY62158CV25 Datasheet HTML 3Page - Cypress Semiconductor CY62158CV25 Datasheet HTML 4Page - Cypress Semiconductor CY62158CV25 Datasheet HTML 5Page - Cypress Semiconductor CY62158CV25 Datasheet HTML 6Page - Cypress Semiconductor CY62158CV25 Datasheet HTML 7Page - Cypress Semiconductor CY62158CV25 Datasheet HTML 8Page - Cypress Semiconductor CY62158CV25 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CY62158CV25/30/33
MoBL™
Document #: 38-05019 Rev. *C
Page 2 of 12
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature . ................................–65°C to +150°C
Ambient Temperature with
Power Applied. ..............................................55°C to +125°C
Supply Voltage to Ground Potential ...–0.5V to Vccmax + 0.5V
DC Voltage Applied to Outputs
in High Z State[3].................................... –0.5V to VCC + 0.5V
DC Input Voltage[3].................................–0.5V to VCC + 0.5V
Output Current into Outputs (LOW)..............................20 mA
Static Discharge Voltage ............................................>2001V
(per MIL-STD-883, Method 3015)
Latch-Up Current .....................................................>200 mA
Notes:
1.
NC pins are not connected to the die.
2.
C2 (DNU) can be left as NC or VSS to ensure proper application.
3.
VIL(min.) = –2.0V for pulse durations less than 20 ns.
4.
Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ.), TA = 25°C.
Pin Configurations
WE
VCC
A11
A10
A6
A0
A3
CE1
DNU
NC
I/O0
A4
A5
I/O1
NC
I/O2
I/O3
NC
A9
A8
OE
VSS
A7
NC
NC
CE2
A17
A2
A1
NC
VCC
I/O4
NC
I/O5
I/O6
NC
I/O7
NC
A15
A14
A13
A
12
NC
A18
A19
3
2
6
5
4
1
D
E
B
A
C
F
G
H
A16
NC
FBGA
Top View
[1, 2]
VSS
Operating Range
Product
Range
Ambient Temperature
VCC
CY62158CV25
Industrial
–40°C to +85°C
2.2V to 2.7V
CY62158CV30
2.7V to 3.3V
CY62158CV33
3.0V to 3.6V
Product Portfolio
Product
VCC Range
Speed
Power Dissipation (Industrial)
Operating (ICC)
Standby (ISB2)
f = 1 MHz
f = fmax
Min.
Typ.[4]
Max.
Typ.[4]
Max.
Typ.[4]
Max.
Typ.[4]
Max.
CY62158CV25
2.2V
2.5V
2.7V
55 ns
1.5 mA
3 mA
7 mA
15 mA
6
µA
25
µA
70 ns
1.5 mA
3 mA
5.5 mA
12 mA
CY62158CV30
2.7V
3.0V
3.3V
55 ns
1.5 mA
3 mA
7 mA
15 mA
8
µA
25
µA
70 ns
1.5 mA
3 mA
5.5 mA
12 mA
CY62158CV33
3.0V
3.3V
3.6V
55 ns
1.5 mA
3 mA
7 mA
15 mA
10
µA
30
µA
70 ns
1.5 mA
3 mA
5.5 mA
12 mA


Similar Part No. - CY62158CV25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62158DV30 CYPRESS-CY62158DV30 Datasheet
411Kb / 11P
   8-Mbit (1024K x 8) MoBL Static RAM
CY62158DV30L CYPRESS-CY62158DV30L Datasheet
411Kb / 11P
   8-Mbit (1024K x 8) MoBL Static RAM
CY62158DV30L-45BVI CYPRESS-CY62158DV30L-45BVI Datasheet
411Kb / 11P
   8-Mbit (1024K x 8) MoBL Static RAM
CY62158DV30L-45ZSXI CYPRESS-CY62158DV30L-45ZSXI Datasheet
411Kb / 11P
   8-Mbit (1024K x 8) MoBL Static RAM
CY62158DV30L-45ZXI CYPRESS-CY62158DV30L-45ZXI Datasheet
411Kb / 11P
   8-Mbit (1024K x 8) MoBL Static RAM
More results

Similar Description - CY62158CV25

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62158DV30 CYPRESS-CY62158DV30 Datasheet
411Kb / 11P
   8-Mbit (1024K x 8) MoBL Static RAM
CY62148V CYPRESS-CY62148V Datasheet
189Kb / 11P
   512K x 8 MoBL Static RAM
CY62148CV25 CYPRESS-CY62148CV25 Datasheet
272Kb / 13P
   512K x 8 MoBL Static RAM
CY62158EV30 CYPRESS-CY62158EV30 Datasheet
998Kb / 11P
   8-Mbit (1024K x 8) Static RAM
CY62158EV30 CYPRESS-CY62158EV30_09 Datasheet
999Kb / 11P
   8-Mbit (1024K x 8) Static RAM
CY62168DV30 CYPRESS-CY62168DV30_09 Datasheet
316Kb / 9P
   16-Mbit (2M x 8) MoBL Static RAM
CY62138EV30 CYPRESS-CY62138EV30_09 Datasheet
493Kb / 9P
   2-Mbit (256K x 8) MoBL Static RAM
CY62157DV30 CYPRESS-CY62157DV30_09 Datasheet
583Kb / 12P
   8-Mbit (512K x 16) MoBL Static RAM
CY62157DV30 CYPRESS-CY62157DV30_10 Datasheet
573Kb / 15P
   8-Mbit (512K x 16) MoBL Static RAM
CY62138EV30 CYPRESS-CY62138EV30_11 Datasheet
437Kb / 12P
   2 Mbit (256K x 8) MoBL Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com