Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5323D Datasheet(PDF) 6 Page - ON Semiconductor

Part # CS5323D
Description  Three-Phase Buck Controller with 5-Bit DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5323D Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CS5323D Datasheet HTML 2Page - ON Semiconductor CS5323D Datasheet HTML 3Page - ON Semiconductor CS5323D Datasheet HTML 4Page - ON Semiconductor CS5323D Datasheet HTML 5Page - ON Semiconductor CS5323D Datasheet HTML 6Page - ON Semiconductor CS5323D Datasheet HTML 7Page - ON Semiconductor CS5323D Datasheet HTML 8Page - ON Semiconductor CS5323D Datasheet HTML 9Page - ON Semiconductor CS5323D Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
CS5323
http://onsemi.com
6
ELECTRICAL CHARACTERISTICS (continued) (0
°C < TA < 70°C; 0°C < TJ < 85°C; 4.7 V < VCC < 14 V; CGATE = 100 pF,
RR(OSC) = 53.6 k, CCOMP = 0.1 µF, CREF = 0.1µF, DAC Code 10000, CVCC = 0.1 µF, ILIM ≥ 1.0 V; unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Current Sensing and Sharing
CS1–CS3 Input Bias Current
V(CSx) = V(CSREF) = 0 V
0.2
2.0
µA
CSREF Input Bias Current
0.6
2.0
µA
Current Sense Amplifier Gain
3.7
4.2
4.7
V/V
Current Sense Amp Mismatch
(The sum of gain and offset errors)
0 < (CSx – CSREF) < 50 mV
–5.0
5.0
mV
Current Sense Amplifiers Input
Common Mode Range Limit
Note 4
0
VCC – 2
V
Current Sense Input to ILIM Gain
0.25 V < 1.20 V
5.0
6.5
8.0
V/V
Current Limit Filter Slew Rate
Note 4
7.5
15
40
mV/
µs
ILIM Bias Current
0 < ILIM < 1.0 V
0.1
1.0
µA
Single Phase Pulse by Pulse
Current Limit: V(CSx) –
V(CSREF)
75
105
115
mV
Current Share Amplifier Bandwidth
Note 4
1.0
mHz
Reference Output
VREF Output Voltage
0 mA < I(VREF) < 1.0 mA
3.2
3.3
3.4
V
General Electrical Specifications
VCC Operating Current
VFB = COMP(no switching)
23
28
mA
VCC Start Threshold
GATEs switching, COMP charging
4.05
4.60
4.70
V
VCC Stop Threshold
GATEs stop switching, COMP discharging
3.75
4.4
4.65
V
VCC Hysteresis
GATEs not switching, COMP not charging
100
200
300
mV
4. Guaranteed by design. Not tested in production.


Similar Part No. - CS5323D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5323 ONSEMI-CS5323 Datasheet
328Kb / 16P
   Three?뭁hase Buck Controller with 5?묪it DAC
July, 2006 ??Rev. 7
CS5323GDW20 ONSEMI-CS5323GDW20 Datasheet
328Kb / 16P
   Three?뭁hase Buck Controller with 5?묪it DAC
July, 2006 ??Rev. 7
CS5323GDWR20 ONSEMI-CS5323GDWR20 Datasheet
328Kb / 16P
   Three?뭁hase Buck Controller with 5?묪it DAC
July, 2006 ??Rev. 7
CS5323 ONSEMI-CS5323_06 Datasheet
328Kb / 16P
   Three?뭁hase Buck Controller with 5?묪it DAC
July, 2006 ??Rev. 7
More results

Similar Description - CS5323D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5323 ONSEMI-CS5323_06 Datasheet
328Kb / 16P
   Three?뭁hase Buck Controller with 5?묪it DAC
July, 2006 ??Rev. 7
NCP5322A ONSEMI-NCP5322A Datasheet
1Mb / 32P
   TWO-PHASE BUCK CONTROLLER WITH INTEGRATED GATE DRIVERS AND 5-BIT DAC
December, 2001 ??Rev. 4
NCP5332A ONSEMI-NCP5332A Datasheet
328Kb / 30P
   Two-Phase Buck Controller with Integrated Gate Drivers and 5-Bit DAC
August, 2003 ??Rev. 4
CS5304 ONSEMI-CS5304 Datasheet
247Kb / 19P
   Three-Phase Buck Controller
September, 2011 ??Rev. 0
logo
Analog Devices
ADP3164 AD-ADP3164 Datasheet
162Kb / 16P
   5-Bit Programmable 4-Phase Synchronous Buck Controller
REV. 0
logo
ON Semiconductor
ADP3209CJCPZ-RL ONSEMI-ADP3209CJCPZ-RL Datasheet
752Kb / 32P
   5-Bit, Programmable, Single-Phase, Synchronous Buck Controller
Jan2008 Rev. 2 ADP3209/D
logo
Analog Devices
ADP3162 AD-ADP3162 Datasheet
151Kb / 12P
   5-Bit Programmable 2-Phase Synchronous Buck Controller
REV. A
ADP3160 AD-ADP3160 Datasheet
292Kb / 16P
   5-Bit Programmable 2-Phase Synchronous Buck Controller
REV. B
logo
ON Semiconductor
ADP3164 ONSEMI-ADP3164 Datasheet
256Kb / 15P
   5-Bit Programmable 4-Phase Synchronous Buck Controller
May 2010 - Rev. 2
logo
Maxim Integrated Produc...
DS4302 MAXIM-DS4302 Datasheet
535Kb / 8P
   2-Wire, 5-Bit DAC with Three Digital Outputs
Rev 1; 6/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com