Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

861141386015 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 861141386015
Description  WCAP-AI3H Aluminum Electrolytic Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

861141386015 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  861141386015 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 861141386015 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 861141386015 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 861141386015 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 861141386015 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 861141386015 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 861141386015 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 861141386015 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Instruction for optional fixation:
sectional drawing A-A
Capillary Joint
Fixing
Material
Fixing
Material
max. 80%
detail C
Fixing
Material
detail B
A
A
B
C
0,8
±0
,1
1,5 ±0,1
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
PSL
DIN ISO 2768-1m
DESCRIPTION
TECHNICAL REFERENCE
WCAP-AI3H Aluminum Electrolytic
Capacitors
ANJQ250221M400DSIC2C000
ORDER CODE
861141386015
SIZE
REVISION
STATUS
DATE (YYYY-MM-DD)
BUSINESS UNIT
PAGE
35 x 25
001.000
Valid
2017-02-08
eiCap
2/8
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 861141386015

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
861141386025 WURTH-861141386025 Datasheet
391Kb / 8P
   WCAP-AI3H Aluminum Electrolytic Capacitors
861141386028 WURTH-861141386028 Datasheet
391Kb / 8P
   WCAP-AI3H Aluminum Electrolytic Capacitors
More results

Similar Description - 861141386015

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
861141484009 WURTH-861141484009 Datasheet
1Mb / 8P
   WCAP-AI3H Aluminum Electrolytic Capacitors
861141486020 WURTH-861141486020 Datasheet
497Kb / 7P
   WCAP-AI3H Aluminum Electrolytic Capacitors
861141485033 WURTH-861141485033 Datasheet
722Kb / 9P
   WCAP-AI3H Aluminum Electrolytic Capacitors
001.001
861141485019 WURTH-861141485019 Datasheet
1Mb / 8P
   WCAP-AI3H Aluminum Electrolytic Capacitors
1.1 2015-04-30
861141486023 WURTH-861141486023 Datasheet
1Mb / 8P
   WCAP-AI3H Aluminum Electrolytic Capacitors
1.1 2015-04-30
861140783006 WURTH-861140783006 Datasheet
391Kb / 8P
   WCAP-AI3H Aluminum Electrolytic Capacitors
861141483003 WURTH-861141483003 Datasheet
496Kb / 7P
   WCAP-AI3H Aluminum Electrolytic Capacitors
1.0 2014-11-11
861141484010 WURTH-861141484010 Datasheet
496Kb / 7P
   WCAP-AI3H Aluminum Electrolytic Capacitors
1.0 2014-11-11
861141484011 WURTH-861141484011 Datasheet
496Kb / 7P
   WCAP-AI3H Aluminum Electrolytic Capacitors
1.0 2014-11-11
861141084008 WURTH-861141084008 Datasheet
390Kb / 8P
   WCAP-AI3H Aluminum Electrolytic Capacitors
001.000
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com