Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

861021386035 Datasheet(PDF) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 861021386035
Description  WCAP-AIG5 Aluminum Electrolytic Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

861021386035 Datasheet(HTML) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  861021386035 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 861021386035 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 861021386035 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 861021386035 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 861021386035 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 861021386035 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 861021386035 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 861021386035 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Cautions and Warnings:
The following conditions apply to all goods within the product series of WCAP-AIG5 of
Würth Elektronik eiSos GmbH & Co. KG:
1.1 Polarity
An Aluminum Electrolytic Capacitor has a polarity. In operation this polarity needs to be considered and adhered.
Reverse voltage can damage or destroy an Aluminum Electrolytic Capacitor. This can finally lead to a malfunction.
If the polarity in a circuit will be switched or possibly can be reversed, the usage of a non-polar capacitor shall be applied.
The polarity of an Electrolytic Capacitor is for Snap-In types marked like following.
A minus sign on one of the claw fasteners indicates the negative terminal.
On the sleeve the negative terminal is marked with a color band and thereon are minus signs given.
1.2 Overvoltage
Avoid any overvoltage and do not apply a continuous overvoltage. If an overvoltage is applied to the capacitor, the leakage current can
increase drastically. The applied working voltage is not allowed to exceed the rated working voltage of the specific capacitor.
1.3 Operating Temperature
The capacitor shall not be operated above the operating temperature, which is stated within this datasheet of the specific capacitor. The
achievable lifetime of the capacitor is correlating to the applied temperature. In order to achieve the maximum lifetime, the capacitor should
be operated by the lowest possible temperature conditions within the application.
1.4 Ripple Current
The applied ripple current shall not exceed the specified maximum ripple current of the capacitor.
If a higher ripple current is applied as permitted, it can cause excessive heat generation and higher temperature inside the capacitor. This
happens due to pole change effects, if ripple current is applied to the capacitor. This can result in damage or lifetime shortage of the
capacitor and may cause deterioration.
Electrolytic capacitors are regularly not designed for usage in AC applications and ripple current is applied / based due to parasitic effects on
DC signal.
Please see electrical specification within this datasheet for maximum allowed ripple current.
1.5 Charge and Discharge
Frequent and quick charge / discharge cycles may generate heat inside the capacitor. In worst case this can cause a decrease of
capacitance, an increase of leakage current or breakdown.
Applications with rapid charge and discharge cycles should be avoided. For assistance with your application please consult our technical
support.
1.6 Vent
On most Aluminum Electrolytic types, a predetermined breaking point is given on the top of the component, which is the so called vent. The
vent is there to assure a possible pressure relief and to avoid that the capacitor can explode due to internal pressure, which can occur by
applying reverse voltage or a too high ripple current.
A space of at least 3mm above the vent is recommended, in order to assure the full function of the vent. If less space is present the vent
maybe cannot operate correctly / completely.
1.7 Sleeve
The sleeve material consists of PET (polyethylene terephthalate). If excessive heat is applied to the sleeve (e.g. soldering process, etc.) the
sleeve may crack or deform.
If the capacitor will be exposed to xylene, toluene or likewise and will be afterwards heated, the sleeve may crack or deform.
The sleeve does not assure any electrical insulation. It is to avoid to use / place the product on a spot where electrical insulation is needed.
To assure electrical insulation, especially to the case of capacitor, further actions need to be taken.
1.8 Storage Conditions
The storage conditions for a capacitor are recommended to be 5 °C up to 35 °C and less than 75 % rel. humidity.
Do not expose the capacitor to environments with hazardous gas, ozone, ultraviolet rays or any kind of radiation. Avoid any contact of the
capacitor with direct sunshine, saltwater, spray of water or types of oil during storage..
If a capacitor is stored for a long time without applying voltage or storage conditions of 35 °C or above and more than 75 % relative
humidity, the leakage current may increase.
The leakage current will return to normal level when applying the rated voltage to the capacitor before use. If the capacitor was stored for
more than 6 months, it is recommended to apply DC working voltage to the capacitor for 30 minutes through a 1 kΩ protective series
resistor.
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
PSL
DIN ISO 2768-1m
DESCRIPTION
TECHNICAL REFERENCE
WCAP-AIG5 Aluminum Electrolytic
Capacitors
ANJQ600102M400DSIC2B000
ORDER CODE
861021386035
SIZE
REVISION
STATUS
DATE (YYYY-MM-DD)
BUSINESS UNIT
PAGE
35 x 60
001.000
Valid
2017-02-08
eiCap
5/8
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 861021386035

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
861021386031 WURTH-861021386031 Datasheet
392Kb / 8P
   WCAP-AIG5 Aluminum Electrolytic Capacitors
More results

Similar Description - 861021386035

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
861020786024 WURTH-861020786024 Datasheet
391Kb / 8P
   WCAP-AIG5 Aluminum Electrolytic Capacitors
861021486031 WURTH-861021486031 Datasheet
1Mb / 8P
   WCAP-AIG5 Aluminum Electrolytic Capacitors
1.1 2015-04-30
861021485022 WURTH-861021485022 Datasheet
1Mb / 8P
   WCAP-AIG5 Aluminum Electrolytic Capacitors
1.1 2015-04-30
861021486027 WURTH-861021486027 Datasheet
1Mb / 8P
   WCAP-AIG5 Aluminum Electrolytic Capacitors
1.1 2015-04-30
861021485020 WURTH-861021485020 Datasheet
1Mb / 8P
   WCAP-AIG5 Aluminum Electrolytic Capacitors
1.1 2015-04-30
861021484009 WURTH-861021484009 Datasheet
1Mb / 8P
   WCAP-AIG5 Aluminum Electrolytic Capacitors
1.1 2015-04-30
861021484016 WURTH-861021484016 Datasheet
1Mb / 8P
   WCAP-AIG5 Aluminum Electrolytic Capacitors
1.1 2015-04-30
861021484012 WURTH-861021484012 Datasheet
1Mb / 8P
   WCAP-AIG5 Aluminum Electrolytic Capacitors
1.1 2015-04-30
861021485019 WURTH-861021485019 Datasheet
1Mb / 8P
   WCAP-AIG5 Aluminum Electrolytic Capacitors
1.1 2015-04-30
861021483007 WURTH-861021483007 Datasheet
1Mb / 8P
   WCAP-AIG5 Aluminum Electrolytic Capacitors
1.1 2015-04-30
861021485018 WURTH-861021485018 Datasheet
1Mb / 8P
   WCAP-AIG5 Aluminum Electrolytic Capacitors
1.1 2015-04-30
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com