Electronic Components Datasheet Search |
|
DMT10H015LFG-7 Datasheet(PDF) 1 Page - Diodes Incorporated |
|
DMT10H015LFG-7 Datasheet(HTML) 1 Page - Diodes Incorporated |
1 / 7 page DMT10H015LFG Document number: DS38222 Rev. 4 - 2 1 of 7 www.diodes.com October 2017 © Diodes Incorporated DMT10H015LFG 100V N-CHANNEL ENHANCEMENT MODE MOSFET Product Summary BVDSS RDS(ON) max ID TC = +25°C 100V 13.5 mΩ @ VGS = 10V 42A 18 mΩ @ VGS = 6.0V 36A 23.5 mΩ @ VGS = 4.5V 32A Description and Applications This MOSFET is designed to minimize the on-state resistance (RDS(ON)) and yet maintain superior switching performance, making it ideal for high efficiency power management applications. Applications Synchronous Rectifier Backlighting Power Management Functions DC-DC Converters Features and Benefits Low RDS(ON) – Ensures On State Losses Are Minimized Excellent Qgd x RDS (ON) Product (FOM) Advanced Technology for DC/DC Converters Small Form Factor Thermally Efficient Package Enables Higher Density End Products Occupies Just 33% of The Board Area Occupied by SO-8 Enabling Smaller End Product 100% UIS (Avalanche) Rated Lead-Free Finish; RoHS Compliant (Notes 1 & 2) Halogen and Antimony Free. “Green” Device (Note 3) Qualified to AEC-Q101 Standards for High Reliability Mechanical Data Case: PowerDI ® 3333-8 Case Material: Molded Plastic, "Green" Molding Compound. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020 Terminal Connections Indicator: See Diagram Terminals: Finish Matte Tin Annealed over Copper Leadframe. Solderable per MIL-STD-202, Method 208 Weight: 0.008 grams (Approximate) Ordering Information (Note 4) Part Number Case Packaging DMT10H015LFG-7 PowerDI3333-8 2,000/Tape & Reel DMT10H015LFG-13 PowerDI3333-8 3,000/Tape & Reel Notes: 1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied. 2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free. 3. Halogen- and Antimony- free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm antimony compounds. 4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/. Marking Information Top View S1H = Product Type Marking Code YYWW = Date Code Marking YY = Last Two Digits of Year (ex: 17 = 2017) WW = Week Code (01 to 53) Bottom View S S S G D D D D Pin 1 Equivalent Circuit S1H e3 D S G Green PowerDI is a registered trademark of Diodes Incorporated. |
Similar Part No. - DMT10H015LFG-7 |
|
Similar Description - DMT10H015LFG-7 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |