Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMT10H010LSS Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMT10H010LSS
Description  100V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMT10H010LSS Datasheet(HTML) 4 Page - Diodes Incorporated

  DMT10H010LSS Datasheet HTML 1Page - Diodes Incorporated DMT10H010LSS Datasheet HTML 2Page - Diodes Incorporated DMT10H010LSS Datasheet HTML 3Page - Diodes Incorporated DMT10H010LSS Datasheet HTML 4Page - Diodes Incorporated DMT10H010LSS Datasheet HTML 5Page - Diodes Incorporated DMT10H010LSS Datasheet HTML 6Page - Diodes Incorporated DMT10H010LSS Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DMT10H010LSS
Document number: DS38035 Rev.6 - 2
4 of 7
www.diodes.com
February 2018
© Diodes Incorporated
DMT10H010LSS
0
0.5
1
1.5
2
2.5
3
3.5
4
-50
-25
0
25
50
75
100 125 150 175
T
J, JUNCTION TEMPERATURE (℃)
Figure 8. Gate Threshold Variation vs. Junction
Temperature
I
D=250μA
I
D=1mA
0
5
10
15
20
25
30
0
0.3
0.6
0.9
1.2
1.5
V
SD, SOURCE-DRAIN VOLTAGE (V)
Figure 9. Diode Forward Voltage vs Current
V
GS=0V, TJ=-55℃
V
GS=0V, TJ=25℃
V
GS=0V, TJ=85℃
V
GS=0V, TJ=175℃
V
GS=0V, TJ=150℃
V
GS=0V, TJ=125℃
0.001
0.01
0.1
1
10
100
0.01
0.1
1
10
100
1000
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 12 SOA, Safe Operation Area
T
= 150°C
J (m ax )
T = 25°C
A
V
= 10V
GS
Single Pulse
DUT on 1 * MRP Board
RDS(on)
Limited
DC
P
= 10s
W
P
= 1s
W
P
= 100ms
W
P
= 10ms
W
P
= 1ms
W
P
= 100µs
W
0
0.002
0.004
0.006
0.008
0.01
0.012
0.014
0.016
0.018
0.02
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 7. On-Resistance Variation with Temperature
V
GS = 6V, ID = 13A
V
GS = 4.5V, ID = 5A
V
GS = 10V, ID = 13A
1
10
100
1000
10000
0
20
40
60
80
100
VDS, DRAIN-SOURCE VOLTAGE (V)
Figure 10. Typical Junction Capacitance
f=1MHz
C
rss
C
oss
C
iss
0
2
4
6
8
10
0
10
20
30
40
50
60
Qg (nC)
Figure 11. Gate Charge
V
DS = 50V, ID = 13A


Similar Part No. - DMT10H010LSS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMT10H010LSS DIODES-DMT10H010LSS Datasheet
391Kb / 6P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT10H010LSS-13 DIODES-DMT10H010LSS-13 Datasheet
391Kb / 6P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT10H010LSSQ DIODES-DMT10H010LSSQ Datasheet
581Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
March 2023 Rev. 4 - 2
DMT10H010LSSQ-13 DIODES-DMT10H010LSSQ-13 Datasheet
581Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
March 2023 Rev. 4 - 2
More results

Similar Description - DMT10H010LSS

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN10B08E6 ZETEX-ZXMN10B08E6 Datasheet
252Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A11G ZETEX-ZXMN10A11G Datasheet
1Mb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMN10H099SK3 DIODES-DMN10H099SK3_15 Datasheet
361Kb / 6P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMN10A08E6 ZETEX-ZXMN10A08E6_05 Datasheet
186Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN10A08DN8 DIODES-ZXMN10A08DN8 Datasheet
185Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A09K DIODES-ZXMN10A09K Datasheet
660Kb / 8P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A11K DIODES-ZXMN10A11K Datasheet
670Kb / 8P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN10H220LE DIODES-DMN10H220LE_15 Datasheet
500Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN10H220LVT DIODES-DMN10H220LVT_15 Datasheet
400Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZVN3310F DIODES-ZVN3310F_15 Datasheet
180Kb / 5P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT10H015LK3 DIODES-DMT10H015LK3 Datasheet
533Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com