Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DB205 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # DB205
Description  Silicon Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

DB205 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  DB205 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited DB205 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited DB205 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited DB205 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Silicon Bridge Rectifiers
DB204--DB207
DFM702AA
www.gmesemi.com
Rev.B
Production specification
Features
Glass passivated junction
High surge current capability
Saves space on printed circuit boards
High temperature soldering guaranteed:
260°C/10 seconds
RoHS Compliant
Mechanical Data
Case: Molded plastic body RoHS-compliant
Molding compound meets UL 94 V-0 flammability rating
Terminals: Lead Free Plating (Matte Tin Finish.)
Polarity indicator: As marked on body
Maximum Ratings (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
DB204
DB205
DB206
DB207
Units
Peak repetitive reverse voltage
VRRM
400
600
800
1000
V
RMS reverse voltage
VRMS
280
420
560
700
V
DC blocking voltage
VDC
400
600
800
1000
V
Maximum average forward output current
IF(AV)
2.0
A
Peak forward surge current,
8.3ms single half-sine-wave
@TJ= 25°C
IFSM
60
A
I
2t Rating for fusing
@TJ= 25°C
I
2t
14.9
A
2s
Thermal Characteristics
Note:
1. Device mounted on PCB with 10 mm x 20 mm x 0.1mm copper pad areas
Parameter
Symbol
DB204
DB205
DB206
DB207
Units
Typical thermal resistance per leg
(Note 1)
R ΘJA
70
°C/W
R ΘJC
31
R ΘJL
29
Operating junction temperature range
TJ
- 55 ---- + 150
°C
Storage temperature range
TSTG
- 55 ---- + 150
°C


Similar Part No. - DB205

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
DB205 LUGUANG-DB205 Datasheet
152Kb / 2P
   Silicon Bridge Rectifiers
logo
Zibo Seno Electronic En...
DB205 ZSELEC-DB205 Datasheet
73Kb / 2P
   2.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
RFE international
DB205 RFE-DB205 Datasheet
920Kb / 3P
   Bridge Rectifiers
01-30-2023
logo
Leshan Radio Company
DB205 LRC-DB205 Datasheet
200Kb / 3P
   High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Yangzhou yangjie electr...
DB205 YANGJIE-DB205 Datasheet
161Kb / 4P
   Bridge Rectifiers
More results

Similar Description - DB205

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com