Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28508OCXT Datasheet(PDF) 10 Page - Silicon Laboratories

Part # CY28508OCXT
Description  333 MHz Low-Voltage Differential SSCG
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CY28508OCXT Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button CY28508OCXT Datasheet HTML 6Page - Silicon Laboratories CY28508OCXT Datasheet HTML 7Page - Silicon Laboratories CY28508OCXT Datasheet HTML 8Page - Silicon Laboratories CY28508OCXT Datasheet HTML 9Page - Silicon Laboratories CY28508OCXT Datasheet HTML 10Page - Silicon Laboratories CY28508OCXT Datasheet HTML 11Page - Silicon Laboratories CY28508OCXT Datasheet HTML 12Page - Silicon Laboratories CY28508OCXT Datasheet HTML 13Page - Silicon Laboratories CY28508OCXT Datasheet HTML 14Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
CY28508
...................... Document #: 38-07534 Rev. *F Page 10 of 13
Absolute Maximum Conditions[2]
Parameter
Description
Condition
Min.
Max.
Unit
VDD, VDDC,
VDDA, VDDX
3.3V Supply Voltage
Maximum functional voltage
–0.5
5.5
V
VDDQ
Analog Supply Voltage
Maximum functional voltage
–0.5
5.5
V
VIN
Input Voltage
Relative to V SS
–0.5
VDD + 0.5
V
TS
Temperature, Storage
Non-functional
–65
150
°C
TA
Temperature, Operating Ambient
Functional
0
70
°C
TJ
Temperature, Junction
Functional
150
°C
ESDHBM
ESD Protection (Human Body Model)
MIL-STD-883, Method 3015
2000
V
ØJC
Dissipation, Junction to Case
Mil-Spec 883E Method 1012.1
42
°C/W
ØJA
Dissipation, Junction to Ambient
JEDEC (JESD 51)
118
°C/W
UL–94
Flammability Rating
At 1/8 in.
V–0
MSL
Moisture Sensitivity Level
1
DC Electrical Specifications
Parameter
Description
Condition
Min.
Typ.
Max.
Unit
VDD, VDDA,
VDDX, VDDC
3.3 Operating Voltage
3.3 ± 5%
3.135
3.300
3.465
V
VDDQ
2.5 Operating Voltage
2.5 ± 5%
2.375
2.500
2.625
V
VIL
Input Low Voltage
VIL for all inputs except XIN
1.0
Vdc
VIH
Input High Voltage
VIH for all inputs except XIN
2.0
Vdc
IILC
Input Leakage Current
Except for internal pull-up or pull-down
resistors
–5
5
µA
IIL
Input Low Current (@VIL = VSS)
For internal pull-up resistors
9
µA
IIH
Input High Current (@VIL =VDD)
For internal pull-down resistors
–9
µA
IOLI2C
I2C Sink Current
mA
VOL
Output Low Voltage
REF output
0.4
Vdc
VOH
Output High Voltage
REF output
2.4
Vdc
VOLC
Output Low Voltage CPU
At load measurement point with recom-
mended termination. See Figure 7.
0.0
0.4
Vdc
VOHC
Output High Voltage CPU
At load measurement point with recom-
mended termination. See Figure 7.
0.6
1.6
Vdc
VXIH
Xin High Voltage
0.7VDDX
VDDX
V
VXIL
Xin Low Voltage
0
0.3VDDX
V
IOZ
Three-state leakage Current
10
µA
CIN
Input Pin Capacitance
For all pins including XIN
5
pF
COUT
Output Pin Capacitance
6pF
LIN
Input Pin Inductance
7nH
ZOUT
Output Impedance of CPU Clock
Both rising and falling
18
IDD3A
Power supply current for all 3.3V VDDs
with all three buffers enabled and
loaded
Output is 224.7 MHz with VCO running
666.6 MHz
80
100
mA
IDD3B
Power supply current for all 3.3V VDDs
with VDDs with two buffers enabled and
loaded
Output is 224.7 MHz with VCO running
666.6 MHz
78
100
mA
IDD3C
Power supply current for all 3.3V VDDs
with one buffer enabled and loaded
Output is 224.7 MHz with VCO running
666.6 MHz
77
100
mA
Note:
2. Multiple Sequence: The voltage on any input or I/O pin cannot exceed the power pin during power-up. Power supply sequencing is NOT required.


Similar Part No. - CY28508OCXT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28510 SPECTRALINEAR-CY28510 Datasheet
161Kb / 12P
   Peripheral I/O Clock Generator
logo
Cypress Semiconductor
CY28510 CYPRESS-CY28510 Datasheet
99Kb / 13P
   Peripheral I/O Clock Generator
logo
SpectraLinear Inc
CY28510OC SPECTRALINEAR-CY28510OC Datasheet
161Kb / 12P
   Peripheral I/O Clock Generator
logo
Cypress Semiconductor
CY28510OC CYPRESS-CY28510OC Datasheet
99Kb / 13P
   Peripheral I/O Clock Generator
logo
SpectraLinear Inc
CY28510OCT SPECTRALINEAR-CY28510OCT Datasheet
161Kb / 12P
   Peripheral I/O Clock Generator
More results

Similar Description - CY28508OCXT

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL16020 SILABS-SL16020 Datasheet
470Kb / 10P
   Low Jitter and Power Clock Generator with SSCG
logo
SHOUDING Shouding Semic...
SD5088 SHOUDING-SD5088 Datasheet
2Mb / 9P
   Series low-voltage differential voltage regulator
logo
Silicon Laboratories
SL16010 SILABS-SL16010 Datasheet
136Kb / 8P
   Low Jitter and Power Clock Generator with SSCG
logo
List of Unclassifed Man...
IMIC9716J ETC1-IMIC9716J Datasheet
108Kb / 12P
   100 MHz Clock Generator with SSCG and Power Management for Mobile Application
logo
ON Semiconductor
MC100LVEL17 ONSEMI-MC100LVEL17 Datasheet
108Kb / 3P
   Low-Voltage Quad Differential Receiver
1996 REV 2
logo
Agere Systems
LCK4802 AGERE-LCK4802 Datasheet
156Kb / 10P
   Low-Voltage PECL Differential Clock
logo
Wolfgang Knap
67SMO WK-67SMO Datasheet
114Kb / 1P
   Low Voltage Differential Signaling Oscillators
logo
Analog Devices
AD8129 AD-AD8129 Datasheet
505Kb / 28P
   Low-Cost 270 MHz Differential Receiver Amplifiers
logo
Agere Systems
LCK4801 AGERE-LCK4801 Datasheet
160Kb / 10P
   Low-Voltage HSTL Differential Clock
logo
List of Unclassifed Man...
SL16010DC ETC2-SL16010DC Datasheet
136Kb / 8P
   Low Jitter and Power Clock Generator with SSCG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com