Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28508OCXT Datasheet(PDF) 5 Page - Silicon Laboratories

Part # CY28508OCXT
Description  333 MHz Low-Voltage Differential SSCG
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CY28508OCXT Datasheet(HTML) 5 Page - Silicon Laboratories

  CY28508OCXT Datasheet HTML 1Page - Silicon Laboratories CY28508OCXT Datasheet HTML 2Page - Silicon Laboratories CY28508OCXT Datasheet HTML 3Page - Silicon Laboratories CY28508OCXT Datasheet HTML 4Page - Silicon Laboratories CY28508OCXT Datasheet HTML 5Page - Silicon Laboratories CY28508OCXT Datasheet HTML 6Page - Silicon Laboratories CY28508OCXT Datasheet HTML 7Page - Silicon Laboratories CY28508OCXT Datasheet HTML 8Page - Silicon Laboratories CY28508OCXT Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CY28508
........................ Document #: 38-07534 Rev. *F Page 5 of 13
Byte 3: Dial-a-Frequency Control Register N1 [default = 224.70 MHz, N = 86d, ODSEL = 1]
Bit
@Pup
Description
7
0
Reserved, set = 0.
61
N6, MSB
50
N5
41
N4
30
N3
21
N2
11
N1
00
N0, LSB
Byte 4: Dial-a-Frequency Control Register M1 [default = 224.70 MHz, M = 49d, ODSEL = 1]
Bit
@Pup
Description
7
1
Reserved, set = 1.
6
1
SWODSEL: Output divider select. 0 = /2, 1 = /3.
Changing the output divider causes large instantaneous changes in the CPU pulse width and
should only be changed before system operation is to occur.
5
1
M5 MSB.
41
M4
30
M3
20
M2
10
M1
0
1
M0, LSB.
Byte 5: Dial-a-Frequency Control Register N2 – Only Bit 7 is Used by the CY28508
Bit
@Pup
Description
7
0
UP/DN pulse width limit. During Smooth-Track, the bandwidth hence the slew rate is controlled through
limiting the pulse width of the UP/DN pulse outputs of the phase detector going to the charge pump. The
default is 0 = 20 ns and can be programmed to 1 = 40 ns, which will increase the slew rate.
6
0
Reserved, set = 0.
5
1
Reserved, set = 1.
4
1
Reserved, set = 1.
3
0
Reserved, set = 0.
2
0
Reserved, set = 0.
1
0
Reserved, set = 0.
0
0
Reserved, set = 0.
Byte 6: Dial-a-Frequency Control Register M2 – Only Bits 6 and 7 are Used by the CY28508
Bit
@Pup
Description
7
1
FSEL Control: 1 = HW FSEL, 0 = SW FSEL
6
1
SW FSEL: 0 = SW MN0 select, 1 = SW MN1 select. Only valid when B6b7 = 0.
5
1
Reserved, set = 1.
4
1
Reserved, set = 1.
3
0
Reserved, set = 0.
2
0
Reserved, set = 0.
1
0
Reserved, set = 0.
0
0
Reserved, set = 0.


Similar Part No. - CY28508OCXT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28510 SPECTRALINEAR-CY28510 Datasheet
161Kb / 12P
   Peripheral I/O Clock Generator
logo
Cypress Semiconductor
CY28510 CYPRESS-CY28510 Datasheet
99Kb / 13P
   Peripheral I/O Clock Generator
logo
SpectraLinear Inc
CY28510OC SPECTRALINEAR-CY28510OC Datasheet
161Kb / 12P
   Peripheral I/O Clock Generator
logo
Cypress Semiconductor
CY28510OC CYPRESS-CY28510OC Datasheet
99Kb / 13P
   Peripheral I/O Clock Generator
logo
SpectraLinear Inc
CY28510OCT SPECTRALINEAR-CY28510OCT Datasheet
161Kb / 12P
   Peripheral I/O Clock Generator
More results

Similar Description - CY28508OCXT

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL16020 SILABS-SL16020 Datasheet
470Kb / 10P
   Low Jitter and Power Clock Generator with SSCG
logo
SHOUDING Shouding Semic...
SD5088 SHOUDING-SD5088 Datasheet
2Mb / 9P
   Series low-voltage differential voltage regulator
logo
Silicon Laboratories
SL16010 SILABS-SL16010 Datasheet
136Kb / 8P
   Low Jitter and Power Clock Generator with SSCG
logo
List of Unclassifed Man...
IMIC9716J ETC1-IMIC9716J Datasheet
108Kb / 12P
   100 MHz Clock Generator with SSCG and Power Management for Mobile Application
logo
ON Semiconductor
MC100LVEL17 ONSEMI-MC100LVEL17 Datasheet
108Kb / 3P
   Low-Voltage Quad Differential Receiver
1996 REV 2
logo
Agere Systems
LCK4802 AGERE-LCK4802 Datasheet
156Kb / 10P
   Low-Voltage PECL Differential Clock
logo
Wolfgang Knap
67SMO WK-67SMO Datasheet
114Kb / 1P
   Low Voltage Differential Signaling Oscillators
logo
Analog Devices
AD8129 AD-AD8129 Datasheet
505Kb / 28P
   Low-Cost 270 MHz Differential Receiver Amplifiers
logo
Agere Systems
LCK4801 AGERE-LCK4801 Datasheet
160Kb / 10P
   Low-Voltage HSTL Differential Clock
logo
List of Unclassifed Man...
SL16010DC ETC2-SL16010DC Datasheet
136Kb / 8P
   Low Jitter and Power Clock Generator with SSCG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com