Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28547LFXCT Datasheet(PDF) 1 Page - Silicon Laboratories

Part # CY28547LFXCT
Description  Clock Generator for Intel짰CK410M/CK505
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CY28547LFXCT Datasheet(HTML) 1 Page - Silicon Laboratories

  CY28547LFXCT Datasheet HTML 1Page - Silicon Laboratories CY28547LFXCT Datasheet HTML 2Page - Silicon Laboratories CY28547LFXCT Datasheet HTML 3Page - Silicon Laboratories CY28547LFXCT Datasheet HTML 4Page - Silicon Laboratories CY28547LFXCT Datasheet HTML 5Page - Silicon Laboratories CY28547LFXCT Datasheet HTML 6Page - Silicon Laboratories CY28547LFXCT Datasheet HTML 7Page - Silicon Laboratories CY28547LFXCT Datasheet HTML 8Page - Silicon Laboratories CY28547LFXCT Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Clock Generator for Intel®CK410M/CK505
CY28547
....................... Document #: 001-05103 Rev *B Page 1 of 24
400 West Cesar Chavez, Austin, TX 78701
1+(512) 416-8500
1+(512) 416-9669
www.silabs.com
Features
• Compliant to Intel® CK410M and CK505
• Selectable CPU frequencies
• Low power differential CPU clock pairs
• 100-MHz low power differential SRC clocks
• 96-MHz low power differential dot clock
• 27-MHz Spread and Non-spread video clock
• 48-MHz USB clock
• SRC clocks independently stoppable through
CLKREQ#[1:9]
• 96/100-MHz low power spreadable differential video
clock
• 33-MHz PCI clocks
• Buffered Reference Clock 14.318 MHz
• Low-voltage frequency select inputs
•I2C support with readback capabilities
• Ideal Lexmark Spread Spectrum profile for maximum
electromagnetic interference (EMI) reduction
• 3.3V power supply
• 72-pin QFN package
Table 1. Output Confguration Table
CPU
SRC
PCI
REF
DOT96
USB_48M
LCD
27M
x2/x3
x9/11
x5
x 2
x 1
x 1
x1
x2
Pin Configuration
Block Diagram
VDD_REF
VDD_CPU
VDD_SRC
VTTPWR_GD#/PD
PLL Reference
FS[C:A]
PLL1
CPU
PLL3
Graphi
c
Divider
Divider
PLL2
Fixed
Divider
Divider
CLKREQ#
VDD_SRC
REF[1:0]
CPUT[1:0]
CPUC[1:0]
CPUT2_ITP/SRCT10
CPUC2_ITP/SRCC10
SRCT [9:1]
SRCC [9:1]
I2C
Logic
SDATA
SCLK
14.318MHz
Crystal
Xin
Xout
ITP_EN
VDD_48
USB_48 [1:0]
VDD_PCI
PCI[4:1]
VDD_48
27_NSS
Divider
FCTSEL
PCI_STP#
CPU_STP#
VDD_PCI
PCIF0
27_SS
VDD_48
VDD_SRC
LCD_100MT/SRCT0
LCD_100MC/SRCC0
VDD_48
DOT96T
DOT96C
PLL4
27M
72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55
VDD_SRC
1
54
VDD_SRC
SRCC_9
2
53
SRCC_2
SRCT_9
3
52
SRCT_2
VSS_SRC
4
51
SRCC_1/SATAC
CPUC2_ITP / SRCC_10
5
50
SRCT_1/SATAT
CPUT2_ITP / SRCT_10
6
49
VDD_SRC
VDDA
7
48
SRCC_0 / LCD100MC
VSSA
8
47
SRCT_0 / LCD100MT
* PGMODE
9
46
CLKREQ1#
CPUC1_MCH
10
45
FSB/TEST_MODE
CPUT1_MCH
11
44
DOT96C / 27M_SS
VDD_CPU
12
43
DOT96T / 27M_NSS
CPUC0
13
42
VSS_48
CPUT0
14
41
48M / FSA
VSS_CPU
15
40
VDD_48
SCLK
16
39
VTT_PWRGD# / PD (CKPWRGD/PD#)
SDATA
17
38
CLKREQ7#
VDD_REF
18
37
PCIF0/ITP_SEL
19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36
CY28547


Similar Part No. - CY28547LFXCT

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CY28548 SILABS-CY28548 Datasheet
1Mb / 31P
   Clock Generator for Intel짰Crestline Chipset
CY28548LFXC SILABS-CY28548LFXC Datasheet
1Mb / 31P
   Clock Generator for Intel짰Crestline Chipset
CY28548LFXCT SILABS-CY28548LFXCT Datasheet
1Mb / 31P
   Clock Generator for Intel짰Crestline Chipset
CY28548ZXC SILABS-CY28548ZXC Datasheet
1Mb / 31P
   Clock Generator for Intel짰Crestline Chipset
CY28548ZXCT SILABS-CY28548ZXCT Datasheet
1Mb / 31P
   Clock Generator for Intel짰Crestline Chipset
More results

Similar Description - CY28547LFXCT

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL28EB742ALC SILABS-SL28EB742ALC Datasheet
302Kb / 43P
   EPROCLOCK짰 GENERATOR FOR INTEL짰 CK505 COMPLIANCE
logo
Hitachi Semiconductor
HD151TS301RP HITACHI-HD151TS301RP Datasheet
60Kb / 8P
   Clock Generator for Printer
logo
Rohm
BU2190F ROHM-BU2190F Datasheet
46Kb / 4P
   Clock generator for PD
BU2279F ROHM-BU2279F Datasheet
48Kb / 2P
   Clock generator for PC
logo
List of Unclassifed Man...
BU2362FV ETC1-BU2362FV Datasheet
57Kb / 2P
   Clock generator for DVD
logo
Rohm
BU2192F ROHM-BU2192F Datasheet
42Kb / 4P
   Clock generator for personal
logo
Silicon Laboratories
SL28647 SILABS-SL28647 Datasheet
275Kb / 27P
   Clock Generator for Intel짰CK505
logo
Nippon Precision Circui...
SM8703AV NPC-SM8703AV Datasheet
106Kb / 12P
   Clock Generator for MPEG2 System
SM8703CV NPC-SM8703CV Datasheet
98Kb / 12P
   Clock Generator for DVD Players
logo
SpectraLinear Inc
CY28331 SPECTRALINEAR-CY28331 Datasheet
178Kb / 16P
   Clock Generator for AMD??Hammer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com