Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28508OXC Datasheet(PDF) 11 Page - Silicon Laboratories

Part # CY28508OXC
Description  333 MHz Low-Voltage Differential SSCG
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CY28508OXC Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button CY28508OXC Datasheet HTML 6Page - Silicon Laboratories CY28508OXC Datasheet HTML 7Page - Silicon Laboratories CY28508OXC Datasheet HTML 8Page - Silicon Laboratories CY28508OXC Datasheet HTML 9Page - Silicon Laboratories CY28508OXC Datasheet HTML 10Page - Silicon Laboratories CY28508OXC Datasheet HTML 11Page - Silicon Laboratories CY28508OXC Datasheet HTML 12Page - Silicon Laboratories CY28508OXC Datasheet HTML 13Page - Silicon Laboratories CY28508OXC Datasheet HTML 14Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
CY28508
...................... Document #: 38-07534 Rev. *F Page 11 of 13
IDDR
Power supply additional current for all
3.3V VDDs for loaded REF only
Output is 14.31818 MHz with VCO
running 666.6 MHz
810
mA
IDD2A
Power supply current for all 2.5V VDDs
with three buffers enabled and loaded
Output is 224.7 MHz with VCO running
666.6 MHz
180
225
mA
IDD2B
Power supply current for all 2.5V VDDs
with two buffers enabled and loaded
Output is 224.7 MHz with VCO running
666.6 MHz
124
155
mA
IDD2C
Power supply current for all 2.5V VDDs
with one buffer enabled and loaded
Output is 224.7 MHz with VCO running
666.6 MHz
70
90
mA
IDD2D
Power supply current for all 2.5V VDDs
with all buffers disabled
Output is 224.7 MHz with VCO running
666.6 MHz
710
mA
AC Electrical Specifications
Parameter
Description
Condition
Min.
Typ.
Max. Unit
Crystal
TDC
Xin Duty Cycle
Measured at VDDX/2
45
55
%
TPERIOD
Xin Period
Measured at VDDX/2. The VCO frequency must
remain within its operating range.
52.4 69.841 87.3
ns
REF Output
TDC
REF Duty Cycle
Measured at 1.5V, 15-pF lumped load.
45
50
55
%
TRISE/TFALL REF Rise and Fall Times
Measured from 0.4V to 2.4V, 15-pF lumped load.
1
4
ns
TCCJ
REF Cycle to Cycle Jitter
Measured at 1.5V, 15-pF lumped load.
1000
ps
LOCK Output
TFALL
Lock Fall Time
Measured from 2.4V to 0.4V, 10-pF lumped load and
10K
 pull-up.
0.5
2
ns
CPU Outputs
TDC
CPUT/C Duty Cycle
Measured at 0.62V at measuring point. See Figure 7.
45
50
55
%
TRISE/TFALL CPUT/C Rise and Fall Times
Measured from 0.3V to 0.9V. See Figure 7.
150
500
ps
TSKEW
CPUT/C to CPUT/C Clock Skew Measured at 0.62V at measuring point. See Figure 7.
100
ps
TCCJ
CPUT/C Cycle to Cycle Jitter
Measured at 0.62V at measuring point. See Figure 7.
135
ps
VDIF
Differential Voltage Swing
At load measuring point. See Figures 7 and 8.
1.24
1.5
VOX
Crossing Point Voltage
At load measuring point. See Figures 7 and 8.
0.4
0.62
0.9
V
FVCO
VCO Operating Frequency
Over voltage, temperature and process
333
675
MHz
TXS
Power-on Hold Off
Outputs will be as shown in Figure 6
1.2
ms
Table 6. Slew Rate Settings Output Divider = /3 (Measured over 10
s)
M
N Range
Typ. Max. Slew Rate
(kHz/
S)
Worst-Corner Max Slew
Rate (kHz/
S)
ICP
B2b7
Ns
B7b7
Variable ICP
B8b7
49
43-65
55
100
x1
2048
1
49
65-86
75
140
x1
2048 or 1024
1
49
43-86
45
70
x1
2048
0
DC Electrical Specifications (continued)
Parameter
Description
Condition
Min.
Typ.
Max.
Unit
Table 7. Slew Rate Settings Output Divider = /2 (Measured over 10
s)
M
N Range
Typ. Max. Slew Rate
(kHz/
S)
Worst-Corner Max Slew
Rate (kHz/
S)
ICP
B2b7
Ns
B7b7
Variable ICP
B8b7
49
43-65
80
150
x1
2048
1
49
65-86
120
200
x1
2048 or 1024
1
49
43-86
65
100
x1
2048
0


Similar Part No. - CY28508OXC

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28510 SPECTRALINEAR-CY28510 Datasheet
161Kb / 12P
   Peripheral I/O Clock Generator
logo
Cypress Semiconductor
CY28510 CYPRESS-CY28510 Datasheet
99Kb / 13P
   Peripheral I/O Clock Generator
logo
SpectraLinear Inc
CY28510OC SPECTRALINEAR-CY28510OC Datasheet
161Kb / 12P
   Peripheral I/O Clock Generator
logo
Cypress Semiconductor
CY28510OC CYPRESS-CY28510OC Datasheet
99Kb / 13P
   Peripheral I/O Clock Generator
logo
SpectraLinear Inc
CY28510OCT SPECTRALINEAR-CY28510OCT Datasheet
161Kb / 12P
   Peripheral I/O Clock Generator
More results

Similar Description - CY28508OXC

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL16020 SILABS-SL16020 Datasheet
470Kb / 10P
   Low Jitter and Power Clock Generator with SSCG
logo
SHOUDING Shouding Semic...
SD5088 SHOUDING-SD5088 Datasheet
2Mb / 9P
   Series low-voltage differential voltage regulator
logo
Silicon Laboratories
SL16010 SILABS-SL16010 Datasheet
136Kb / 8P
   Low Jitter and Power Clock Generator with SSCG
logo
List of Unclassifed Man...
IMIC9716J ETC1-IMIC9716J Datasheet
108Kb / 12P
   100 MHz Clock Generator with SSCG and Power Management for Mobile Application
logo
ON Semiconductor
MC100LVEL17 ONSEMI-MC100LVEL17 Datasheet
108Kb / 3P
   Low-Voltage Quad Differential Receiver
1996 REV 2
logo
Agere Systems
LCK4802 AGERE-LCK4802 Datasheet
156Kb / 10P
   Low-Voltage PECL Differential Clock
logo
Wolfgang Knap
67SMO WK-67SMO Datasheet
114Kb / 1P
   Low Voltage Differential Signaling Oscillators
logo
Analog Devices
AD8129 AD-AD8129 Datasheet
505Kb / 28P
   Low-Cost 270 MHz Differential Receiver Amplifiers
logo
Agere Systems
LCK4801 AGERE-LCK4801 Datasheet
160Kb / 10P
   Low-Voltage HSTL Differential Clock
logo
List of Unclassifed Man...
SL16010DC ETC2-SL16010DC Datasheet
136Kb / 8P
   Low Jitter and Power Clock Generator with SSCG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com