Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28447LFXCT Datasheet(PDF) 3 Page - Silicon Laboratories

Part # CY28447LFXCT
Description  Clock Generator for Intel짰Calistoga Chipset
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CY28447LFXCT Datasheet(HTML) 3 Page - Silicon Laboratories

  CY28447LFXCT Datasheet HTML 1Page - Silicon Laboratories CY28447LFXCT Datasheet HTML 2Page - Silicon Laboratories CY28447LFXCT Datasheet HTML 3Page - Silicon Laboratories CY28447LFXCT Datasheet HTML 4Page - Silicon Laboratories CY28447LFXCT Datasheet HTML 5Page - Silicon Laboratories CY28447LFXCT Datasheet HTML 6Page - Silicon Laboratories CY28447LFXCT Datasheet HTML 7Page - Silicon Laboratories CY28447LFXCT Datasheet HTML 8Page - Silicon Laboratories CY28447LFXCT Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
CY28447
........................ Document #: 38-07724 Rev *C Page 3 of 22
Frequency Select Pins (FSA, FSB, and FSC)
Host clock frequency selection is achieved by applying the
appropriate logic levels to FSA, FSB, FSC inputs prior to
VTT_PWRGD# assertion (as seen by the clock synthesizer).
Upon VTT_PWRGD# being sampled LOW by the clock chip
(indicating processor VTT voltage is stable), the clock chip
samples the FSA, FSB, and FSC input values. For all logic
levels of FSA, FSB, and FSC, VTT_PWRGD# employs a
one-shot functionality in that once a valid LOW on
VTT_PWRGD# has been sampled, all further VTT_PWRGD#,
FSA, FSB, and FSC transitions will be ignored, except in test
mode.
Serial Data Interface
To enhance the flexibility and function of the clock synthesizer,
a two-signal serial interface is provided. Through the Serial
Data Interface, various device functions, such as individual
clock output buffers, can be individually enabled or disabled.
The registers associated with the Serial Data Interface
initialize to their default setting upon power-up, and therefore
use of this interface is optional. Clock device register changes
are normally made upon system initialization, if any are
required. The interface cannot be used during system
operation for power management functions.
Data Protocol
The clock driver serial protocol accepts byte write, byte read,
block write, and block read operations from the controller. For
block write/read operation, the bytes must be accessed in
sequential order from lowest to highest byte (most significant
bit first) with the ability to stop after any complete byte has
been transferred. For byte write and byte read operations, the
system controller can access individually indexed bytes. The
offset of the indexed byte is encoded in the command code,
as described in Table 2.
The block write and block read protocol is outlined in Table 3
while Table 4 outlines the corresponding byte write and byte
read protocol. The slave receiver address is 11010010 (D2h)
.
39
VTT_PWRGD#/PD
I, PD
3.3V LVTTL input. This pin is a level sensitive strobe used to latch the FSA, FSB,
FSC, FCTSEL1, and ITP_SEL. After VTT_PWRGD# (active LOW) assertion, this
pin becomes a real-time input for asserting power down (active HIGH).
40
VDD_48
PWR
3.3V power supply for outputs.
41
48M/FSA
I/O
Fixed 48-MHz clock output / 3.3V-tolerant input for CPU frequency selection
Refer to DC Electrical Specifications table for Vil_FS and Vih_FS specifications.
42
VSS_48
GND
Ground for outputs.
43, 44
DOT96T/ 27M_NSS
DOT96C/ 27M_SS
O, DIF Fixed 96-MHz clock output or 27 Mhz Spread and Non-spread output
Selected via FCTSEL1 at VTTPWRGD# assertion.
45
FSB/TEST_MODE
I
3.3V-tolerant input for CPU frequency selection. Selects Ref/N or Tri-state
when in test mode
0 = Tri-state, 1 = Ref/N
Refer to DC Electrical Specifications table for Vil_FS and Vih_FS specifications.
47, 48
SRC[T/C]0/
LCD100M[T/C]
O,DIF 100-MHz differential serial reference clock output / Differential 96/100-MHz
SS clock for flat-panel display
Selected via FCTSEL1 at VTTPWRGD# assertion.
Pin Description (continued)
Pin No.
Name
Type
Description
Table 1. Frequency Select Table FSA, FSB, and FSC[1]
FSC
FSB
FSA
CPU
SRC
PCIF/PCI
27MHz
REF0
DOT96
USB
1
0
1
100 MHz
100 MHz
33 MHz
27 MHz
14.318 MHz
96 MHz
48 MHz
0
0
1
133 MHz
100 MHz
33 MHz
27 MHz
14.318 MHz
96 MHz
48 MHz
0
1
1
166 MHz
100 MHz
33 MHz
27 MHz
14.318 MHz
96 MHz
48 MHz
0
1
0
200 MHz
100 MHz
33 MHz
27 MHz
14.318 MHz
96 MHz
48 MHz
Table 2. Command Code Definition
Bit
Description
7
0 = Block read or block write operation, 1 = Byte read or byte write operation
(6:0)
Byte offset for byte read or byte write operation. For block read or block write operations, these bits should be
'0000000'
Note:
1. 27-MHz and 96-MHz can not be output at the same time.


Similar Part No. - CY28447LFXCT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CY28447LFXCT ETC2-CY28447LFXCT Datasheet
198Kb / 21P
   Clock Generator for Intel짰 Calistoga Chipset
logo
SpectraLinear Inc
CY28447LFXCT SPECTRALINEAR-CY28447LFXCT Datasheet
203Kb / 21P
   Clock Generator for Intel짰 Calistoga Chipset
logo
Cypress Semiconductor
CY28447LFXCT CYPRESS-CY28447LFXCT Datasheet
284Kb / 22P
   Clock Generator for Intel Calistoga Chipset
More results

Similar Description - CY28447LFXCT

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CY28445-5 SILABS-CY28445-5 Datasheet
1Mb / 26P
   Clock Generator for Intel짰Calistoga Chipset
CY28446 SILABS-CY28446 Datasheet
168Kb / 19P
   Clock Generator for Intel짰Calistoga Chipset
SL28541 SILABS-SL28541 Datasheet
307Kb / 31P
   Clock Generator for Intel짰Mobile Chipset
CY505YC64DT SILABS-CY505YC64DT Datasheet
212Kb / 24P
   Clock Generator for Intel짰Broadwater Chipset
CY28411 SILABS-CY28411 Datasheet
165Kb / 18P
   Clock Generator for Intel짰Alviso Chipset
CY28548 SILABS-CY28548 Datasheet
1Mb / 31P
   Clock Generator for Intel짰Crestline Chipset
CY28442-2 SILABS-CY28442-2 Datasheet
1Mb / 20P
   Clock Generator for Intel짰Alviso Chipset
SL28504-2 SILABS-SL28504-2 Datasheet
410Kb / 28P
   Clock Generator for Intel짰Eaglelake Chipset
SL28541-2 SILABS-SL28541-2 Datasheet
276Kb / 28P
   Clock Generator for Intel짰Mobile Chipset
CY28410 SILABS-CY28410 Datasheet
180Kb / 17P
   Clock Generator for Intel짰Grantsdale Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com