Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28411ZC Datasheet(PDF) 5 Page - Silicon Laboratories

Part # CY28411ZC
Description  Clock Generator for Intel짰Alviso Chipset
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CY28411ZC Datasheet(HTML) 5 Page - Silicon Laboratories

  CY28411ZC Datasheet HTML 1Page - Silicon Laboratories CY28411ZC Datasheet HTML 2Page - Silicon Laboratories CY28411ZC Datasheet HTML 3Page - Silicon Laboratories CY28411ZC Datasheet HTML 4Page - Silicon Laboratories CY28411ZC Datasheet HTML 5Page - Silicon Laboratories CY28411ZC Datasheet HTML 6Page - Silicon Laboratories CY28411ZC Datasheet HTML 7Page - Silicon Laboratories CY28411ZC Datasheet HTML 8Page - Silicon Laboratories CY28411ZC Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
CY28411
........................ Document #: 38-07594 Rev. *B Page 5 of 18
2
1
SRC[T/C]2
SRC[T/C]2 Output Enable
0 = Disable (Hi-Z), 1 = Enable
1
1
SRC[T/C]1
SRC[T/C]1 Output Enable
0 = Disable (Hi-Z), 1 = Enable
0
1
SRC[T/C]0
SRC[T/C]0 Output Enable
0 = Disable (Hi-Z), 1 = Enable
Byte 1: Control Register 1
Bit
@Pup
Name
Description
7
1
PCIF0
PCIF0 Output Enable
0 = Disabled, 1 = Enabled
6
1
DOT_96T/C
DOT_96 MHz Output Enable
0 = Disable (Hi-Z), 1 = Enabled
5
1
USB_48
USB_48 MHz Output Enable
0 = Disabled, 1 = Enabled
4
1
REF
REF Output Enable
0 = Disabled, 1 = Enabled
3
0
Reserved
Reserved
2
1
CPU[T/C]1
CPU[T/C]1 Output Enable
0 = Disable (Hi-Z), 1 = Enabled
1
1
CPU[T/C]0
CPU[T/C]0 Output Enable
0 = Disable (Hi-Z), 1 = Enabled
00
CPUT/C
SRCT/C
PCIF
PCI
Spread Spectrum Enable
0 = Spread off, 1 = Spread on
Byte 2: Control Register 2
Bit
@Pup
Name
Description
7
1
PCI5
PCI5 Output Enable
0 = Disabled, 1 = Enabled
6
1
PCI4
PCI4 Output Enable
0 = Disabled, 1 = Enabled
5
1
PCI3
PCI3 Output Enable
0 = Disabled, 1 = Enabled
4
1
PCI2
PCI2 Output Enable
0 = Disabled, 1 = Enabled
3
1
Reserved
Reserved, Set = 1
2
1
Reserved
Reserved, Set = 1
1
1
Reserved
Reserved, Set = 1
0
1
PCIF1
PCIF1 Output Enable
0 = Disabled, 1 = Enabled
Byte 3: Control Register 3
Bit
@Pup
Name
Description
7
0
SRC7
Allow control of SRC[T/C]7 with assertion of PCI_STP# or SW PCI_STP#
0 = Free running, 1 = Stopped with PCI_STP#
6
0
SRC6
Allow control of SRC[T/C]6 with assertion of PCI_STP# or SW PCI_STP#
0 = Free running, 1 = Stopped with PCI_STP#
5
0
SRC5
Allow control of SRC[T/C]5 with assertion of PCI_STP# or SW PCI_STP#
0 = Free running, 1 = Stopped with PCI_STP#
Byte 0:Control Register 0 (continued)
Bit
@Pup
Name
Description


Similar Part No. - CY28411ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28411ZC CYPRESS-CY28411ZC Datasheet
262Kb / 19P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28411ZC SPECTRALINEAR-CY28411ZC Datasheet
186Kb / 18P
   Clock Generator for Intel Alviso Chipset
logo
Cypress Semiconductor
CY28411ZCT CYPRESS-CY28411ZCT Datasheet
262Kb / 19P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28411ZCT SPECTRALINEAR-CY28411ZCT Datasheet
186Kb / 18P
   Clock Generator for Intel Alviso Chipset
More results

Similar Description - CY28411ZC

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CY28442-2 SILABS-CY28442-2 Datasheet
1Mb / 20P
   Clock Generator for Intel짰Alviso Chipset
SL28541 SILABS-SL28541 Datasheet
307Kb / 31P
   Clock Generator for Intel짰Mobile Chipset
CY28446 SILABS-CY28446 Datasheet
168Kb / 19P
   Clock Generator for Intel짰Calistoga Chipset
CY28447 SILABS-CY28447 Datasheet
1Mb / 23P
   Clock Generator for Intel짰Calistoga Chipset
CY505YC64DT SILABS-CY505YC64DT Datasheet
212Kb / 24P
   Clock Generator for Intel짰Broadwater Chipset
CY28548 SILABS-CY28548 Datasheet
1Mb / 31P
   Clock Generator for Intel짰Crestline Chipset
SL28504-2 SILABS-SL28504-2 Datasheet
410Kb / 28P
   Clock Generator for Intel짰Eaglelake Chipset
SL28541-2 SILABS-SL28541-2 Datasheet
276Kb / 28P
   Clock Generator for Intel짰Mobile Chipset
CY28410 SILABS-CY28410 Datasheet
180Kb / 17P
   Clock Generator for Intel짰Grantsdale Chipset
CY28445-5 SILABS-CY28445-5 Datasheet
1Mb / 26P
   Clock Generator for Intel짰Calistoga Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com