Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28410ZC Datasheet(PDF) 7 Page - Silicon Laboratories

Part # CY28410ZC
Description  Clock Generator for Intel짰Grantsdale Chipset
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CY28410ZC Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button CY28410ZC Datasheet HTML 3Page - Silicon Laboratories CY28410ZC Datasheet HTML 4Page - Silicon Laboratories CY28410ZC Datasheet HTML 5Page - Silicon Laboratories CY28410ZC Datasheet HTML 6Page - Silicon Laboratories CY28410ZC Datasheet HTML 7Page - Silicon Laboratories CY28410ZC Datasheet HTML 8Page - Silicon Laboratories CY28410ZC Datasheet HTML 9Page - Silicon Laboratories CY28410ZC Datasheet HTML 10Page - Silicon Laboratories CY28410ZC Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
CY28410
........................Document #: 38-07593 Rev. *C Page 7 of 17
Crystal Recommendations
The CY28410 requires a Parallel Resonance Crystal. Substi-
tuting a series resonance crystal will cause the CY28410 to
operate at the wrong frequency and \violate the ppm specifi-
cation. For most applications there is a 300ppm frequency shift
between series and parallel crystals due to incorrect loading.
Crystal Loading
Crystal loading plays a critical role in achieving low ppm perfor-
mance. To realize low ppm performance, the total capacitance
the crystal will see must be considered to calculate the appro-
priate capacitive loading (CL).
The following diagram shows a typical crystal configuration
using the two trim capacitors. An important clarification for the
following discussion is that the trim capacitors are in series
with the crystal not parallel. It’s a common misconception that
load capacitors are in parallel with the crystal and should be
approximately equal to the load capacitance of the crystal.
This is not true.
2
Externally
selected
CPUT/C
FS_C. Reflects the value of the FS_C pin sampled on power-up
0 = FS_C was low during VTT_PWRGD# assertion
1
Externally
selected
CPUT/C
FS_B. Reflects the value of the FS_B pin sampled on power-up
0 = FS_B was low during VTT_PWRGD# assertion
0
Externally
selected
CPUT/C
FS_A. Reflects the value of the FS_A pin sampled on power-up
0 = FS_A was low during VTT_PWRGD# assertion
Byte 7: Vendor ID
Bit
@Pup
Name
Description
7
0
Revision Code Bit 3
Revision Code Bit 3
6
0
Revision Code Bit 2
Revision Code Bit 2
5
1
Revision Code Bit 1
Revision Code Bit 1
4
0
Revision Code Bit 0
Revision Code Bit 0
3
1
Vendor ID Bit 3
Vendor ID Bit 3
2
0
Vendor ID Bit 2
Vendor ID Bit 2
1
0
Vendor ID Bit 1
Vendor ID Bit 1
0
0
Vendor ID Bit 0
Vendor ID Bit 0
Byte 6: Control Register 6 (continued)
Bit
@Pup
Name
Description
Table 5. Crystal Recommendations
Frequency
(Fund)
Cut
Loading Load Cap
Drive
(max.)
Shunt Cap
(max.)
Motional
(max.)
Tolerance
(max.)
Stability
(max.)
Aging
(max.)
14.31818 MHz
AT
Parallel
20 pF
0.1 mW
5 pF
0.016 pF
35 ppm
30 ppm
5 ppm


Similar Part No. - CY28410ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28410ZC CYPRESS-CY28410ZC Datasheet
281Kb / 18P
   Clock Generator for Intel Grantsdale Chipset
logo
SpectraLinear Inc
CY28410ZC SPECTRALINEAR-CY28410ZC Datasheet
219Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28410ZCT CYPRESS-CY28410ZCT Datasheet
281Kb / 18P
   Clock Generator for Intel Grantsdale Chipset
logo
SpectraLinear Inc
CY28410ZCT SPECTRALINEAR-CY28410ZCT Datasheet
219Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
More results

Similar Description - CY28410ZC

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL28541 SILABS-SL28541 Datasheet
307Kb / 31P
   Clock Generator for Intel짰Mobile Chipset
CY28446 SILABS-CY28446 Datasheet
168Kb / 19P
   Clock Generator for Intel짰Calistoga Chipset
CY28447 SILABS-CY28447 Datasheet
1Mb / 23P
   Clock Generator for Intel짰Calistoga Chipset
CY505YC64DT SILABS-CY505YC64DT Datasheet
212Kb / 24P
   Clock Generator for Intel짰Broadwater Chipset
CY28411 SILABS-CY28411 Datasheet
165Kb / 18P
   Clock Generator for Intel짰Alviso Chipset
CY28548 SILABS-CY28548 Datasheet
1Mb / 31P
   Clock Generator for Intel짰Crestline Chipset
CY28442-2 SILABS-CY28442-2 Datasheet
1Mb / 20P
   Clock Generator for Intel짰Alviso Chipset
SL28504-2 SILABS-SL28504-2 Datasheet
410Kb / 28P
   Clock Generator for Intel짰Eaglelake Chipset
SL28541-2 SILABS-SL28541-2 Datasheet
276Kb / 28P
   Clock Generator for Intel짰Mobile Chipset
CY28445-5 SILABS-CY28445-5 Datasheet
1Mb / 26P
   Clock Generator for Intel짰Calistoga Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com