Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28410OC Datasheet(PDF) 9 Page - Silicon Laboratories

Part # CY28410OC
Description  Clock Generator for Intel짰Grantsdale Chipset
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CY28410OC Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button CY28410OC Datasheet HTML 5Page - Silicon Laboratories CY28410OC Datasheet HTML 6Page - Silicon Laboratories CY28410OC Datasheet HTML 7Page - Silicon Laboratories CY28410OC Datasheet HTML 8Page - Silicon Laboratories CY28410OC Datasheet HTML 9Page - Silicon Laboratories CY28410OC Datasheet HTML 10Page - Silicon Laboratories CY28410OC Datasheet HTML 11Page - Silicon Laboratories CY28410OC Datasheet HTML 12Page - Silicon Laboratories CY28410OC Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
CY28410
........................Document #: 38-07593 Rev. *C Page 9 of 17
CL ................................................... Crystal load capacitance
CLe .........................................Actual loading seen by crystal
using standard value trim capacitors
Ce .....................................................External trim capacitors
Cs ............................................. Stray capacitance (terraced)
Ci .......................................................... Internal capacitance
(lead frame, bond wires etc.)
PD (Power-down) Clarification
The VTT_PWRGD# /PD pin is a dual function pin. During initial
power-up, the pin functions as VTT_PWRGD#. Once
VTT_PWRGD# has been sampled low by the clock chip, the
pin assumes PD functionality. The PD pin is an asynchronous
active high input used to shut off all clocks cleanly prior to
shutting off power to the device. This signal is synchronized
internal to the device prior to powering down the clock synthe-
sizer. PD is also an asynchronous input for powering up the
system. When PD is asserted high, all clocks are driven to a
low value and held prior to turning off the VCOs and the crystal
oscillator.
PD (Power-down) – Assertion
When PD is sampled high by two consecutive rising edges of
CPUC, all single-ended outputs will be held low on their next
high to low transition and differential clocks must be held high
or Hi-Z (depending on the state of the control register drive
mode bit) on the next diff clock# high to low transition within 4
clock periods. When the SMBus PD drive mode bit corre-
sponding to the differential (CPU, SRC, and DOT) clock output
of interest is programmed to ‘0’, the clock output must be held
with “Diff clock” pin driven high at 2 x Iref, and “Diff clock#”
tristate. If the control register PD drive mode bit corresponding
to the output of interest is programmed to “1”, then both the
“Diff clock” and the “Diff clock#” are Hi-Z. Note the example
below shows CPUT = 133 MHz and PD drive mode = ‘1’ for all
differential outputs. This diagram and description is applicable
to valid CPU frequencies 100,133,166,200,266,333, and 400
MHz. In the event that PD mode is desired as the initial
power-on state, PD must be asserted high in less than 10 uS
after asserting VTT_PWRGD#.
PD Deassertion
The power-up latency is less than 1.8 ms. This is the time from
the deassertion of the PD pin or the ramping of the power
supply until the time that stable clocks are output from the
clock chip. All differential outputs stopped in a three-state
condition resulting from power-down must be driven high in
less than 300
s of PD deassertion to a voltage greater than
200 mV. After the clock chip’s internal PLL is powered up and
locked, all outputs are enabled within a few clock cycles of
each other. Below is an example showing the relationship of
clocks coming up.
Figure 3. Power-down Assertion Timing Waveform
PD
USB, 48MHz
DOT96T
DOT96C
SRCT 100MHz
SRCC 100MHz
CPUT, 133MHz
PCI, 33 MHz
REF
CPUC, 133MHz


Similar Part No. - CY28410OC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28410OC CYPRESS-CY28410OC Datasheet
281Kb / 18P
   Clock Generator for Intel Grantsdale Chipset
logo
SpectraLinear Inc
CY28410OC SPECTRALINEAR-CY28410OC Datasheet
219Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28410OCT CYPRESS-CY28410OCT Datasheet
281Kb / 18P
   Clock Generator for Intel Grantsdale Chipset
logo
SpectraLinear Inc
CY28410OCT SPECTRALINEAR-CY28410OCT Datasheet
219Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
More results

Similar Description - CY28410OC

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL28541 SILABS-SL28541 Datasheet
307Kb / 31P
   Clock Generator for Intel짰Mobile Chipset
CY28446 SILABS-CY28446 Datasheet
168Kb / 19P
   Clock Generator for Intel짰Calistoga Chipset
CY28447 SILABS-CY28447 Datasheet
1Mb / 23P
   Clock Generator for Intel짰Calistoga Chipset
CY505YC64DT SILABS-CY505YC64DT Datasheet
212Kb / 24P
   Clock Generator for Intel짰Broadwater Chipset
CY28411 SILABS-CY28411 Datasheet
165Kb / 18P
   Clock Generator for Intel짰Alviso Chipset
CY28548 SILABS-CY28548 Datasheet
1Mb / 31P
   Clock Generator for Intel짰Crestline Chipset
CY28442-2 SILABS-CY28442-2 Datasheet
1Mb / 20P
   Clock Generator for Intel짰Alviso Chipset
SL28504-2 SILABS-SL28504-2 Datasheet
410Kb / 28P
   Clock Generator for Intel짰Eaglelake Chipset
SL28541-2 SILABS-SL28541-2 Datasheet
276Kb / 28P
   Clock Generator for Intel짰Mobile Chipset
CY28445-5 SILABS-CY28445-5 Datasheet
1Mb / 26P
   Clock Generator for Intel짰Calistoga Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com