Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28378OC Datasheet(PDF) 4 Page - Silicon Laboratories

Part # CY28378OC
Description  FTG for Pentium 4 and Intel 845 Series Chipset
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CY28378OC Datasheet(HTML) 4 Page - Silicon Laboratories

  CY28378OC Datasheet HTML 1Page - Silicon Laboratories CY28378OC Datasheet HTML 2Page - Silicon Laboratories CY28378OC Datasheet HTML 3Page - Silicon Laboratories CY28378OC Datasheet HTML 4Page - Silicon Laboratories CY28378OC Datasheet HTML 5Page - Silicon Laboratories CY28378OC Datasheet HTML 6Page - Silicon Laboratories CY28378OC Datasheet HTML 7Page - Silicon Laboratories CY28378OC Datasheet HTML 8Page - Silicon Laboratories CY28378OC Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
CY28378
........................ Document #: 38-07519 Rev. ** Page 4 of 21
Serial Data Interface
To enhance the flexibility and function of the clock synthesizer,
a two-signal serial interface is provided. Through the Serial
Data Interface (SDI), various device functions such as
individual clock output buffers, etc. can be individually enabled
or disabled.
Table 2. Frequency Selection Table
Input Conditions
Output Frequency
VCO
Freq.
PLL Gear
Constants
(G)
FS4
FS3
FS2
FS1
FS0
CPU
3V66
PCI
SEL4
SEL3
SEL2
SEL1
SEL0
0
0
0
0
0
100.7
67.1
33.6
402.80
47.99750
0
0
0
0
1
100.9
67.3
33.6
403.60
47.99750
0
0
0
1
0
108.0
72.0
36.0
432.00
47.99750
0
0
0
1
1
101.2
67.5
33.7
404.80
47.99750
0
0
1
0
0
114.0
76.0
38.0
456.00
47.99750
0
0
1
0
1
117.0
78.0
39.0
468.00
47.99750
0
0
1
1
0
120.0
80.0
40.0
480.00
47.99750
0
0
1
1
1
123.0
82.0
41.0
492.00
47.99750
0
1
0
0
0
125.7
62.9
31.4
377.12
63.99667
0
1
0
0
1
130.3
65.1
32.6
390.80
63.99667
0
1
0
1
0
133.9
67.0
33.5
401.70
63.99667
0
1
0
1
1
134.2
67.1
33.6
402.60
63.99667
0
1
1
0
0
134.5
67.3
33.6
403.50
63.99667
0
1
1
0
1
148.0
74.0
37.0
444.00
63.99667
0
1
1
1
0
152.0
76.0
38.0
456.00
63.99667
0
1
1
1
1
156.0
78.0
39.0
468.00
63.99667
1
0
0
0
0
160.0
80.0
40.0
480.00
63.99667
1
0
0
0
1
164.0
82.0
41.0
492.00
63.99667
1
0
0
1
0
167.4
66.9
33.5
334.80
95.99500
1
0
0
1
1
170.0
68.0
34.0
340.00
95.99500
1
0
1
0
0
175.0
70.0
35.0
350.00
95.99500
1
0
1
0
1
180.0
72.0
36.0
360.00
95.99500
1
0
1
1
0
185.0
74.0
37.0
370.00
95.99500
1
0
1
1
1
190.0
76.0
38.0
380.00
95.99500
1
1
0
0
0
166.8
66.7
33.4
333.60
95.99500
1
1
0
0
1
100.2
66.8
33.4
400.80
47.99750
1
1
0
1
0
133.6
66.8
33.4
400.80
63.99667
1
1
0
1
1
200.4
66.8
33.4
400.80
95.99500
1
1
1
0
0
166.6
66.6
33.3
333.33
95.99500
1
1
1
0
1
100.0
66.6
33.3
400.00
47.99750
1
1
1
1
0
200.0
66.6
33.3
400.00
95.99500
1
1
1
1
1
133.3
66.6
33.3
400.00
63.99667
Swing Select Functions
MULTSEL1
MULTSEL0
Board Target
Trace/Term Z
Reference R, IREF =
VDD/(3*Rr)
Output
Current
VOH @ Z
00
50
Rr = 221 1%,
IREF = 5.00 mA
IOH = 4*Iref
1.0V @ 50
10
50
Rr = 475 1%,
IREF = 2.32 mA
IOH = 6*Iref
0.7V @ 50


Similar Part No. - CY28378OC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28378OC CYPRESS-CY28378OC Datasheet
174Kb / 22P
   FTG for Pentium 4 and Intel 845 Series Chipset
logo
SpectraLinear Inc
CY28378OC SPECTRALINEAR-CY28378OC Datasheet
260Kb / 21P
   FTG for Pentium 4짰 and Intel짰 845 Series Chipset
logo
Cypress Semiconductor
CY28378OCT CYPRESS-CY28378OCT Datasheet
174Kb / 22P
   FTG for Pentium 4 and Intel 845 Series Chipset
logo
SpectraLinear Inc
CY28378OCT SPECTRALINEAR-CY28378OCT Datasheet
260Kb / 21P
   FTG for Pentium 4짰 and Intel짰 845 Series Chipset
More results

Similar Description - CY28378OC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28378 CYPRESS-CY28378 Datasheet
174Kb / 22P
   FTG for Pentium 4 and Intel 845 Series Chipset
logo
SpectraLinear Inc
CY28378 SPECTRALINEAR-CY28378 Datasheet
260Kb / 21P
   FTG for Pentium 4짰 and Intel짰 845 Series Chipset
logo
Cypress Semiconductor
CY28323B CYPRESS-CY28323B Datasheet
299Kb / 22P
   FTG for Intel Pentium 4 CPU and Chipsets
logo
SpectraLinear Inc
CY28344 SPECTRALINEAR-CY28344 Datasheet
217Kb / 21P
   FTG for Intel Pentium 4 CPU and Chipsets
logo
Cypress Semiconductor
CY28344 CYPRESS-CY28344 Datasheet
197Kb / 22P
   FTG for Intel Pentium 4 CPU and Chipsets
CY28324 CYPRESS-CY28324 Datasheet
184Kb / 23P
   FTG for Intel Pentium 4 CPU and Chipsets
CY28349B CYPRESS-CY28349B Datasheet
174Kb / 22P
   FTG for Intel Pentium 4 CPU and Chipsets
CY28325-3 CYPRESS-CY28325-3 Datasheet
266Kb / 19P
   FTG for VIA Pentium 4 Chipsets
logo
SpectraLinear Inc
CY28325-3 SPECTRALINEAR-CY28325-3 Datasheet
206Kb / 18P
   FTG for VIA??Pentium 4??Chipsets
logo
Cypress Semiconductor
CY28325-2 CYPRESS-CY28325-2 Datasheet
343Kb / 19P
   FTG for VIA Pentium 4 Chipsets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com