Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28353OC-2T Datasheet(PDF) 3 Page - Silicon Laboratories

Part # CY28353OC-2T
Description  Differential Clock Buffer/Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CY28353OC-2T Datasheet(HTML) 3 Page - Silicon Laboratories

  CY28353OC-2T Datasheet HTML 1Page - Silicon Laboratories CY28353OC-2T Datasheet HTML 2Page - Silicon Laboratories CY28353OC-2T Datasheet HTML 3Page - Silicon Laboratories CY28353OC-2T Datasheet HTML 4Page - Silicon Laboratories CY28353OC-2T Datasheet HTML 5Page - Silicon Laboratories CY28353OC-2T Datasheet HTML 6Page - Silicon Laboratories CY28353OC-2T Datasheet HTML 7Page - Silicon Laboratories CY28353OC-2T Datasheet HTML 8Page - Silicon Laboratories CY28353OC-2T Datasheet HTML 9Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CY28353-2
.......................... Document #: 38-07372 Rev. *B Page 3 of 9
Zero Delay Buffer
When used as a zero delay buffer the CY28353-2 will likely be
in a nested clock tree application. For these applications the
CY28353-2 offers a differential clock input pair as a PLL
reference. The CY28353-2 then can lock onto the reference
and translate with near zero delay to low skew outputs. For
normal operation, the external feedback input, FBINT, is
connected to the feedback output, FBOUTT. By connecting
the feedback output to the feedback input the propagation
delay through the device is eliminated. The PLL works to align
the output edge with the input reference edge thus producing
a near zero delay. The reference frequency affects the static
phase offset of the PLL and thus the relative delay between
the inputs and outputs.
When VDDA is strapped low, the PLL is turned off and
bypassed for test purposes.
Power Management
The individual output enable/disable control of the CY28353-2
allows the user to implement unique power management
schemes into the design. Outputs are tri-stated when disabled
through the two-line interface as individual bits are set low in
Byte0 and Byte1 registers. The feedback output pair
(FBOUTT, FBOUTC) cannot be disabled via two line serial
bus. The enabling and disabling of individual outputs is done
in such a manner as to eliminate the possibility of partial “runt”
clocks.
Serial Data Interface
To enhance the flexibility and function of the clock synthesizer,
a two-signal serial interface is provided. Through the Serial
Data Interface, various device functions, such as individual
clock output buffers, can be individually enabled or disabled.
The registers associated with the Serial Data Interface
initializes to their default setting upon power-up, and therefore
use of this interface is optional. Clock device register changes
are normally made upon system initialization, if any are
required. The interface cannot be used during system
operation for power management functions.
Data Protocol
The clock driver serial protocol accepts byte write, byte read,
block write, and block r\ead operations from the controller. For
block write/read operation, the bytes must be accessed in
sequential order from lowest to highest byte (most significant
bit first) with the ability to stop after any complete byte has
been transferred. For byte write and byte read operations, the
system controller can access individually indexed bytes. The
offset of the indexed byte is encoded in the command code,
as described in Table 1.
The block write and block read protocol is outlined in Table 2
while Table 3 outlines the corresponding byte write and byte
read protocol. The slave receiver address is 11010010 (D2h).
Table 1. Command Code Definition
Bit
Description
7
0 = Block read or block write operation, 1 = Byte read or byte write operation
(6:0)
Byte offset for byte read or byte write operation. For block read or block write operations, these bits should be
'0000000'
Table 2. Block Read and Block Write Protocol
Block Write Protocol
Block Read Protocol
Bit
Description
Bit
Description
1Start
1
Start
8:2
Slave address – 7 bits
8:2
Slave address – 7 bits
9
Write
9
Write
10
Acknowledge from slave
10
Acknowledge from slave
18:11
Command Code – 8 Bits
18:11
Command Code – 8 Bits
19
Acknowledge from slave
19
Acknowledge from slave
27:20
Byte Count – 8 bits
(Skip this step if I2C_EN bit set)
20
Repeat start
28
Acknowledge from slave
27:21
Slave address – 7 bits
36:29
Data byte 1 – 8 bits
28
Read = 1
37
Acknowledge from slave
29
Acknowledge from slave
45:38
Data byte 2 – 8 bits
37:30
Byte Count from slave – 8 bits
46
Acknowledge from slave
38
Acknowledge
....
Data Byte /Slave Acknowledges
46:39
Data byte 1 from slave – 8 bits
....
Data Byte N –8 bits
47
Acknowledge
....
Acknowledge from slave
55:48
Data byte 2 from slave – 8 bits
....
Stop
56
Acknowledge


Similar Part No. - CY28353OC-2T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28351 CYPRESS-CY28351 Datasheet
73Kb / 8P
   Differential Clock Buffer/Driver DDR400- and DDR333-Compliant
logo
SpectraLinear Inc
CY28351 SPECTRALINEAR-CY28351 Datasheet
145Kb / 7P
   Differential Clock Buffer/Driver
logo
Cypress Semiconductor
CY28351OC CYPRESS-CY28351OC Datasheet
73Kb / 8P
   Differential Clock Buffer/Driver DDR400- and DDR333-Compliant
logo
SpectraLinear Inc
CY28351OC SPECTRALINEAR-CY28351OC Datasheet
145Kb / 7P
   Differential Clock Buffer/Driver
logo
Cypress Semiconductor
CY28351OCT CYPRESS-CY28351OCT Datasheet
73Kb / 8P
   Differential Clock Buffer/Driver DDR400- and DDR333-Compliant
More results

Similar Description - CY28353OC-2T

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28351 SPECTRALINEAR-CY28351 Datasheet
145Kb / 7P
   Differential Clock Buffer/Driver
logo
Cypress Semiconductor
CY2SSTV855 CYPRESS-CY2SSTV855 Datasheet
162Kb / 7P
   Differential Clock Buffer/Driver
CY2SSTV8575 CYPRESS-CY2SSTV8575 Datasheet
122Kb / 8P
   Differential Clock Buffer/Driver
logo
SpectraLinear Inc
CY2SSTV855 SPECTRALINEAR-CY2SSTV855 Datasheet
93Kb / 6P
   Differential Clock Buffer/Driver
logo
Cypress Semiconductor
CY2SSTV850 CYPRESS-CY2SSTV850 Datasheet
115Kb / 11P
   Differential Clock Buffer/Driver
CY2SSTV855 CYPRESS-CY2SSTV855_06 Datasheet
133Kb / 7P
   Differential Clock Buffer/Driver
logo
SpectraLinear Inc
CY2SSTV8575 SPECTRALINEAR-CY2SSTV8575 Datasheet
134Kb / 7P
   Differential Clock Buffer/Driver
logo
Silicon Laboratories
CY2SSTV855 SILABS-CY2SSTV855 Datasheet
78Kb / 6P
   Differential Clock Buffer/Driver
logo
SpectraLinear Inc
CY28358 SPECTRALINEAR-CY28358 Datasheet
135Kb / 10P
   200-MHz Differential Clock Buffer/Driver
logo
Cypress Semiconductor
CY28358 CYPRESS-CY28358 Datasheet
76Kb / 11P
   200-MHz Differential Clock Buffer/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com