Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28353OC-2T Datasheet(PDF) 2 Page - Silicon Laboratories

Part # CY28353OC-2T
Description  Differential Clock Buffer/Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CY28353OC-2T Datasheet(HTML) 2 Page - Silicon Laboratories

  CY28353OC-2T Datasheet HTML 1Page - Silicon Laboratories CY28353OC-2T Datasheet HTML 2Page - Silicon Laboratories CY28353OC-2T Datasheet HTML 3Page - Silicon Laboratories CY28353OC-2T Datasheet HTML 4Page - Silicon Laboratories CY28353OC-2T Datasheet HTML 5Page - Silicon Laboratories CY28353OC-2T Datasheet HTML 6Page - Silicon Laboratories CY28353OC-2T Datasheet HTML 7Page - Silicon Laboratories CY28353OC-2T Datasheet HTML 8Page - Silicon Laboratories CY28353OC-2T Datasheet HTML 9Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CY28353-2
.......................... Document #: 38-07372 Rev. *B Page 2 of 9
Pin Description [1]
Pin Number
Pin Name
I/O
Pin Description
Electrical Characteristics
8CLKINT
I
Complementary Clock Input.
LV Differential Input
9CLKINC
I
Complementary Clock Input.
21
FBINC
I
Feedback Clock Input. Connect to
FBOUTC for accessing the PLL.
Differential Input
20
FBINT
I
Feedback Clock Input. Connect to
FBOUTT for accessing the PLL.
2,4,13,17,24,26
CLKT(0:5)
O
Clock Outputs.
Differential Outputs
1,5,14,16,25,27
CLKC(0:5)
O
Clock Outputs.
19
FBOUTT
O
Feedback Clock Output. Connect to
FBINT for normal operation. A bypass
delay capacitor at this output will control
Input Reference/Output Clocks phase
relationships.
Differential Output
18
FBOUTC
O
Feedback Clock Output. Connect to
FBINC for normal operation. A bypass
delay capacitor at this output will control
Input Reference/Output Clocks phase
relationships.
7SCLK
I, PU Serial Clock Input. Clocks data at
SDATA into the internal register.
Data Input for the two-line serial
bus
22
SDATA
I/O,
PU
Serial Data Input. Input data is clocked
to the internal register to enable/disable
individual outputs. This provides flexi-
bility in power management.
Data Input and Output for the
two-line serial bus
3,12,23
VDD
2.5V Power Supply for Logic.
2.5V Nominal
10
AVDD
2.5V Power Supply for PLL.
2.5V Nominal
6,15,28
GND
Ground.
11
AGND
Analog Ground for PLL.
Function Table
Inputs
Outputs
PLL
VDDA
CLKINT
CLKINC
CLKT(0:5)[2]
CLKC(0:5)[2]
FBOUTT
FBOUTC
GND
L
H
L
H
L
H
BYPASSED/OFF
GND
H
L
H
L
H
L
BYPASSED/OFF
2.5V
L
H
L
H
L
H
On
2.5V
H
L
H
L
H
L
On
2.5V
< 20 MHz
< 20 MHz
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Off
Notes:
1. A bypass capacitor (0.1
F) should be placed as close as possible to each positive power pin (< 0.2”). If these bypass capacitors are not close to the pins their
high-frequency filtering characteristic will be cancelled by the lead inductance of the traces.
2. Each output pair can be three-stated via the two-line serial interface.


Similar Part No. - CY28353OC-2T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28351 CYPRESS-CY28351 Datasheet
73Kb / 8P
   Differential Clock Buffer/Driver DDR400- and DDR333-Compliant
logo
SpectraLinear Inc
CY28351 SPECTRALINEAR-CY28351 Datasheet
145Kb / 7P
   Differential Clock Buffer/Driver
logo
Cypress Semiconductor
CY28351OC CYPRESS-CY28351OC Datasheet
73Kb / 8P
   Differential Clock Buffer/Driver DDR400- and DDR333-Compliant
logo
SpectraLinear Inc
CY28351OC SPECTRALINEAR-CY28351OC Datasheet
145Kb / 7P
   Differential Clock Buffer/Driver
logo
Cypress Semiconductor
CY28351OCT CYPRESS-CY28351OCT Datasheet
73Kb / 8P
   Differential Clock Buffer/Driver DDR400- and DDR333-Compliant
More results

Similar Description - CY28353OC-2T

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28351 SPECTRALINEAR-CY28351 Datasheet
145Kb / 7P
   Differential Clock Buffer/Driver
logo
Cypress Semiconductor
CY2SSTV855 CYPRESS-CY2SSTV855 Datasheet
162Kb / 7P
   Differential Clock Buffer/Driver
CY2SSTV8575 CYPRESS-CY2SSTV8575 Datasheet
122Kb / 8P
   Differential Clock Buffer/Driver
logo
SpectraLinear Inc
CY2SSTV855 SPECTRALINEAR-CY2SSTV855 Datasheet
93Kb / 6P
   Differential Clock Buffer/Driver
logo
Cypress Semiconductor
CY2SSTV850 CYPRESS-CY2SSTV850 Datasheet
115Kb / 11P
   Differential Clock Buffer/Driver
CY2SSTV855 CYPRESS-CY2SSTV855_06 Datasheet
133Kb / 7P
   Differential Clock Buffer/Driver
logo
SpectraLinear Inc
CY2SSTV8575 SPECTRALINEAR-CY2SSTV8575 Datasheet
134Kb / 7P
   Differential Clock Buffer/Driver
logo
Silicon Laboratories
CY2SSTV855 SILABS-CY2SSTV855 Datasheet
78Kb / 6P
   Differential Clock Buffer/Driver
logo
SpectraLinear Inc
CY28358 SPECTRALINEAR-CY28358 Datasheet
135Kb / 10P
   200-MHz Differential Clock Buffer/Driver
logo
Cypress Semiconductor
CY28358 CYPRESS-CY28358 Datasheet
76Kb / 11P
   200-MHz Differential Clock Buffer/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com