Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CY28346OCT Datasheet(PDF) 17 Page - Silicon Laboratories

Part No. CY28346OCT
Description  Clock Synthesizer with Differential CPU Outputs
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILABS [Silicon Laboratories]
Homepage  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CY28346OCT Datasheet(HTML) 17 Page - Silicon Laboratories

Back Button CY28346OCT Datasheet HTML 11Page - Silicon Laboratories CY28346OCT Datasheet HTML 12Page - Silicon Laboratories CY28346OCT Datasheet HTML 13Page - Silicon Laboratories CY28346OCT Datasheet HTML 14Page - Silicon Laboratories CY28346OCT Datasheet HTML 15Page - Silicon Laboratories CY28346OCT Datasheet HTML 16Page - Silicon Laboratories CY28346OCT Datasheet HTML 17Page - Silicon Laboratories CY28346OCT Datasheet HTML 18Page - Silicon Laboratories CY28346OCT Datasheet HTML 19Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
CY28346
......................Document #: 38-07331 Rev. *C Page 17 of 19
TPZL/TPZH
Output Enable Delay
(All Outputs)
1.0
10.0
1.0
10.0
1.0
10.0
1.0
10.0
ns
10
TPZL/TPZH
Output disable delay (all
outputs)
1.0
10.0
1.0
10.0
1.0
10.0
1.0
10.0
ns
10
TSTABLE
All Clock Stabilization
from Power-up
33
3
3
ms
10
TSS
Stopclock Set-up Time
10.0
10.0
10.0
10.0
ns
27
TSH
Stopclock Hold Time
0
0
0
0
ns
27
TSU
Oscillator Start-up Time
X
X
X
X
ms
28
AC Parameters (VDD = VDDA = 3.3V ±5%, TA = 0°C to +70°C) (continued)
Parameter
Description
66 MHz
100 MHz
133 MHz
200 MHz
Unit
Notes
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Table 9. Maximum Lumped Capacitive Output Loads
Clock
Max. Load
Units
PCI Clocks
30
pF
3V66 (0,1)
30
pF
66B(0:2)
30
pF
48MUSB Clock
20
pF
48MDOT
10
pF
REF Clock
50
pF
Notes:
27. CPU_STP# and PCI _STP# set-up time with respect to any PCI_F clock to guarantee that the effected clock will stop or start at the next PCI_F clock’s rising edge
28. When crystal meets minimum 40
 device series resistance specification.
29. Device is not affected, VTT_PWRGD# is ignored.
VID (0:3),
SEL (0,1)
VTT_PWRGD#
PWRGD
VDD Clock Gen
Clock State
Clock Outputs
Clock VCO
0.2-0.3mS
Delay
State 0
State 2
State 3
Wait for
VTT_GD#
Sample Sels
Off
Off
On
On
State 1
(Note A)
Figure 16. VTT_PWRGD# Timing Diagram29[29]


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn