Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CY28346OCT Datasheet(PDF) 15 Page - Silicon Laboratories

Part No. CY28346OCT
Description  Clock Synthesizer with Differential CPU Outputs
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILABS [Silicon Laboratories]
Homepage  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CY28346OCT Datasheet(HTML) 15 Page - Silicon Laboratories

Back Button CY28346OCT Datasheet HTML 11Page - Silicon Laboratories CY28346OCT Datasheet HTML 12Page - Silicon Laboratories CY28346OCT Datasheet HTML 13Page - Silicon Laboratories CY28346OCT Datasheet HTML 14Page - Silicon Laboratories CY28346OCT Datasheet HTML 15Page - Silicon Laboratories CY28346OCT Datasheet HTML 16Page - Silicon Laboratories CY28346OCT Datasheet HTML 17Page - Silicon Laboratories CY28346OCT Datasheet HTML 18Page - Silicon Laboratories CY28346OCT Datasheet HTML 19Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
CY28346
......................Document #: 38-07331 Rev. *C Page 15 of 19
TCCJ
CPU Cycle to Cycle
Jitter
150
150
150
150
ps
15, 16,
19
TR/TF
CPUT and CPUC Rise
and Fall Times
175
700
175
700
175
700
175
700
ps
15, 17,
20
Rise/Fall Matching
20%
20%
20%
20%
17, 18,
19
DeltaTR
Rise Time Variation
125
125
125
125
ps
17, 19
DeltaTF
Fall Time Variation
125
125
125
125
ps
17, 19
VCROSS
Crossing Point Voltage
at 0.7V Swing
280
430
280
430
280
430
280
430
mV
15, 19
CPU at 1.0V Timing
TDC
CPUT and CPUC Duty
Cycle
45
55
45
55
45
55
45
55
%
15, 16
TPERIOD
CPUT and CPUC
Period
14.85
15.3
9.85
10.2
7.35
7.65
4.85
5.1
nS
15, 16
TSKEW
Any CPU to Any CPU
Clock Skew
100
100
100
100
pS
12, 15,
16
TCCJ
CPU Cycle to Cycle
Jitter
150
150
150
150
pS
12, 16
Differential
TR/TF
CPUT and CPUC Rise
and Fall Times
175
467
175
467
175
467
175
467
ps
15, 20
SE–
DeltaSlew
Absolute Single- ended
Rise/Fall Waveform
Symmetry
325
325
325
325
ps
21, 22
VCROSS
Cross Point at 1.0V
swing
510
760
510
760
510
760
510
760
mV
22
3V66
TDC
3V66 Duty Cycle
45
55
45
55
45
55
45
55
%
12, 13
TPERIOD
3V66 Period
15.0
15.3
15.0
15.3
15.0
15.3
15.0
15.3
ns
9, 12, 13
THIGH
3V66 HIGH Time
4.95
4.95
4.95
4.95
ns
23
TLOW
3V66 LOW Time
4.55
4.55
4.55
4.55
ns
24
TR/TF
3V66 Rise and Fall
Times
0.5
2.0
0.5
2.0
0.5
2.0
0.5
2.0
ns
25
TSKEW
Unbuffered
3V66 to 3V66 Clock
Skew
500
500
500
500
ps
12, 13
TSKEW
Buffered
3V66 to 3V66 Clock
Skew
250
250
250
250
ps
12, 13
TCCJ
DRCG Cycle to Cycle
Jitter
250
250
250
250
ps
12, 13
Notes:
20. Measurement taken from differential waveform, from –0.35V to +0.35V.
21. Measurements taken from common mode waveforms, measure rise/fall time from 0.41 to 0.86V. Rise/fall time matching is defined as “the instantaneous difference
between maximum CLK rise (fall) and minimum CLK# fall (rise) time or minimum CLK rise (fall) and maximum CLK# fall (rise) time.” This parameter is designed
form waveform symmetry.
22. Measured in absolute voltage, i.e., single-ended measurement.
23. THIGH is measured at 2.4V for non-host outputs.
24. TLOW is measured at 0.4V for all outputs.
25. Probes are placed on the pins, and measurements are acquired between 0.4V and 2.4V for 3.3V signals (see test and measurement set-up section of this data
sheet).
AC Parameters (VDD = VDDA = 3.3V ±5%, TA = 0°C to +70°C) (continued)
Parameter
Description
66 MHz
100 MHz
133 MHz
200 MHz
Unit
Notes
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn