Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CY28346OCT Datasheet(PDF) 12 Page - Silicon Laboratories

Part No. CY28346OCT
Description  Clock Synthesizer with Differential CPU Outputs
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILABS [Silicon Laboratories]
Homepage  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CY28346OCT Datasheet(HTML) 12 Page - Silicon Laboratories

Back Button CY28346OCT Datasheet HTML 8Page - Silicon Laboratories CY28346OCT Datasheet HTML 9Page - Silicon Laboratories CY28346OCT Datasheet HTML 10Page - Silicon Laboratories CY28346OCT Datasheet HTML 11Page - Silicon Laboratories CY28346OCT Datasheet HTML 12Page - Silicon Laboratories CY28346OCT Datasheet HTML 13Page - Silicon Laboratories CY28346OCT Datasheet HTML 14Page - Silicon Laboratories CY28346OCT Datasheet HTML 15Page - Silicon Laboratories CY28346OCT Datasheet HTML 16Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
CY28346
......................Document #: 38-07331 Rev. *C Page 12 of 19
66Buff[0..2]
PCIF
PW RDW N#
CPU 133MHz
CPU# 133MHz
3V66
66In
REF 14.318MHz
USB 48MHz
Figure 13. Power-down Assertion Timing Waveforms Figure—Buffered Mode
PCI 33MHz
PWRDWN#
CPUT(0:2) 133MHz
CPUC(0:2) 133MHz
REF 14.318MHz
USB 48MHz
3V66
Figure 14. Power-down Assertion Timing Waveforms—Unbuffered Mode


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn