Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CY28346OCT Datasheet(PDF) 11 Page - Silicon Laboratories

Part No. CY28346OCT
Description  Clock Synthesizer with Differential CPU Outputs
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILABS [Silicon Laboratories]
Homepage  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CY28346OCT Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button CY28346OCT Datasheet HTML 7Page - Silicon Laboratories CY28346OCT Datasheet HTML 8Page - Silicon Laboratories CY28346OCT Datasheet HTML 9Page - Silicon Laboratories CY28346OCT Datasheet HTML 10Page - Silicon Laboratories CY28346OCT Datasheet HTML 11Page - Silicon Laboratories CY28346OCT Datasheet HTML 12Page - Silicon Laboratories CY28346OCT Datasheet HTML 13Page - Silicon Laboratories CY28346OCT Datasheet HTML 14Page - Silicon Laboratories CY28346OCT Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
CY28346
...................... Document #: 38-07331 Rev. *C Page 11 of 19
PCI_STP# – Deassertion (transition from logic “0”
to logic “1”)
The deassertion of the PCI_STP# signal will cause all PCI(0:6)
and stoppable PCI_F(0:2) clocks to resume running in a
synchronous manner within two PCI clock periods after
PCI_STP# transitions to a HIGH level.
Note. The PCI STOP function is controlled by two inputs. One
is the device PCI_STP# pin number 34 and the other is SMBus
Byte 0,Bit 3. These two inputs to the function are logically
AND’ed. If either the external pin or the internal SMBus
register bit is set LOW, the stoppable PCI clocks will be
stopped in a logic LOW state. Reading SMBus Byte 0,Bit 3 will
return a 0 value if either of these control bits are set LOW
(which indicates that the devices stoppable PCI clocks are not
running).
PD# (Power-down) Clarification
The PD# (power-down) pin is used to shut off all clocks prior
to shutting off power to the device. PD# is an asynchronous
active LOW input. This signal is synchronized internally to the
device powering down the clock synthesizer. PD# is an
asynchronous function for powering up the system. When PD#
is LOW, all clocks are driven to a LOW value and held there
and the VCO and PLLs are also powered down. All clocks are
shut down in a synchronous manner so has not to cause
glitches while transitioning to the LOW “stopped” state.
PD# – Assertion
When PD# is sampled LOW by two consecutive rising edges
of the CPUC clock, then on the next HIGH-to-LOW transition
of PCIF, the PCIF clock is stopped LOW. On the next
HIGH-to-LOW transition of 66Buff, the 66Buff clock is stopped
LOW. From this time, each clock will stop LOW on its next
HIGH-to-LOW transition, except the CPUT clock. The CPU
clocks are held with the CPUT clock pin driven HIGH with a
value of 2 × Iref, and CPUC undriven. After the last clock has
stopped, the rest of the generator will be shut down.
PD# – Deassertion
The power-up latency between PD# rising to a valid logic ‘1’
level and the starting of all clocks is less than 3.0 ms.
PCI_STP#
PCI_F(0:2) 33M
PCI(0:6) 33M
setup
t
Figure 11. PCI_STP# Assertion Waveform
PCI_STP#
PCI_F(0:2)
PCI(0:6)
setup
t
Figure 12. PCI_STP# Deassertion Waveform


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn