Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CY28346OCT Datasheet(PDF) 1 Page - Silicon Laboratories

Part No. CY28346OCT
Description  Clock Synthesizer with Differential CPU Outputs
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILABS [Silicon Laboratories]
Homepage  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CY28346OCT Datasheet(HTML) 1 Page - Silicon Laboratories

  CY28346OCT Datasheet HTML 1Page - Silicon Laboratories CY28346OCT Datasheet HTML 2Page - Silicon Laboratories CY28346OCT Datasheet HTML 3Page - Silicon Laboratories CY28346OCT Datasheet HTML 4Page - Silicon Laboratories CY28346OCT Datasheet HTML 5Page - Silicon Laboratories CY28346OCT Datasheet HTML 6Page - Silicon Laboratories CY28346OCT Datasheet HTML 7Page - Silicon Laboratories CY28346OCT Datasheet HTML 8Page - Silicon Laboratories CY28346OCT Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Clock Synthesizer with Differential CPU Outputs
CY28346
........................ Document #: 38-07331 Rev. *C Page 1 of 19
400 West Cesar Chavez, Austin, TX 78701
1+(512) 416-8500
1+(512) 416-9669
www.silabs.com
Features
• Compliant with Intel® CK 408 Mobile Clock Synthesizer
specifications
• 3.3V power supply
• Three differential CPU clocks
• Ten copies of PCI clocks
• 5/6 copies of 3V66 clocks
• SMBus support with read-back capabilities
• Spread Spectrum electromagnetic interference (EMI)
reduction
• Dial-a-Frequency™ features
• Dial-a-dB™ features
• 56-pin TSSOP and SSOP packages
Table 1. Frequency Table[1]
S2
S1
S0
CPU (0:2)
3V66
66BUFF(0:2)/
3V66(0:4)
66IN/3V66–5
PCI_FPCI
REF
USB/
DOT
1
0
0
66M
66M
66IN
66-MHz clock input
66IN/2
14.318M
48M
1
0
1
100M
66M
66IN
66-MHz clock input
66IN/2
14.318M
48M
1
1
0
200M
66M
66IN
66-MHz clock input
66IN/2
14.318M
48M
1
1
1
133M
66M
66IN
66-MHZ clock input
66IN/2
14.318M
48M
0
0
0
66M
66M
66M
66M
33 M
14.318M
48M
0
0
1
100M
66M
66M
66M
33 M
14.318M
48M
0
1
0
200M
66M
66M
66M
33 M
14.318M
48M
0
1
1
133M
66M
66M
66M
33 M
14.318M
48M
M
0
0
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
M
0
1
TCLK/2
TCLK/4
TCLK/4
TCLK/4
TCLK/8
TCLK
TCLK/2
Note:
1. TCLK is a test clock driven on the XTAL_IN input during test mode. M = driven to a level between 1.0V and 1.8V. If the S2 pin is at a M level during power-up, a
0 state will be latched into the device’s internal state register.
PLL1
PLL2
/2
WD
Logic
Power
Up Logic
XIN
XOUT
CPU_STP#
IREF
VSSIREF
S(0:2)
MULT0
VTT_PG#
PCI_STP#
PD#
SDATA
SCLK
VDDA
66B[0:2]/3V66[2:4]
48M DOT
48M USB
PCI_F(0:2)
PCI(0:6)
3V66_1/VCH
3V66_0
CPUC(0:2)
CPUT(0:2)
REF
66IN/3V66-5
I2C
Logic
VDD
XIN
XOUT
VSS
PCIF0
PCIF1
PCIF2
VDD
VSS
PCI0
PCI1
PCI2
PCI3
VDD
VSS
PCI4
PCI5
PCI6
VDD
VSS
66B0/3V66_2
66B1/3V66_3
66B2/3V66_4
66IN/3V66_5
PD#
VDDA
VSSA
VTT_PG#
REF
S1
S0
CPU_STP#
CPUT0
CPUC0
VDD
CPUT1
CPUC1
VSS
VDD
CPUT2
CPUC2
MULT0
IREF
VSSIREF
S2
48MUSB
48MDOT
VDD
VSS
3V66_1/VCH
PCI_STP#
3V66_0
VDD
VSS
SCLK
SDATA
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
Pin Configuration
Block Diagram


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn