Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CY28346OCT Datasheet(PDF) 4 Page - Silicon Laboratories

Part No. CY28346OCT
Description  Clock Synthesizer with Differential CPU Outputs
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILABS [Silicon Laboratories]
Homepage  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CY28346OCT Datasheet(HTML) 4 Page - Silicon Laboratories

  CY28346OCT Datasheet HTML 1Page - Silicon Laboratories CY28346OCT Datasheet HTML 2Page - Silicon Laboratories CY28346OCT Datasheet HTML 3Page - Silicon Laboratories CY28346OCT Datasheet HTML 4Page - Silicon Laboratories CY28346OCT Datasheet HTML 5Page - Silicon Laboratories CY28346OCT Datasheet HTML 6Page - Silicon Laboratories CY28346OCT Datasheet HTML 7Page - Silicon Laboratories CY28346OCT Datasheet HTML 8Page - Silicon Laboratories CY28346OCT Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
CY28346
........................Document #: 38-07331 Rev. *C Page 4 of 19
Byte 2: PCI Clock Control Register (all bits are Read and Write functional)
Bit
@Pup
Pin#
Description
7
0
53
REF Output Control. 0 = high strength, 1 = low strength.
6
1
18
PCI6 Output Control. 1 = enabled, 0 = forced LOW.
5
1
17
PCI5 Output Control. 1 = enabled, 0 = forced LOW.
4
1
16
PCI4 Output Control. 1 = enabled, 0 = forced LOW.
3
1
13
PCI3 Output Control. 1 = enabled, 0 = forced LOW.
2
1
12
PCI2 Output Control. 1 = enabled, 0 = forced LOW.
1
1
11
PCI1 Output Control. 1 = enabled, 0 = forced LOW.
0
1
10
PCI0 Output Control. 1 = enabled, 0 = forced LOW.
Byte 3: PCI_F Clock and 48M Control Register (all bits are Read and Write functional)
Bit
@Pup
Pin#
Description
7
1
38
48MDOT Output Control. 1 = enabled, 0 = forced LOW.
6
1
39
48MUSB Output Control. 1 = enabled, 0 = forced LOW.
5
0
7
PCI_STP#, Control of PCI_F2. 0 = Free Running, 1 = Stopped when PCI_STP# is LOW.
4
0
6
PCI_STP#, Control of PCI_F1. 0 = Free Running, 1 = Stopped when PCI_STP# is LOW.
3
0
5
PCI_STP#, Control of PCI_F0. 0 = Free Running, 1 = Stopped when PCI_STP# is LOW.
2
1
7
PCI_F2 Output Control. 1 = running, 0 = forced LOW.
1
1
6
PCI_F1 Output Control. 1 = running, 0 = forced LOW.
0
1
5
PCI_F0 Output Control. 1 = running, 0 = forced LOW.
Byte 4: DRCG Control Register (all bits are Read and Write functional)
Bit
@Pup
Pin#
Description
7
0
SS2 Spread Spectrum Control Bit (0 = down spread, 1 = center spread).
6
0
Reserved. Set = 0.
5
1
33
3V66_0 Output Enabled. 1 = enabled, 0 = disable.
4
1
35
3V66_1/VCH Output Enable. 1 = enabled, 0 = disabled.
3
1
24
3V66_5 Output Enable. 1 = enabled, 0 = disabled.
2
1
23
66B2/3V66_4 Output Enabled. 1 = enabled, 0 = disabled.
1
1
22
66B1/3V66_3 Output Enabled. 1 = enabled, 0 = disabled.
0
1
21
66B0/3V66_2 Output Enabled. 1 = enabled, 0 = disabled.
Byte 5: Clock Control Register (all bits are Read and Write functional)
Bit
@Pup
Pin#
Description
7
0
SS1 Spread Spectrum Control Bit.
6
1
SS0 Spread Spectrum Control Bit.
5
0
66IN to 66M delay Control MSB.
4
0
66IN to 66M delay Control LSB.
3
0
Reserved. Set = 0.
2
0
48MDOT Edge Rate Control. When set to 1, the edge is slowed by 15%.
1
0
Reserved. Set = 0.
0
0
USB edge rate control. When set to 1, the edge is slowed by 15%.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn