Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1980-O Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2SA1980-O
Description  PNP Silicon Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SA1980-O Datasheet(HTML) 1 Page - Micro Commercial Components

  2SA1980-O Datasheet HTML 1Page - Micro Commercial Components 2SA1980-O Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2SA1980-O
PNP Silicon
Transistors
Features
x
Low Collector Saturation Voltage: V CE(sat)=0.3V(Max.)
x
Low Output Capacitance: Cob=4.0pF(Typ.)
x
Complementary Pair With 2SC5343
x
Marking : A1980
Maximum Ratings
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
50
V
VCBO
Collector-Base Voltage
50
V
VEBO
Emitter-Base Voltage
5.0
V
IC
Collector Current
150
mA
PC
Collector power dissipation
625
mW
TJ
Junction Temperature
150
OC
TSTG
Storage Temperature
-55 to +150
OC
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=100
µAdc, I
B=0)
50
---
---
Vdc
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=10mAdc, IB=0)
50
---
---
Vdc
V(BR)EBO
Emitter-Base Breakdown Voltage
(IE=10
µAdc, I
C=0)
5.0
---
---
Vdc
ICBO
Collector-Base Cutoff Current
(VCB=50Vdc,IE=0)
---
---
0.1
µAdc
IEBO
Emitter-Base Cutoff Current
(VEB=5.0Vdc, IC=0)
---
---
0.1
µAdc
ON CHARACTERISTICS
hFE
Forward Current Transfer ratio*
(IC=2.0Adc, VCE=6.0Vdc)
70
---
700
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=100mAdc, IB=10mAdc)
---
---
0.3
Vdc
fT
Transition Frequency
(VCE=10Vdc, IC=1.0mAdc)
80
---
---
MHz
Cob
Collector Output Capacitance
(VCB=10Vdc, IE=0, f=1.0MHz)
---
4.0
7.0
pF
NF
Noise Figure
(VCE=6.0Vdc, IC=0.1mAdc,
f=1.0KHz, Rg=10K
)
---
---
10
dB
* hFE rank / O: 70-140, Y:120-240, G:200-400, L:300-700
Typ
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision: D
2013/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 2
2SA1980-Y
2SA1980-L
2SA1980-G
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
Epoxy meets UL 94 V-0 flammability rating
Moisure Sensitivity Level 1
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.175
.185
4.45
4.70
B
.175
.185
4.45
4.70
C
.500
---
12.70
---
D
.016
.020
0.41
0.63
E
.135
.145
3.43
3.68
.095
.105
2.42
2.67
Straight Lead
A
E
B
C
D
G
E
C
B
E
C
B
BENT LEAD
STRAIGHT LEAD
BULK PACK
AMMO PACK
* For ammo packing detailed specification, click here to visit our website
of product packaging for details.
.
173
.
220
4.40
5.60
Bent Lead
G
TO-92
DIMENSIONS
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - 2SA1980-O

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SA1980-O MCC-2SA1980-O Datasheet
213Kb / 2P
   PNP Silicon Transistors
More results

Similar Description - 2SA1980-O

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S8550-C-AP MCC-S8550-C-AP Datasheet
218Kb / 2P
   PNP Silicon Transistors
logo
Seme LAB
2N6193LCC4 SEME-LAB-2N6193LCC4 Datasheet
21Kb / 2P
   PNP SILICON TRANSISTORS
logo
Unisonic Technologies
2N2955 UTC-2N2955_11 Datasheet
122Kb / 2P
   SILICON PNP TRANSISTORS
logo
Micro Commercial Compon...
S9012-G MCC-S9012-G Datasheet
223Kb / 2P
   PNP Silicon Transistors
logo
Quanzhou Jinmei Electro...
BD680 JMNIC-BD680 Datasheet
33Kb / 1P
   Silicon PNP Transistors
logo
Weitron Technology
WTA8921 WEITRON-WTA8921 Datasheet
621Kb / 4P
   PNP Silicon Transistors
logo
Micro Electronics
PN3638 MICRO-ELECTRONICS-PN3638 Datasheet
191Kb / 2P
   PNP SILICON TRANSISTORS
logo
Micro Commercial Compon...
2SA1980-O MCC-2SA1980-O Datasheet
213Kb / 2P
   PNP Silicon Transistors
2SA562-O MCC-2SA562-O Datasheet
332Kb / 2P
   PNP Silicon Transistors
logo
Quanzhou Jinmei Electro...
2SA633 JMNIC-2SA633 Datasheet
115Kb / 1P
   Silicon PNP Transistors
BD810_2015 JMNIC-BD810_2015 Datasheet
127Kb / 1P
   Silicon PNP Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com