Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3MCF Datasheet(PDF) 4 Page - Galaxy Semi-Conductor Holdings Limited

Part # S3MCF
Description  Surface Mount Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

S3MCF Datasheet(HTML) 4 Page - Galaxy Semi-Conductor Holdings Limited

  S3MCF Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited S3MCF Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited S3MCF Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited S3MCF Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Surface Mount Rectifiers
S3DCF--S3MCF
SCF008AA
www.gmesemi.com
Rev.B
Production specification
Package Outline Dimensions(unit:mm)
Mounting Pad Layout(unit:mm)
Ordering Information
Part No.
Marking
Package
Shipping
S3DCF
S3DCF
SMCF
3000 /Tape&Reel
S3GCF
S3GCF
SMCF
3000 /Tape&Reel
S3JCF
S3JCF
SMCF
3000 /Tape&Reel
S3KCF
S3KCF
SMCF
3000 /Tape&Reel
S3MCF
S3MCF
SMCF
3000 /Tape&Reel
7.0
7.80/8.20
0.60/1.40
6.80/7.20


Similar Part No. - S3MCF

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
S3MC PACELEADER-S3MC Datasheet
134Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
logo
Leshan Radio Company
S3MC LRC-S3MC Datasheet
219Kb / 3P
   Surface Mount Glass Passivated Rectifiers Reverse Voltage 1000V Forward Current 3.0A
logo
Shanghai Yint Electroni...
S3MC YINT-S3MC Datasheet
495Kb / 3P
   Surface Mount General Purpose Silicon Rectifiers
logo
Microdiode Electronics ...
S3MC CHENDA-S3MC Datasheet
1Mb / 3P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Dongguan Pingjingsemi T...
S3MC-PJ PJSEMI-S3MC-PJ Datasheet
512Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIERS
More results

Similar Description - S3MCF

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
SNWA EIC-SNWA Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Shenzhen Luguang Electr...
GL41A LUGUANG-GL41A Datasheet
300Kb / 2P
   Surface Mount Rectifiers
US3AB LUGUANG-US3AB Datasheet
173Kb / 2P
   Surface Mount Rectifiers
MURS140 LUGUANG-MURS140 Datasheet
172Kb / 2P
   Surface Mount Rectifiers
MURS340 LUGUANG-MURS340 Datasheet
174Kb / 2P
   Surface Mount Rectifiers
MURS405 LUGUANG-MURS405 Datasheet
176Kb / 2P
   Surface Mount Rectifiers
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Diode Semiconductor Kor...
US1AB DSK-US1AB Datasheet
86Kb / 2P
   SURFACE MOUNT RECTIFIERS
RS5AC DSK-RS5AC Datasheet
146Kb / 2P
   SURFACE MOUNT RECTIFIERS
US3AB DSK-US3AB Datasheet
108Kb / 2P
   SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com