Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3G Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # S3G
Description  Surface Mount Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

S3G Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  S3G Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited S3G Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited S3G Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited S3G Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Surface Mount Rectifiers
S3D--S3M
SMC001AA
www.gmesemi.com
Rev.B
Production specification
Features
For surface mounted applications
Ideal for automated placement
Low forward voltage drop
High surge current capability
RoHS Compliant
Mechanical Data
Case: SMC molded plastic
Molding compound, UL flammability classification rating 94V-0
Terminals: Solder plated, solderable per MIL- STD-202,Method 208
Polarity: Color band denotes cathode end
Maximum Ratings (@TA = 25°C unless otherwise specified)
Characteristic
Symbol
S3D
S3G
S3J
S3K
S3M
Units
Peak repetitive reverse voltage
VRRM
200
400
600
800
1000
V
RMS reverse voltage
VRMS
140
280
420
560
700
V
DC blocking voltage
VDC
200
400
600
800
1000
V
Maximum average forward output current
IF(AV)
3.0
A
Peak forward surge current,
8.3ms single half-sine-wave
@TJ= 25°C
IFSM
100
A
Thermal Characteristics
Note:
1. Device mounted on PCB with 10 mm x 20 mm x 0.1mm copper pad areas
Parameter
Symbol
S3D
S3G
S3J
S3K
S3M
Units
Typical thermal resistance
(Note 1)
R ΘJA
R ΘJC
R ΘJL
59
°C /W
16
13
Operating junction temperature range
TJ
- 55 ---- + 150
°C
Storage temperature range
TSTG
- 55 ---- + 150
°C


Similar Part No. - S3G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S3G PANJIT-S3G Datasheet
415Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE- 50-100 Volts CURRENT- 3.0 Ampere)
logo
Diotec Semiconductor
S3G DIOTEC-S3G Datasheet
151Kb / 2P
   Standard Recovery SMD Rectifier Diodes
logo
Diotech Company.
S3G DIOTECH-S3G Datasheet
716Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Semikron International
S3G SEMIKRON-S3G Datasheet
115Kb / 2P
   Standard silicon rectifier diodes
logo
First Silicon Co., Ltd
S3G FS-S3G Datasheet
143Kb / 2P
   General Purpose Rectifier
More results

Similar Description - S3G

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
SNWA EIC-SNWA Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Shenzhen Luguang Electr...
GL41A LUGUANG-GL41A Datasheet
300Kb / 2P
   Surface Mount Rectifiers
US3AB LUGUANG-US3AB Datasheet
173Kb / 2P
   Surface Mount Rectifiers
MURS140 LUGUANG-MURS140 Datasheet
172Kb / 2P
   Surface Mount Rectifiers
MURS340 LUGUANG-MURS340 Datasheet
174Kb / 2P
   Surface Mount Rectifiers
MURS405 LUGUANG-MURS405 Datasheet
176Kb / 2P
   Surface Mount Rectifiers
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Diode Semiconductor Kor...
US1AB DSK-US1AB Datasheet
86Kb / 2P
   SURFACE MOUNT RECTIFIERS
RS5AC DSK-RS5AC Datasheet
146Kb / 2P
   SURFACE MOUNT RECTIFIERS
US3AB DSK-US3AB Datasheet
108Kb / 2P
   SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com