Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE2945 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE2945
Description  MOSFET N-Channel, Enhancement Mode High Speed Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE2945 Datasheet(HTML) 1 Page - NTE Electronics

  NTE2945 Datasheet HTML 1Page - NTE Electronics NTE2945 Datasheet HTML 2Page - NTE Electronics NTE2945 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTE2945
MOSFET
N–Channel, Enhancement Mode
High Speed Switch
Features:
D Low Static Drain–Source ON Resistance
D Improved Inductive Ruggedness
D Fast Switching Times
D Low Input Capacitance
D Extended Safe Operating Area
D Improved High Temperature Reliability
D TO220 Type Isolated Package
Absolute Maximum Ratings:
Drain–Source Voltage (Note 1), VDSS
400V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Drain–Gate Voltage (RGS = 1MΩ, Note 1), VDGR
400V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Gate–Source Voltage, VGS
±20V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Drain Current, ID
Continuous
TC = +25°C
5.5A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TC = +100°C
3.9A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pulsed (Note 2)
40A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Gate Current (Pulsed), IGM
±1.5A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Single Pulsed Avalanche Energy (Note 3), EAS
157mJ
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Avalanche Current, IAS
5.5A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total Power Dissipation (TC = +25°C), PD
40W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate Above 25
°C
0.32W/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature Range, TJ
–55
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Lead Temperature (During Soldering, 1/8” from case, 5sec), TL
+300
°C
. . . . . . . . . . . . . .
Thermal Resistance:
Maximum Junction–to–Case, RthJC
3.12K/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Typical Case–to–Sink (Mounting surface flat, smooth, and greased), RthCS
0.5K/W
. . . . . . .
Maximum Junction–to–Ambient (Free Air Operation), RthJA
62.5K/W
. . . . . . . . . . . . . . . . . . . .
Note 1. TJ = +25° to +150°C.
Note 2. Repetitive Rating: Pulse width limited by maximum junction temperature.
Note 3. L = 9.1mH, VDD = 50V, RG = 25Ω, Starting TJ = +25°C.


Similar Part No. - NTE2945

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE294 NTE-NTE294 Datasheet
20Kb / 2P
   Silicon Complementary Transistors Audio Amplifier and Driver
NTE2940 NTE-NTE2940 Datasheet
82Kb / 3P
   MOSFET N−Channel, Enhancement Mode High Speed Switch
NTE2941 NTE-NTE2941 Datasheet
25Kb / 3P
   MOSFET N-Ch, Enhancement Mode High Speed Switch
NTE2942 NTE-NTE2942 Datasheet
25Kb / 3P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2943 NTE-NTE2943 Datasheet
26Kb / 3P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
More results

Similar Description - NTE2945

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2973 NTE-NTE2973 Datasheet
21Kb / 2P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2988 NTE-NTE2988 Datasheet
24Kb / 2P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2930 NTE-NTE2930 Datasheet
24Kb / 3P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2942 NTE-NTE2942 Datasheet
25Kb / 3P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2944 NTE-NTE2944 Datasheet
25Kb / 3P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2966 NTE-NTE2966 Datasheet
21Kb / 2P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2394 NTE-NTE2394 Datasheet
28Kb / 3P
   MOSFET N-Channel Enhancement Mode, High Speed Switch
NTE2931 NTE-NTE2931 Datasheet
24Kb / 3P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2933 NTE-NTE2933 Datasheet
24Kb / 3P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2936 NTE-NTE2936 Datasheet
24Kb / 3P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
NTE2943 NTE-NTE2943 Datasheet
26Kb / 3P
   MOSFET N-Channel, Enhancement Mode High Speed Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com