Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPT213B Datasheet(PDF) 5 Page - Silicon Laboratories

Part # CPT213B
Description  TouchXpress??Family
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CPT213B Datasheet(HTML) 5 Page - Silicon Laboratories

  CPT213B Datasheet HTML 1Page - Silicon Laboratories CPT213B Datasheet HTML 2Page - Silicon Laboratories CPT213B Datasheet HTML 3Page - Silicon Laboratories CPT213B Datasheet HTML 4Page - Silicon Laboratories CPT213B Datasheet HTML 5Page - Silicon Laboratories CPT213B Datasheet HTML 6Page - Silicon Laboratories CPT213B Datasheet HTML 7Page - Silicon Laboratories CPT213B Datasheet HTML 8Page - Silicon Laboratories CPT213B Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
2. Typical Connection Diagrams
2.1 Signal, Analog, and Power Connections
Figure 2.1 Connection Diagram on page 5 shows a typical connection diagram for the power pins of CPT213B devices.
CPT213B
Device
4.7 µF and 0.1 µF bypass
capacitors required for the power
pins placed as close to the pins as
possible.
1.8-3.6 V (in)
Host
Processor
1.8-3.6 V (in)
...
1.8-3.6 V (in)
Electrode
Electrode
GND
VDD
EB_SCL
EB_INT
CS12
CS00
Config Data
Config Clk / RSTb
EB_SDA
1 kΩ
1-10 kΩ
1-10 kΩ
Figure 2.1. Connection Diagram
Note: The I2C pull-up resistor values will vary depending on the speed requirements of the bus and the host processor requirements.
CPT213B Data Sheet
Typical Connection Diagrams
silabs.com | Building a more connected world.
Rev. 1.1 | 5


Similar Part No. - CPT213B

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CPT212B SILABS-CPT212B Datasheet
895Kb / 40P
   TouchXpress??Family
More results

Similar Description - CPT213B

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CPT212B SILABS-CPT212B Datasheet
895Kb / 40P
   TouchXpress??Family
AN949 SILABS-AN949 Datasheet
2Mb / 6P
   TouchXpress Programming
AN957 SILABS-AN957 Datasheet
2Mb / 25P
   TouchXpress Configuration and Profiling Guide
logo
Freescale Semiconductor...
MC9S12C128V1 FREESCALE-MC9S12C128V1 Datasheet
2Mb / 690P
   MC9S12C Family MC9S12GC Family Reference Manual
logo
Pericom Semiconductor C...
PI7C9X2G808PR PERICOM-PI7C9X2G808PR Datasheet
752Kb / 1P
   GreenPacket Family
logo
Rohm
BR25S128GUZ-W ROHM-BR25S128GUZ-W_12 Datasheet
626Kb / 27P
   EEPROM family
logo
Zilog, Inc.
Z8018X ZILOG-Z8018X Datasheet
1Mb / 326P
   Family MPU
logo
Nuvoton Technology Corp...
NANO102 NUVOTON-NANO102 Datasheet
3Mb / 100P
   NuMicro??Family
logo
Microchip Technology
PIC18F66J10-I MICROCHIP-PIC18F66J10-I Datasheet
6Mb / 410P
   PIC18F87J10 Family
03/26/09
logo
Silicon Laboratories
CP2102N SILABS-CP2102N Datasheet
637Kb / 44P
   USBXpress Family
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com