Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP2615 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # CP2615
Description  USB Audio to I2S Digital Audio Bridge
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2615 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button CP2615 Datasheet HTML 5Page - Silicon Laboratories CP2615 Datasheet HTML 6Page - Silicon Laboratories CP2615 Datasheet HTML 7Page - Silicon Laboratories CP2615 Datasheet HTML 8Page - Silicon Laboratories CP2615 Datasheet HTML 9Page - Silicon Laboratories CP2615 Datasheet HTML 10Page - Silicon Laboratories CP2615 Datasheet HTML 11Page - Silicon Laboratories CP2615 Datasheet HTML 12Page - Silicon Laboratories CP2615 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
3.1.3 Audio Sample Resolutions
The CP2615 can be configured to support any one of the following stereo Playback/Record modes:
• Playback and Record: 16-bit resolution
• Playback only: 24-bit or 16-bit resolution
• Record only: 24-bit or 16-bit resolution
3.1.4 Audio Endpoint Synchronizations
USB audio endpoint synchronization is defined in Table 5.12 Synchronization Characteristics of the Universal Serial Bus Specification
Revision 2.0. The CP2615 supports the synchronous or asynchronous endpoint synchronization methods for all input and output
streaming configurations. In synchronous mode, the CP2615 adjusts the frequency of I2S_MCLK and I2S_LRCLK to match the rate at
which Start-of-Frame (SOF) packets are received from the USB host. In asynchronous mode, the CP2615 does not adjust the I2S
clocks and instead relies on the USB host to provide the synchronization based on implicit feedback from the input endpoint.
3.2 USB Function Controller and Transceiver
The Universal Serial Bus (USB) function controller in the CP2615 is a USB 2.0 compliant full-speed device with integrated transceiver
and on-chip matching and pullup resistors. The USB function controller manages all control, audio, HID, and IO interface transfers be-
tween the USB host and the CP2615.
3.2.1 Endpoint Usage
The USB endpoints are allocated as follows:
Table 3.2. USB Endpoint Allocations
Endpoint
Function
0
USB control
1
HID interface
2
Serial I/O interface
3
Audio streaming (configurable)
3.2.1.1 USB Control Endpoint
The USB control endpoint is used for enumeration and normal USB control functions.
3.2.1.2 HID Interface Endpoint
The HID endpoint is an interrupt IN endpoint that is used to report Consumer Control (i.e. volume up, volume down, etc.) button
presses.
3.2.1.3 Serial I/O Interface Endpoint
The Serial I/O endpoint is a bidirectional bulk interface that transfers either serial pass-through data with the CP2615 UART or I/O Pro-
tocol messages. A host application can use this interface to communicate with external devices or to ineract with CP2615 general pur-
pose I/O.
3.2.1.4 Audio Streaming Endpoint
This is an isochronous unidirectional or bi-directional audio streaming endpoint that carries USB digital audio data between the USB
host and the CP2615. The audio streaming interface has several possible configurations.
CP2615 Data Sheet
Functional Description
silabs.com | Building a more connected world.
Rev. 1.1 | 8


Similar Part No. - CP2615

ManufacturerPart #DatasheetDescription
logo
Beckhoff Automation Gmb...
CP2615-0000 BECKHOFF-CP2615-0000 Datasheet
156Kb / 3P
   Panel PC with ARM Cortex??A8
More results

Similar Description - CP2615

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CP2114 SILABS-CP2114 Datasheet
420Kb / 44P
   SINGLE-CHIP USB AUDIO TO I2S DIGITAL AUDIO BRIDGE
logo
C-Media Electronics
CM6210 CMEDIA-CM6210 Datasheet
375Kb / 18P
   Multi-channel USB-I2S Audio Controller
logo
Realtek Semiconductor C...
ALC5629 REALTEK-ALC5629 Datasheet
717Kb / 38P
   I2S/PCM AUDIO DAC
logo
List of Unclassifed Man...
SPCA514A ETC-SPCA514A Datasheet
111Kb / 14P
   Digital Audio USB Controller
logo
Elite Semiconductor Mem...
AD62550A ESMT-AD62550A Datasheet
248Kb / 3P
   Class-D Audio Power Amplifier with USB / I2S Interface
logo
Realtek Semiconductor C...
ALC5623-GR REALTEK-ALC5623-GR_08 Datasheet
1Mb / 75P
   I2S AUDIO CODEC HEADPHONE AMPLIFIER
ALC5634 REALTEK-ALC5634 Datasheet
948Kb / 55P
   I2S AUDIO DAC HEADPHONE AMPLIFIER
ALC5623 REALTEK-ALC5623 Datasheet
1Mb / 74P
   I2S AUDIO CODEC HEADPHONE AMPLIFIER
logo
Silicon Laboratories
CP2614 SILABS-CP2614 Datasheet
696Kb / 2P
   MFi Accessory Digital Audio Bridge
logo
Shenzhen X-Powers Techn...
AC101 XPOWER-AC101 Datasheet
237Kb / 3P
   I2S/PCM Audio Interfaces Stereo CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com