Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C9530 Datasheet(PDF) 4 Page - Silicon Laboratories

Part # C9530
Description  PCIX I/O System Clock Generator with EMI Control Features
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C9530 Datasheet(HTML) 4 Page - Silicon Laboratories

  C9530 Datasheet HTML 1Page - Silicon Laboratories C9530 Datasheet HTML 2Page - Silicon Laboratories C9530 Datasheet HTML 3Page - Silicon Laboratories C9530 Datasheet HTML 4Page - Silicon Laboratories C9530 Datasheet HTML 5Page - Silicon Laboratories C9530 Datasheet HTML 6Page - Silicon Laboratories C9530 Datasheet HTML 7Page - Silicon Laboratories C9530 Datasheet HTML 8Page - Silicon Laboratories C9530 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
C9530
.......................Document #: 38-07033 Rev. *C Page 4 of 10
1
0
SA0 Bank LSB frequency control bit (effective only when Bit 0 of this register is set to a 0)
0
1
HWSEL
Hardware/SMBus frequency control. 1 = Hardware (pins 6, 7, 42, 43 and 27), 0 = SMBus
Byte 0 bits 1-4, & 6
Table 4. Clarification Table for Byte0, bit 5
Byte0, bit6
Byte0, bit5
Description
0
0
Frequency generated from second PLL
0
1
Frequency generated from XIN
1
0
Spread @ –1.0%
1
1
Spread @ –0.5%
Table 5. Test Table
Test Function Clock
Outputs
CLKA
CLKB
REF
Frequency
XIN/6
XIN/4
XIN
Byte 1: A Bank and REF Clock Control Register
Bit
@Pup
Name
Description
71
Reserved
61
Reserved
5
1
REFEN
REF Output Enable
0 = Disable, 1= Enable
4
1
CLKA4 Output Enable
0 = Disable, 1= Enable
3
1
CLKA3 Output Enable
0 = Disable, 1= Enable
2
1
CLKA2 Output Enable
0 = Disable, 1= Enable
1
1
CLKA1 Output Enable
0 = Disable, 1= Enable
0
1
CLKA0 Output Enable
0 = Disable, 1= Enable
Byte 2: PCI Register
Bit
@Pup
Name
Description
71
Reserved
61
Reserved
51
Reserved
4
1
18
CLKB4 Output Enable
0 = Disable, 1= Enable
3
1
19
CLKB3 Output Enable
0 = Disable, 1= Enable
2
1
22
CLKB2 Output Enable
0 = Disable, 1= Enable
1
1
23
CLKB1 Output Enable
0 = Disable, 1= Enable
0
1
24
CLKB0 Output Enable
0 = Disable, 1= Enable
Byte 0: Function Select Register (continued)
Bit
@Pup
Name
Description


Similar Part No. - C9530

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
C9530 CYPRESS-C9530 Datasheet
263Kb / 11P
   PCIX I/O System Clock Generator with EMI Control Features
More results

Similar Description - C9530

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
C9531 CYPRESS-C9531 Datasheet
115Kb / 10P
   PCIX I/O System Clock Generator with EMI Control Features
C9530 CYPRESS-C9530 Datasheet
263Kb / 11P
   PCIX I/O System Clock Generator with EMI Control Features
C9531 CYPRESS-C9531_04 Datasheet
234Kb / 10P
   PCIX I/O System Clock Generator with EMI Control Features
logo
Silicon Laboratories
C9531 SILABS-C9531 Datasheet
1Mb / 10P
   PCIX I/O System Clock Generator with EMI Control Features
logo
SpectraLinear Inc
CY28510 SPECTRALINEAR-CY28510 Datasheet
161Kb / 12P
   Peripheral I/O Clock Generator
logo
Cypress Semiconductor
CY28510 CYPRESS-CY28510 Datasheet
99Kb / 13P
   Peripheral I/O Clock Generator
logo
Renesas Technology Corp
6P41505 RENESAS-6P41505 Datasheet
561Kb / 27P
   System Clock Generator
MAY 1, 2019
logo
List of Unclassifed Man...
FDC37N958FR ETC1-FDC37N958FR Datasheet
999Kb / 316P
   Notebook I/O Controller with Enhanced Keyboard and System Control
logo
SMSC Corporation
FDC37M707 SMSC-FDC37M707_07 Datasheet
690Kb / 194P
   Super I/O Controller with Wake-Up Features
FDC37M707 SMSC-FDC37M707 Datasheet
810Kb / 194P
   SUPER I/O CONTROLLER WITH WAKE UP FEATURES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com