Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SUD50P04-13L Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. SUD50P04-13L
Description  P-Channel 40-V (D-S), 175C MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUD50P04-13L Datasheet(HTML) 3 Page - Vishay Siliconix

  SUD50P04-13L Datasheet HTML 1Page - Vishay Siliconix SUD50P04-13L Datasheet HTML 2Page - Vishay Siliconix SUD50P04-13L Datasheet HTML 3Page - Vishay Siliconix SUD50P04-13L Datasheet HTML 4Page - Vishay Siliconix SUD50P04-13L Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SUD50P04-13L
Vishay Siliconix
New Product
Document Number: 73009
S-41267—Rev. A, 05-Jul-04
www.vishay.com
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
2
4
6
8
10
0
8
16
24
32
40
48
56
64
0
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
0
8
16
24
32
40
0
10
20
30
40
50
60
70
80
0
10203040
50
0.00
0.01
0.02
0.03
0.04
0.05
0
20406080
100
0
20
40
60
80
100
0
2468
10
0
20
40
60
80
100
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
Output Characteristics
Transfer Characteristics
Capacitance
Gate Charge
Transconductance
On-Resistance vs. Drain Current
VDS − Drain-to-Source Voltage (V)
VGS − Gate-to-Source Voltage (V)
Qg − Total Gate Charge (nC)
ID − Drain Current (A)
VDS − Drain-to-Source Voltage (V)
VGS − Gate-to-Source Voltage (V)
25_C
−55_C
3 V
TC = 125_C
VDS = 20 V
ID = 50 A
VGS = 10 thru 5 V
VGS = 10 V
Ciss
Coss
Crss
TC = −55_C
25
_C
125
_C
4 V
VGS = 4.5 V
2 V


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SUM110P04-04LP-Channel 40-V D-S 175-LC MOSFET 1 2 3 4 5 Vishay Siliconix
SI4401DYP-Channel 40-V D-S MOSFET 1 2 3 4 Vishay Siliconix
SI7463DPP-Channel 40-V D-S MOSFET 1 2 3 4 5 Fairchild Semiconductor
SUD50P06-15LP-Channel 60-V D-S 175C MOSFET 1 2 3 4 Vishay Siliconix
SUD50P04-09LP-Channel 40-V D-S 175C MOSFET 1 2 3 4 Vishay Siliconix
SI4567DYDual N- and P-Channel 40-V D-S MOSFET 1 2 3 4 Vaishali Semiconductor
SI4569DYN- and P-Channel 40-V D-S MOSFET 1 2 3 4 Vaishali Semiconductor
SUM110N04-04N-Channel 40-V D-S 175C MOSFET 1 2 3 4 5 Vishay Siliconix
SUB65P04-15P-Channel 40-V D-S 175C MOSFET 1 2 3 4 5 Vishay Siliconix
SUM110P04-05P-Channel 40-V D-S MOSFET 1 2 3 Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn