Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SUD50P04-13L Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. SUD50P04-13L
Description  P-Channel 40-V (D-S), 175C MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUD50P04-13L Datasheet(HTML) 2 Page - Vishay Siliconix

  SUD50P04-13L Datasheet HTML 1Page - Vishay Siliconix SUD50P04-13L Datasheet HTML 2Page - Vishay Siliconix SUD50P04-13L Datasheet HTML 3Page - Vishay Siliconix SUD50P04-13L Datasheet HTML 4Page - Vishay Siliconix SUD50P04-13L Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SUD50P04-13L
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 73009
S-41267—Rev. A, 05-Jul-04
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = −250 mA
−40
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = −250 mA
−1.0
−3.0
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = −40 V, VGS = 0 V
−1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = −40 V, VGS = 0 V, TJ = 125_C
−50
mA
On-State Drain Currenta
ID(on)
VDS = −5 V, VGS = −10 V
−50
A
VGS = −10 V, ID = −30 A
0.0105
0.013
Drain-Source On-State Resistancea
rDS(on)
VGS = −10 V, ID = −30 A, TJ = 125_C
0.020
W
DS(on)
VGS = −4.5 V, ID = −20 A
0.017
0.022
Forward Transconductancea
gfs
VDS = −15 V, ID = −30 A
15
S
Dynamicb
Input Capacitance
Ciss
3120
Output Capacitance
Coss
VGS = 0 V, VDS = −25 V, f = 1 MHz
440
pF
Reverse Transfer Capacitance
Crss
GS
, DS
,
320
Gate Resistance
Rg
f = 1.0 MHz
4.3
W
Total Gate Chargec
Qg
63
95
Gate-Source Chargec
Qgs
VDS = −20 V, VGS = −10 V, ID = −50 A
13
nC
Gate-Drain Chargec
Qgd
DS
, GS
, D
16
Turn-On Delay Timec
td(on)
15
25
Rise Timec
tr
VDD = −20 V, RL = 0.4 W
18
30
ns
Turn-Off Delay Timec
td(off)
VDD = −20 V, RL = 0.4 W
ID ^ −50 A, VGEN = −10 V, Rg = 2.5 W
60
90
ns
Fall Timec
tf
47
70
Source-Drain Diode Ratings and Characteristic (TC = 25_C)
Pulsed Current
ISM
−100
A
Diode Forward Voltagea
VSD
IF = −50 A, VGS = 0 V
−1.0
−1.5
V
Source-Drain Reverse Recovery Time
trr
IF = −50 A, di/dt = 100 A/ms
36
55
ns
Notes
a.
Pulse test; pulse width v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
c.
Independent of operating temperature.


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SUM110P04-04LP-Channel 40-V D-S 175-LC MOSFET 1 2 3 4 5 Vishay Siliconix
SI4401DYP-Channel 40-V D-S MOSFET 1 2 3 4 Vishay Siliconix
SI7463DPP-Channel 40-V D-S MOSFET 1 2 3 4 5 Fairchild Semiconductor
SUD50P06-15LP-Channel 60-V D-S 175C MOSFET 1 2 3 4 Vishay Siliconix
SUD50P04-09LP-Channel 40-V D-S 175C MOSFET 1 2 3 4 Vishay Siliconix
SI4567DYDual N- and P-Channel 40-V D-S MOSFET 1 2 3 4 Vaishali Semiconductor
SI4569DYN- and P-Channel 40-V D-S MOSFET 1 2 3 4 Vaishali Semiconductor
SUM110N04-04N-Channel 40-V D-S 175C MOSFET 1 2 3 4 5 Vishay Siliconix
SUB65P04-15P-Channel 40-V D-S 175C MOSFET 1 2 3 4 5 Vishay Siliconix
SUM110P04-05P-Channel 40-V D-S MOSFET 1 2 3 Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn