Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65MLVD047DR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD047DR
Description  MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD047DR Datasheet(HTML) 1 Page - Texas Instruments

  SN65MLVD047DR Datasheet HTML 1Page - Texas Instruments SN65MLVD047DR Datasheet HTML 2Page - Texas Instruments SN65MLVD047DR Datasheet HTML 3Page - Texas Instruments SN65MLVD047DR Datasheet HTML 4Page - Texas Instruments SN65MLVD047DR Datasheet HTML 5Page - Texas Instruments SN65MLVD047DR Datasheet HTML 6Page - Texas Instruments SN65MLVD047DR Datasheet HTML 7Page - Texas Instruments SN65MLVD047DR Datasheet HTML 8Page - Texas Instruments SN65MLVD047DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SN65MLVD047
SLLS606 − MARCH 2004
MULTIPOINT LVDS QUAD DIFFERENTIAL LINE DRIVER
FEATURES
D Differential Line Drivers for 30-Ω to 55-Ω
Loads and Data Rates(1) Up to 200 Mbps,
Clock Frequencies up to 100 MHz
D Supports Multipoint Bus Architectures
D Meets the Requirements of TIA/EIA-899
D Operates from a Single 3.3-V Supply
D Characterized for Operation from −405C to
85
5C
D 16-Pin SOIC (JEDEC MS-012) and 16-Pin
TSSOP (JEDEC MS-153) Packaging
APPLICATIONS
D AdvancedTCAE (ATCAE) Clock Bus Driver
D Clock Distribution
D Backplane or Cabled Multipoint Data
Transmission in Telecommunications,
Automotive, Industrial, and Other Computer
Systems
D Cellular Base Stations
D Central-Office and PBX Switching
D Bridges and Routers
D Low-Power High-Speed Short-Reach
Alternative to TIA/EIA-485
DESCRIPTION
The SN65MLVD047 is a quadruple line driver that
complies with the TIA/EIA-899 standard, Electrical
Characteristics
of
Multipoint-Low-Voltage Differential
Signaling (M−LVDS). The output current of this M−LVDS
device has been increased, in comparison to standard
LVDS compliant devices, in order to support doubly
terminated
transmission
lines
and
heavily
loaded
backplane bus applications. Backplane applications
generally
require
impedance
matching
termination
resistors at both ends of the bus. The effective impedance
of a doubly terminated bus can be as low as 30
Ω due to
the bus terminations, as well as the capacitive load of bus
interface devices. SN65MLVD047 drivers allow for
operation with loads as low as 30
Ω. The SN65MLVD047
devices allow for multiple drivers to be present on a single
bus. SN65MLVD047 drivers are high impedance when
disabled or unpowered. Driver edge rate control is
incorporated to support operation. The M−LVDS standard
allows up to 32 nodes (drivers and/or receivers) to be
connected to the same media in a backplane when
multiple
bus
stubs
are
expected
from
the
main
transmission
line
to
interface
devices.
The
SN65MLVD047 provides 9-kV ESD protection on all bus
pins.
1A
2A
3A
4A
1 Y
1 Z
2 Y
2 Z
3 Y
3 Z
4 Y
4 Z
LOGIC DIAGRAM (POSITIVE LOGIC)
EN
EN
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2004, Texas Instruments Incorporated
(1)The data rate of a line, is the number of voltage transitions that are made per second expressed in the units bps (bits per second).
AdvancedTCA and ATCA are trademarks of the PCI Industrial Computer Manufacturers Group.


Similar Part No. - SN65MLVD047DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD047DR TI-SN65MLVD047DR Datasheet
308Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047DRG4 TI-SN65MLVD047DRG4 Datasheet
308Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
More results

Similar Description - SN65MLVD047DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD047A TI1-SN65MLVD047A Datasheet
645Kb / 21P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047 TI-SN65MLVD047_06 Datasheet
308Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047 Datasheet
230Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_06 Datasheet
223Kb / 12P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_07 Datasheet
373Kb / 14P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_10 Datasheet
465Kb / 16P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS90C031B NSC-DS90C031B Datasheet
253Kb / 12P
   LVDS Quad CMOS Differential Line Driver
DS90C031B NSC-DS90C031B_01 Datasheet
249Kb / 11P
   LVDS Quad CMOS Differential Line Driver
DS90C031 NSC-DS90C031 Datasheet
269Kb / 14P
   LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90C031QML TI1-DS90C031QML_16 Datasheet
660Kb / 21P
[Old version datasheet]   LVDS Quad CMOS Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com