Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH4715 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH4715
Description  OSLON Black Series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4715 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH4715 Datasheet HTML 1Page - OSRAM GmbH SFH4715 Datasheet HTML 2Page - OSRAM GmbH SFH4715 Datasheet HTML 3Page - OSRAM GmbH SFH4715 Datasheet HTML 4Page - OSRAM GmbH SFH4715 Datasheet HTML 5Page - OSRAM GmbH SFH4715 Datasheet HTML 6Page - OSRAM GmbH SFH4715 Datasheet HTML 7Page - OSRAM GmbH SFH4715 Datasheet HTML 8Page - OSRAM GmbH SFH4715 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2016-01-29
2
Version 1.5
SFH 4715
Maximum Ratings (TA = 25 °C)
Characteristics (TA = 25 °C)
Parameter
Symbol
Values
Unit
Operation and storage temperature range
T
op; Tstg
-40 ... 125
°C
Junction temperature
T
j
145
°C
Reverse voltage
V
R
1
V
Forward current
I
F
1000
mA
Surge current
(tp = 500 µs, D = 0)
I
FSM
5
A
Power consumption
Ptot
1.8
W
ESD withstand voltage
(acc. to ANSI/ ESDA/ JEDEC JS-001 - HBM)
VESD
2
kV
Thermal resistance junction - solder point
RthJS
11
K / W
Note:
For the forward current and power consumption please see "maximum permissible forward current"
diagram
Parameter
Symbol
Values
Unit
Peak wavelength
(I
F = 1 A, tp = 10 ms)
(typ)
λ
peak
860
nm
Centroid wavelength
(IF = 1 A, tp = 10 ms)
(typ)
λ
centroid
850
nm
Spectral bandwidth at 50% of Imax
(IF = 1 A, tp = 10 ms)
(typ)
∆λ
30
nm
Half angle
(typ)
ϕ
± 45
°
Dimensions of active chip area
(typ)
L x W
1 x 1
mm x
mm
Rise and fall times of I
e ( 10% and 90% of Ie max)
(I
F = 5 A, RL = 50 Ω)
(typ)
t
r / tf
7/14
ns
Forward voltage
(IF = 1 A, tp = 100 µs)
(typ (max)) V
F
1.5 (≤ 1.8)
V
Forward voltage
(IF = 5 A, tp = 100 µs)
(typ (max)) VF
2 (≤ 2.9)
V
Total radiant flux
(I
F = 1A, tp = 100 µs)
(typ)
Φe
630
mW


Similar Part No. - SFH4715

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4715 OSRAM-SFH4715 Datasheet
214Kb / 10P
   OSLON Black Series (850 nm)
logo
ams AG
SFH4715 AMSCO-SFH4715 Datasheet
1Mb / 18P
   OSLON® Black OSLON Black Series (850 nm) - 90°
Version 1.6 2019-07-16
logo
OSRAM GmbH
SFH4715A OSRAM-SFH4715A Datasheet
781Kb / 14P
   OSLON Black Series
SFH4715A-CBDA OSRAM-SFH4715A-CBDA Datasheet
781Kb / 14P
   OSLON Black Series
SFH4715AS OSRAM-SFH4715AS Datasheet
780Kb / 14P
   OSLON Black Series (850 nm) - 90
More results

Similar Description - SFH4715

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-4715 OSRAM-SFH-4715 Datasheet
500Kb / 14P
   OSLON Black Series
SFH4703AS OSRAM-SFH4703AS Datasheet
570Kb / 14P
   OSLON Black Series
SFH4716AS OSRAM-SFH4716AS Datasheet
530Kb / 14P
   OSLON Black Series
SFH-4713A OSRAM-SFH-4713A Datasheet
748Kb / 13P
   OSLON Black Series
SFH4725S OSRAM-SFH4725S_17 Datasheet
528Kb / 13P
   OSLON Black Series
SFH4716A OSRAM-SFH4716A_18 Datasheet
528Kb / 14P
   OSLON Black Series
SFH4715A OSRAM-SFH4715A Datasheet
781Kb / 14P
   OSLON Black Series
SFH-4715A OSRAM-SFH-4715A Datasheet
781Kb / 14P
   OSLON Black Series
SFH4715S OSRAM-SFH4715S_16 Datasheet
501Kb / 13P
   OSLON Black Series
SFH-4714A OSRAM-SFH-4714A Datasheet
585Kb / 13P
   OSLON Black Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com